Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS7160L-2A-E4 Datasheet(PDF) 5 Page - NEC

Part # PS7160L-2A-E4
Description  8-PIN DIP, 600 V BREAK DOWN VOLTAGE 2-ch Optical Coupled MOS FET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS7160L-2A-E4 Datasheet(HTML) 5 Page - NEC

  PS7160L-2A-E4 Datasheet HTML 1Page - NEC PS7160L-2A-E4 Datasheet HTML 2Page - NEC PS7160L-2A-E4 Datasheet HTML 3Page - NEC PS7160L-2A-E4 Datasheet HTML 4Page - NEC PS7160L-2A-E4 Datasheet HTML 5Page - NEC PS7160L-2A-E4 Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
NORMALIZED TURN-ON TIME
vs. AMBIENT TEMPERATURE
Ambient Temperature, TA (
°C)
NORMALIZED TURN-OFF TIME
vs. AMBIENT TEMPERATURE
Ambient Temperature, TA (
°C)
TYPICAL PERFORMANCE CURVES (TA = 25 °C)
PS7160-2A, PS7160L-2A
Normalized to 1.0
at TA = 25
°C
IF = 10 mA
VL = 5 V
RL = 500
3.0
2.5
2.0
1.5
1.0
0.5
0.0
-25
0
25
50
75
100
Normalized to 1.0
at TA = 25
°C
IF = 10 mA
VL = 5 V
RL = 500
3.0
2.5
2.0
1.5
1.0
0.5
0.0
-25
025
50
75
100
TAPING SPECIFICATIONS (Units in mm)
OUTLINE AND DIMENSIONS (REEL)
Packaging : 1000 pcs/reel
OUTLINE AND DIMENSIONS (TAPE)
TAPING DIRECTION
PS7160L-2A-E3
PS7160L-2A-E4
4.0 ± 0.1
2.0 ± 0.1
1.55 ± 0.1
1.55 ± 0.1
10.4 ± 0.1
4.3 ± 0.2
0.3
12.0 ± 0.1
2.0
± 0.5
φ13.0 ± 0.5
φ21.0 ± 0.3
R 10
16.4
+2.0
- 0.0


Similar Part No. - PS7160L-2A-E4

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS7160L-2A-E4 CEL-PS7160L-2A-E4 Datasheet
341Kb / 11P
   8-PIN DIP, 600V BREAK DOWN VOLTAGE 2-cH Optical Coupled MOSFET
logo
Renesas Technology Corp
PS7160L-2A-E4 RENESAS-PS7160L-2A-E4 Datasheet
221Kb / 15P
   8-PIN DIP, 600 V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE
PS7160L-2A-E4 RENESAS-PS7160L-2A-E4 Datasheet
228Kb / 15P
   8-PIN DIP, 600 V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE 2-ch Optical Coupled MOS FET
logo
California Eastern Labs
PS7160L-2A-E4-A CEL-PS7160L-2A-E4-A Datasheet
341Kb / 11P
   8-PIN DIP, 600V BREAK DOWN VOLTAGE 2-cH Optical Coupled MOSFET
More results

Similar Description - PS7160L-2A-E4

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS7142-2A CEL-PS7142-2A Datasheet
339Kb / 11P
   8-PIN DIP, 400 V BREAK DOWN VOLTAGE 2-ch Optical Coupled MOS FET
logo
NEC
PS7111-2A NEC-PS7111-2A Datasheet
71Kb / 12P
   8-PIN DIP, 100 V BREAK DOWN VOLTAGE 2-ch Optical Coupled MOS FET
logo
California Eastern Labs
PS7141-2A CEL-PS7141-2A Datasheet
345Kb / 10P
   8-PIN DIP, 400 V BREAK DOWN VOLTAGE 2-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS7160-2A RENESAS-PS7160-2A_15 Datasheet
228Kb / 15P
   8-PIN DIP, 600 V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE 2-ch Optical Coupled MOS FET
logo
California Eastern Labs
PS7160-1A CEL-PS7160-1A Datasheet
350Kb / 11P
   6-PIN DIP, 600 V BREAK DOWN VOLTAGE 1-ch Optical Coupled MOS FET
logo
NEC
PS7122-1A NEC-PS7122-1A Datasheet
81Kb / 12P
   6, 8-PIN DIP, 200 V BREAK DOWN VOLTAGE 1-ch, 2-ch Optical Coupled MOS FET
PS7122A-1C NEC-PS7122A-1C Datasheet
74Kb / 12P
   8-PIN DIP, 250 V BREAK DOWN VOLTAGE, TRANSFER TYPE 2-ch Optical Coupled MOS FET
logo
California Eastern Labs
PS7141-1C CEL-PS7141-1C Datasheet
368Kb / 12P
   8-PIN DIP, 400 V BREAK DOWN VOLTAGE, TRANSFER TYPE 2-ch Optical Coupled MOS FET
logo
NEC
PS7142-1C NEC-PS7142-1C Datasheet
75Kb / 12P
   8-PIN DIP, 400 V BREAK DOWN VOLTAGE, TRANSFER TYPE 2-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS7122A-1C RENESAS-PS7122A-1C Datasheet
263Kb / 16P
   8-PIN DIP, 250 V BREAK DOWN VOLTAGE TRANSFER TYPE 2-ch Optical Coupled MOS FET
April 1st, 2010
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com