Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TO-263 Datasheet(PDF) 2 Page - Littelfuse

Part # TO-263
Description  Sample Instructions for Choosing a Packing Option
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

TO-263 Datasheet(HTML) 2 Page - Littelfuse

  TO-263 Datasheet HTML 1Page - Littelfuse TO-263 Datasheet HTML 2Page - Littelfuse TO-263 Datasheet HTML 3Page - Littelfuse TO-263 Datasheet HTML 4Page - Littelfuse TO-263 Datasheet HTML 5Page - Littelfuse TO-263 Datasheet HTML 6Page - Littelfuse TO-263 Datasheet HTML 7Page - Littelfuse TO-263 Datasheet HTML 8Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Packing Options
Data Sheets
http://www.littelfuse.com
M3 - 2
2004 Littelfuse, Inc.
+1 972-580-7777
Thyristor Product Catalog
Package Type and Packing Options
Package Type
Package Code
Packing Options
Bulk Pack
Reel Pack
(RP)
Ammo Pack
(AP)
Tube Pack
(TP)
Embossed Carrier
(RP)
TO-92
E
2,000
2,000
2,000
Contact factory
for availability
Only
Type 73
TO-220
L, R
500
n/a
n/a
50
Only
Type 67 and 68
TO-202
F
500
700 (Type 2)
n/a
50
Only
Type 43
TO-218
K, J, M, W
250
n/a
n/a
Contact factory
for availability
n/a
Fastpak
P
160
n/a
n/a
n/a
n/a
TO-251 V-Pak
V
1,000
Contact factory
for availability
n/a
75
n/a
TO-252 D-Pak
D
n/a
n/a
n/a
75
2500
TO-263 D2Pak
N
n/a
n/a
n/a
50
500
DO-214
S
1,000
n/a
n/a
n/a
2500
Compak
C
1,000
n/a
n/a
n/a
2500
DO-35
Y
10,000
Minimum order
of 5,000
available
5,000
n/a
n/a
n/a
DO-15X
G
1,000
5,000
n/a
n/a
n/a


Similar Part No. - TO-263

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
TO-263 HSMC-TO-263 Datasheet
71Kb / 6P
   N-Channel Power Field Effect Transistor
logo
Vishay Siliconix
TO-263 VISHAY-TO-263 Datasheet
104Kb / 6P
   N-Channel 100-V (D-S) 175 °C MOSFET
Rev. D, 12-Jun-06
logo
Semtech Corporation
TO-263 SEMTECH-TO-263 Datasheet
168Kb / 6P
   3 Amp Positive Voltage Regulator
logo
Continental Device Indi...
TO-263 CDIL-TO-263 Datasheet
415Kb / 3P
   TO-263 D PAK SMD Plastic Package Package Outline and Packaging Information
logo
ZP Semiconductor
TO-263 ZPSEMI-TO-263 Datasheet
1Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
More results

Similar Description - TO-263

ManufacturerPart #DatasheetDescription
logo
Littelfuse
S8055NTP LITTELFUSE-S8055NTP Datasheet
306Kb / 8P
   Sample Instructions for Choosing a Packing Option
K2000SRP LITTELFUSE-K2000SRP Datasheet
306Kb / 8P
   Sample Instructions for Choosing a Packing Option
logo
List of Unclassifed Man...
Q4006N4TP ETC2-Q4006N4TP Datasheet
306Kb / 8P
   Sample Instructions for Choosing a Packing Option
logo
Littelfuse
L6008L6TP LITTELFUSE-L6008L6TP Datasheet
306Kb / 8P
   Sample Instructions for Choosing a Packing Option
K2400GRP LITTELFUSE-K2400GRP Datasheet
306Kb / 8P
   Sample Instructions for Choosing a Packing Option
logo
List of Unclassifed Man...
Q4004D4RP ETC2-Q4004D4RP Datasheet
306Kb / 8P
   Sample Instructions for Choosing a Packing Option
FQD5N50CTM ETC2-FQD5N50CTM Datasheet
236Kb / 2P
   TO252-3L, JEDEC OPTION AA, PACKING CONFIGURATION Figure 1.0
logo
STMicroelectronics
AN1756 STMICROELECTRONICS-AN1756 Datasheet
208Kb / 10P
   Choosing a DALI implementation strategy with ST7DALIF2
logo
List of Unclassifed Man...
FQD3N40TM ETC2-FQD3N40TM Datasheet
236Kb / 2P
   TO252-3L, JEDEC OPTION AA, PACKING CONFIGURATION Figure 1.0
logo
STMicroelectronics
TN0107 STMICROELECTRONICS-TN0107 Datasheet
710Kb / 15P
   Mounting instructions for STMicroelectronics
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com