Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RS1A-F Datasheet(PDF) 2 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

Part # RS1A-F
Description  SURFACE MOUNT SUPER FAST RECTIFIER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

RS1A-F Datasheet(HTML) 2 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

  RS1A-F Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd RS1A-F Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd RS1A-F Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd RS1A-F Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd RS1A-F Datasheet HTML 5Page - Sangdest Microelectronic (Nanjing) Co., Ltd RS1A-F Datasheet HTML 6Page - Sangdest Microelectronic (Nanjing) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SANGDEST
MICROELECTRONICS
Technical Data
Green Products
Data Sheet N1006, Rev. B
• Weiqi Street, Airport Development Zone, Jiangning District, Nanjing, China 211113
(86) 25-87123907
• FAX (86) 25-87123900 • World Wide Web Site - http://www.sangdest.com.cn • E-Mail Address - sales@ sangdest.com.cn •
RS1A-F THRU RS1M-F
OPTION 2(CR)
SMA


Similar Part No. - RS1A-F

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
RS1A-13-F DIODES-RS1A-13-F Datasheet
107Kb / 3P
   1.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
DS15002 Rev. 11 - 2
logo
Jiangsu High diode Semi...
RS1A-J HDSEMI-RS1A-J Datasheet
1Mb / 4P
   SMAJ Plastic-Encapsulate Diodes
logo
Frontier Electronics.
RS1A-LFR FRONTIER-RS1A-LFR Datasheet
128Kb / 2P
   1A SURFACE MOUNT FAST RECOVERY RECTIFIERS
logo
Dongguan City Niuhang E...
RS1A-NH-E-OK NIUHANG-RS1A-NH-E-OK Datasheet
2Mb / 3P
   FAST RECOVERY RECTIFIERS
logo
Kingtronics Internation...
RS1A-RS1M KINGTRONICS-RS1A-RS1M Datasheet
486Kb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIER
More results

Similar Description - RS1A-F

ManufacturerPart #DatasheetDescription
logo
Diotech Company.
ES2BA DIOTECH-ES2BA Datasheet
729Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIER
logo
Shanghai Shunye Electro...
ES2A SY-ES2A Datasheet
234Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIER
logo
Diotech Company.
ES2A DIOTECH-ES2A Datasheet
855Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIER
ES3A DIOTECH-ES3A Datasheet
882Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIER
ES1B DIOTECH-ES1B Datasheet
838Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIER
logo
Sangdest Microelectroni...
ER2A SMC-ER2A Datasheet
157Kb / 4P
   SURFACE MOUNT SUPER FAST RECTIFIER
ER5A SMC-ER5A Datasheet
160Kb / 4P
   SURFACE MOUNT SUPER FAST RECTIFIER
logo
Formosa MS
ES3A FORMOSA-ES3A Datasheet
118Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIER
logo
List of Unclassifed Man...
ES1AF ETC2-ES1AF Datasheet
526Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIER
ES3AF ETC2-ES3AF Datasheet
975Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com