Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS7211-2A Datasheet(PDF) 6 Page - NEC

Part # PS7211-2A
Description  8-PIN SOP 100 V BREAK DOWN VOLTAGE 2-ch Optical Coupled MOS FET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS7211-2A Datasheet(HTML) 6 Page - NEC

Back Button PS7211-2A Datasheet HTML 2Page - NEC PS7211-2A Datasheet HTML 3Page - NEC PS7211-2A Datasheet HTML 4Page - NEC PS7211-2A Datasheet HTML 5Page - NEC PS7211-2A Datasheet HTML 6Page - NEC PS7211-2A Datasheet HTML 7Page - NEC PS7211-2A Datasheet HTML 8Page - NEC PS7211-2A Datasheet HTML 9Page - NEC PS7211-2A Datasheet HTML 10Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Data Sheet P11563EJ5V0DS00
6
PS7211-2A
0.02
0.04
30
20
15
10
0
5
25
5
15
20
30
25
10
0.5
0.4
0.3
0.2
0.1
0
VO = 5 V
0.1
0.3
0.5
0.2
0.4
30
20
15
10
0
5
25
–25
0
25
50
75
100
3.0
2.5
2.0
1.0
0.0
0.5
1.5
Normalized to 1.0
at TA = 25 ˚C,
IF = 10 mA,
IL = 10 mA
Ambient Temperature TA (˚C)
NORMALIZED ON-STATE RESISTANCE vs.
AMBIENT TEMPERATURE
3.2
3.4
3.6
3.3
3.5
30
20
15
10
0
5
25
n = 50 pcs,
IF = 10 mA,
IL = 10 mA
ON-STATE RESISTANCE DISTRIBUTION
On-state Resistance Ron (
Ω)
VO = 5 V
5
15
20
25
10
30
2.5
2.0
1.5
1.0
0.5
0
TURN-ON TIME vs. FORWARD CURRENT
Forward Current IF (mA)
TURN-OFF TIME vs. FORWARD CURRENT
Forward Current IF (mA)
Turn-on Time ton (ms)
TURN-ON TIME DISTRIBUTION
n = 50 pcs,
IF = 10 mA,
VO = 5 V
n = 50 pcs,
IF = 10 mA,
VO = 5 V
Turn-off Time toff (ms)
TURN-OFF TIME DISTRIBUTION


Similar Part No. - PS7211-2A

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS7211-2A CEL-PS7211-2A Datasheet
50Kb / 6P
   8 PIN SOP 100 V BREAKDOWN VOLTAGE 2-CH OPTICAL COUPLED MOSFET
PS7211-2A-F3 CEL-PS7211-2A-F3 Datasheet
50Kb / 6P
   8 PIN SOP 100 V BREAKDOWN VOLTAGE 2-CH OPTICAL COUPLED MOSFET
PS7211-2A-F4 CEL-PS7211-2A-F4 Datasheet
50Kb / 6P
   8 PIN SOP 100 V BREAKDOWN VOLTAGE 2-CH OPTICAL COUPLED MOSFET
More results

Similar Description - PS7211-2A

ManufacturerPart #DatasheetDescription
logo
NEC
PS7221-2A NEC-PS7221-2A Datasheet
69Kb / 12P
   8-PIN SOP 200 V BREAK DOWN VOLTAGE 2-ch Optical Coupled MOS FET
PS7221A-2A NEC-PS7221A-2A Datasheet
70Kb / 7P
   8-PIN SOP, 260 V BREAK DOWN VOLTAGE 2-ch Optical Coupled MOS FET
logo
California Eastern Labs
PS7241-2A CEL-PS7241-2A Datasheet
330Kb / 10P
   8-PIN SOP, 400V BREAK DOWN VOLTAGE 2-ch Optical Coupled MOS FET
logo
NEC
PS7212-1A NEC-PS7212-1A Datasheet
78Kb / 12P
   4-PIN SOP 100 V BREAK DOWN VOLTAGE 1-ch Optical Coupled MOS FET
PS7111-2A NEC-PS7111-2A Datasheet
71Kb / 12P
   8-PIN DIP, 100 V BREAK DOWN VOLTAGE 2-ch Optical Coupled MOS FET
PS7622A-2A NEC-PS7622A-2A Datasheet
45Kb / 6P
   8-PIN SOP, SLOW TYPE, 260 V BREAK DOWN VOLTAGE 2-CH OPTICAL COUPLED MOS FET
PS7241-1C NEC-PS7241-1C_1 Datasheet
103Kb / 13P
   8-PIN SOP, 400 V BREAK DOWN VOLTAGE TRANSFER TYPE 2-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS7241-1C RENESAS-PS7241-1C Datasheet
258Kb / 15P
   8-PIN SOP, 400 V BREAK DOWN VOLTAGE TRANSFER TYPE 2-ch Optical Coupled MOS FET
April 1st, 2010
PS7241-2B RENESAS-PS7241-2B Datasheet
252Kb / 14P
   8-PIN SOP, 400 V BREAK DOWN VOLTAGE NORMALLY CLOSE TYPE 2-ch Optical Coupled MOS FET
April 1st, 2010
logo
California Eastern Labs
PS76222A CEL-PS76222A Datasheet
48Kb / 6P
   8-PIN SOP, SLOW SWITCHING TYPE, 260 V BREAK DOWN VOLTAGE 2-CH OPTICAL COUPLED MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com