Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

39537-2007 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 39537-2007
Description  5.08mm Pitch Eurostyle Vertical Plug, with Retention Screws, Rear Wire Entry
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

39537-2007 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  39537-2007 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 12/23/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
39537-2007
Status:
Active
Overview:
Eurostyle™ Terminal Blocks
Description:
5.08mm Pitch Eurostyle™ Vertical Plug, with Retention Screws, Rear Wire Entry, 7
Circuits
Documents:
3D Model
RoHS Certificate of Compliance (PDF)
Drawing (PDF)
General
Product Family
Terminal Blocks
Series
39537
Application
N/A
Comments
Rear Wire Entry
Component Type
Plug
Overview
Eurostyle™ Terminal Blocks
Product Name
ESE, Eurostyle™Pluggable
Type
Euro Block
UPC
822350696746
Physical
Circuits (Loaded)
7
Entry Angle
Horizontal
Lock to Mating Part
Yes
Number of Rows
1
Orientation
Vertical
Panel Mount
No
Pitch - Mating Interface
5.08mm
Pitch - Termination Interface
5.08mm
Polarized to Mating Part
Yes
Stackable
No
Temperature Range - Operating
-40°C to +105°C
Wire Size AWG
12, 14, 16, 18, 20, 22, 24, 26
Wire Size mm²
0.13 - 3.31
Electrical
Current - Maximum per Contact
18A
Voltage - Maximum
300V
Material Info
Reference - Drawing Numbers
Sales Drawing
SD-39537-002
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Low-Halogen Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
39537Series
Mates With
Most 5.08mm (.200") Pitch Industry
Standard PCB Headers, 39535 Vertical
PCB Header with Threaded Retention
Inserts, 39536 Horizontal PCB Header with
Threaded Retention Inserts
This document was generated on 12/23/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 39537-2007

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
39537-2002 MOLEX11-39537-2002 Datasheet
44Kb / 1P
   5.08mm Pitch Eurostyle Vertical Plug, with Retention Screws, Rear Wire Entry
39537-2003 MOLEX11-39537-2003 Datasheet
44Kb / 1P
   5.08mm Pitch Eurostyle Vertical Plug, with Retention Screws, Rear Wire Entry
39537-2004 MOLEX11-39537-2004 Datasheet
44Kb / 1P
   5.08mm Pitch Eurostyle Vertical Plug, with Retention Screws, Rear Wire Entry
39537-2005 MOLEX11-39537-2005 Datasheet
44Kb / 1P
   5.08mm Pitch Eurostyle Vertical Plug, with Retention Screws, Rear Wire Entry
39537-2006 MOLEX11-39537-2006 Datasheet
44Kb / 1P
   5.08mm Pitch Eurostyle Vertical Plug, with Retention Screws, Rear Wire Entry
More results

Similar Description - 39537-2007

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
39537-2014 MOLEX11-39537-2014 Datasheet
44Kb / 1P
   5.08mm Pitch Eurostyle Vertical Plug, with Retention Screws, Rear Wire Entry
39537-2020 MOLEX11-39537-2020 Datasheet
44Kb / 1P
   5.08mm Pitch Eurostyle Vertical Plug, with Retention Screws, Rear Wire Entry
39537-3004 MOLEX11-39537-3004 Datasheet
44Kb / 1P
   5.08mm Pitch Eurostyle Vertical Plug, with Retention Screws, Rear Wire Entry
39537-2009 MOLEX11-39537-2009 Datasheet
44Kb / 1P
   5.08mm Pitch Eurostyle Vertical Plug, with Retention Screws, Rear Wire Entry
39537-2012 MOLEX11-39537-2012 Datasheet
44Kb / 1P
   5.08mm Pitch Eurostyle Vertical Plug, with Retention Screws, Rear Wire Entry
39537-2018 MOLEX11-39537-2018 Datasheet
44Kb / 1P
   5.08mm Pitch Eurostyle Vertical Plug, with Retention Screws, Rear Wire Entry
39537-2019 MOLEX11-39537-2019 Datasheet
44Kb / 1P
   5.08mm Pitch Eurostyle Vertical Plug, with Retention Screws, Rear Wire Entry
39537-2023 MOLEX11-39537-2023 Datasheet
44Kb / 1P
   5.08mm Pitch Eurostyle Vertical Plug, with Retention Screws, Rear Wire Entry
39537-3003 MOLEX11-39537-3003 Datasheet
44Kb / 1P
   5.08mm Pitch Eurostyle Vertical Plug, with Retention Screws, Rear Wire Entry
39537-3005 MOLEX11-39537-3005 Datasheet
44Kb / 1P
   5.08mm Pitch Eurostyle Vertical Plug, with Retention Screws, Rear Wire Entry
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com