Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS7200A-1A-F4 Datasheet(PDF) 3 Page - NEC

Part # PS7200A-1A-F4
Description  4-PIN SOP 3.0 pF LOW OUTPUT CAPACITANCE 1-ch Optical Coupled MOS FET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS7200A-1A-F4 Datasheet(HTML) 3 Page - NEC

  PS7200A-1A-F4 Datasheet HTML 1Page - NEC PS7200A-1A-F4 Datasheet HTML 2Page - NEC PS7200A-1A-F4 Datasheet HTML 3Page - NEC PS7200A-1A-F4 Datasheet HTML 4Page - NEC PS7200A-1A-F4 Datasheet HTML 5Page - NEC PS7200A-1A-F4 Datasheet HTML 6Page - NEC PS7200A-1A-F4 Datasheet HTML 7Page - NEC PS7200A-1A-F4 Datasheet HTML 8Page - NEC PS7200A-1A-F4 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Data Sheet P12636EJ4V0DS00
3
PS7200A-1A
ORDERING INFORMATION
Part Number
Package
Packing Style
Application Part Number
*1
PS7200A-1A
4-pin SOP
Magazine case 100 pcs
PS7200A-1A
PS7200A-1A-E3
Embossed Tape 900 pcs/reel
PS7200A-1A-E4
PS7200A-1A-F3
Embossed Tape 3 500 pcs/reel
PS7200A-1A-F4
*1 For the application of the Safety Standard, following part number should be used.
ABSOLUTE MAXIMUM RATINGS (TA = 25
°°°°C, unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Diode
Forward Current (DC)
IF
50
mA
Reverse Voltage
VR
5.0
V
Power Dissipation
PD
50
mW
Peak Forward Current
*1
IFP
1A
MOS FET
Break Down Voltage
VL
40
V
Continuous Load Current
IL
100
mA
Pulse Load Current
*2
(AC/DC Connection)
ILP
200
mA
Power Dissipation
PD
100
mW
Isolation Voltage
*3
BV
1 500
Vr.m.s.
Total Power Dissipation
PT
150
mW
Operating Ambient Temperature
TA
−40 to +80
°C
Storage Temperature
Tstg
−40 to +100
°C
*1 PW = 100
µs, Duty Cycle = 1 %
*2 PW = 100 ms, 1 shot
*3 AC voltage for 1 minute at TA = 25
°C, RH = 60 % between input and output


Similar Part No. - PS7200A-1A-F4

ManufacturerPart #DatasheetDescription
logo
NEC
PS7200A-1A-F4 NEC-PS7200A-1A-F4 Datasheet
67Kb / 7P
   4 PIN SOP 3.0 pF LOW OUTPUT CAPACITANCE 1-CH OPTICAL COUPLED MOSFET
logo
California Eastern Labs
PS7200A-1A-F4 CEL-PS7200A-1A-F4 Datasheet
202Kb / 13P
   4-PIN SOP, 3.0 pF LOW OUTPUT CAPACITANCE 1-ch Optical Coupled MOS FET
PS7200A-1A-F4-A CEL-PS7200A-1A-F4-A Datasheet
202Kb / 13P
   4-PIN SOP, 3.0 pF LOW OUTPUT CAPACITANCE 1-ch Optical Coupled MOS FET
More results

Similar Description - PS7200A-1A-F4

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS7200A-1A RENESAS-PS7200A-1A Datasheet
317Kb / 15P
   4-PIN SOP, 3.0 pF LOW OUTPUT CAPACITANCE 1-ch Optical Coupled MOS FET
April 1st, 2010
logo
California Eastern Labs
PS7200A-1A CEL-PS7200A-1A Datasheet
202Kb / 13P
   4-PIN SOP, 3.0 pF LOW OUTPUT CAPACITANCE 1-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS7200J-1A RENESAS-PS7200J-1A Datasheet
224Kb / 14P
   4-PIN SOP 1.7 pF LOW OUTPUT CAPACITANCE 1-ch Optical Coupled MOS FET
April 1st, 2010
PS7200R-1A RENESAS-PS7200R-1A Datasheet
261Kb / 15P
   4-PIN SOP, 1.1 pF LOW OUTPUT CAPACITANCE 1-ch Optical Coupled MOS FET
April 1st, 2010
logo
NEC
PS7200A-1A NEC-PS7200A-1A_01 Datasheet
67Kb / 7P
   4 PIN SOP 3.0 pF LOW OUTPUT CAPACITANCE 1-CH OPTICAL COUPLED MOSFET
PS7200R NEC-PS7200R Datasheet
147Kb / 7P
   NECs 4 PIN SOP, 1.1 pF LOW OUTPUT CAPACITANCE 1-ch OPTICAL COUPLED MOSFET
logo
California Eastern Labs
PS7901D-1A CEL-PS7901D-1A Datasheet
503Kb / 8P
   4-PIN SMALL FLAT-LEAD, LOW OUTPUT CAPACITANCE (0.75 pF) 1-ch Optical Coupled MOS FET
logo
NEC
PS7801D-1A NEC-PS7801D-1A_1 Datasheet
114Kb / 13P
   4-PIN ULTRA SMALL FLAT-LEAD, LOW OUTPUT CAPACITANCE (0.6 pF) 1-ch Optical Coupled MOS FET
PS7801F-1A NEC-PS7801F-1A Datasheet
94Kb / 10P
   4-PIN ULTRA SMALL FLAT-LEAD, LOW OUTPUT CAPACITANCE (0.9 pF) 1-ch Optical Coupled MOS FET
logo
California Eastern Labs
PS7802-1A CEL-PS7802-1A Datasheet
342Kb / 14P
   4-PIN ULTRA SMALL FLAT-LEAD, LOW OUTPUT CAPACITANCE (1.6 pF), 1-ch Optical Coupled MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com