Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

39537-3024 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 39537-3024
Description  5.08mm Pitch Eurostyle Vertical Plug, with Retention Screws, Front Wire Entry
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

39537-3024 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  39537-3024 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 12/22/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
39537-3024
Status:
Active
Overview:
Eurostyle™ Terminal Blocks
Description:
5.08mm Pitch Eurostyle™ Vertical Plug, with Retention Screws, Front Wire Entry, 24
Circuits
Documents:
3D Model
RoHS Certificate of Compliance (PDF)
Drawing (PDF)
General
Product Family
Terminal Blocks
Series
39537
Application
N/A
Comments
Front Wire Entry
Component Type
Plug
Overview
Eurostyle™ Terminal Blocks
Product Name
ESE, Eurostyle™Pluggable
Type
Euro Block
UPC
822350673419
Physical
Circuits (Loaded)
24
Entry Angle
Horizontal
Lock to Mating Part
Yes
Number of Rows
1
Orientation
Vertical
Panel Mount
No
Pitch - Mating Interface
5.08mm
Pitch - Termination Interface
5.08mm
Polarized to Mating Part
Yes
Stackable
No
Temperature Range - Operating
-40°C to +105°C
Wire Size AWG
12, 14, 16, 18, 20, 22, 24, 26
Wire Size mm²
0.13 - 3.31
Electrical
Current - Maximum per Contact
18A
Voltage - Maximum
300V
Material Info
Reference - Drawing Numbers
Sales Drawing
SD-39537-001
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Low-Halogen Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
39537Series
Mates With
Most 5.08mm (.200") Pitch Industry
Standard PCB Headers, 39535 Vertical
PCB Header with Threaded Retention
Inserts, 39536 Horizontal PCB Header with
Threaded Retention Inserts
This document was generated on 12/22/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 39537-3024

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
39537-3020 MOLEX11-39537-3020 Datasheet
44Kb / 1P
   5.08mm Pitch Eurostyle Vertical Plug, with Retention Screws, Front Wire Entry
39537-3021 MOLEX11-39537-3021 Datasheet
44Kb / 1P
   5.08mm Pitch Eurostyle Vertical Plug, with Retention Screws, Front Wire Entry
39537-3022 MOLEX11-39537-3022 Datasheet
44Kb / 1P
   5.08mm Pitch Eurostyle Vertical Plug, with Retention Screws, Front Wire Entry
39537-3023 MOLEX11-39537-3023 Datasheet
44Kb / 1P
   5.08mm Pitch Eurostyle Vertical Plug, with Retention Screws, Front Wire Entry
More results

Similar Description - 39537-3024

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
39537-3018 MOLEX11-39537-3018 Datasheet
44Kb / 1P
   5.08mm Pitch Eurostyle Vertical Plug, with Retention Screws, Front Wire Entry
39537-3019 MOLEX11-39537-3019 Datasheet
44Kb / 1P
   5.08mm Pitch Eurostyle Vertical Plug, with Retention Screws, Front Wire Entry
39537-3020 MOLEX11-39537-3020 Datasheet
44Kb / 1P
   5.08mm Pitch Eurostyle Vertical Plug, with Retention Screws, Front Wire Entry
39537-3021 MOLEX11-39537-3021 Datasheet
44Kb / 1P
   5.08mm Pitch Eurostyle Vertical Plug, with Retention Screws, Front Wire Entry
39537-3014 MOLEX11-39537-3014 Datasheet
44Kb / 1P
   5.08mm Pitch Eurostyle Vertical Plug, with Retention Screws, Front Wire Entry
39537-3013 MOLEX11-39537-3013 Datasheet
44Kb / 1P
   5.08mm Pitch Eurostyle Vertical Plug, with Retention Screws, Front Wire Entry
39537-3015 MOLEX11-39537-3015 Datasheet
44Kb / 1P
   5.08mm Pitch Eurostyle Vertical Plug, with Retention Screws, Front Wire Entry
39537-3016 MOLEX11-39537-3016 Datasheet
44Kb / 1P
   5.08mm Pitch Eurostyle Vertical Plug, with Retention Screws, Front Wire Entry
39537-3017 MOLEX11-39537-3017 Datasheet
44Kb / 1P
   5.08mm Pitch Eurostyle Vertical Plug, with Retention Screws, Front Wire Entry
39537-3022 MOLEX11-39537-3022 Datasheet
44Kb / 1P
   5.08mm Pitch Eurostyle Vertical Plug, with Retention Screws, Front Wire Entry
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com