Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATV2500B Datasheet(PDF) 5 Page - ATMEL Corporation

Part # ATV2500B
Description  High-performance, High-density Programmable Logic Device
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATV2500B Datasheet(HTML) 5 Page - ATMEL Corporation

  ATV2500B_14 Datasheet HTML 1Page - ATMEL Corporation ATV2500B_14 Datasheet HTML 2Page - ATMEL Corporation ATV2500B_14 Datasheet HTML 3Page - ATMEL Corporation ATV2500B_14 Datasheet HTML 4Page - ATMEL Corporation ATV2500B_14 Datasheet HTML 5Page - ATMEL Corporation ATV2500B_14 Datasheet HTML 6Page - ATMEL Corporation ATV2500B_14 Datasheet HTML 7Page - ATMEL Corporation ATV2500B_14 Datasheet HTML 8Page - ATMEL Corporation ATV2500B_14 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
ATV2500B(Q)(L)
5
Output Logic, Registered
(1)
Output Logic, Combinatiorial
(1)
Note:
1. These diagrams show equivalent logic functions, not
necessarily the actual circuit implementation.
Note:
1. These four terms are shared with D/T1.
Clock Option
S2 = 0
Terms in
Output Configuration
S1
S0
D/T1
D/T2
0084
Registered (Q1); Q2 FB
10
12
4
(1)
Registered (Q1); Q2 FB
1184
Registered (Q1); D/T2 FB
S3
Output
Configuration
S6
Q1 CLOCK
0
Active Low
0
CK1
1
Active High
1
CK1 • PIN1
S4
Register 1 Type
S7
Q2 CLOCK
0D
0CK2
1T
1CK2 • PIN1
S5
Register 2 Type
0D
1T
S2 = 1
Terms in
Output Configuration
S5
S1
S0
D/T1
D/T2
X0
0
4
(1)
4
Combinatorial (8 Terms);
Q2 FB
X
0144
Combinatorial (4 Terms);
Q2 FB
X1
0
4
(1)
4
(1)
Combinatorial (12 Terms);
Q2 FB
111
4
(1)
4
Combinatorial (8 Terms);
D/T2 FB
01144
Combinatorial (4 Terms);
D/T2 FB


Similar Part No. - ATV2500B_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATV2500B-12JC ATMEL-ATV2500B-12JC Datasheet
868Kb / 18P
   High-Speed High-Density UV Erasable Programmable Logic Device
ATV2500B-12KC ATMEL-ATV2500B-12KC Datasheet
868Kb / 18P
   High-Speed High-Density UV Erasable Programmable Logic Device
ATV2500B-15JC ATMEL-ATV2500B-15JC Datasheet
868Kb / 18P
   High-Speed High-Density UV Erasable Programmable Logic Device
ATV2500B-15JI ATMEL-ATV2500B-15JI Datasheet
868Kb / 18P
   High-Speed High-Density UV Erasable Programmable Logic Device
ATV2500B-15KC ATMEL-ATV2500B-15KC Datasheet
868Kb / 18P
   High-Speed High-Density UV Erasable Programmable Logic Device
More results

Similar Description - ATV2500B_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATV2500BQL ATMEL-ATV2500BQL_14 Datasheet
762Kb / 21P
   High-performance, High-density Programmable Logic Device
ATV2500BQ ATMEL-ATV2500BQ_14 Datasheet
762Kb / 21P
   High-performance, High-density Programmable Logic Device
ATF2500C ATMEL-ATF2500C_14 Datasheet
620Kb / 24P
   High-performance, High-density, Electrically-erasable Programmable Logic Device
ATV750 ATMEL-ATV750 Datasheet
544Kb / 14P
   High Density UV Erasable Programmable Logic Device
ATF1504ASL ATMEL-ATF1504ASL Datasheet
393Kb / 33P
   High performance Complex Programmable Logic Device
ATV2500H ATMEL-ATV2500H Datasheet
661Kb / 15P
   High-Density UV-Erasable Programmable Logic Device
ATF1504AS ATMEL-ATF1504AS_14 Datasheet
1Mb / 31P
   High-performance Complex Programmable Logic Device
ATV5000 ATMEL-ATV5000 Datasheet
156Kb / 13P
   High Density UV Erasable Programmable Logic Device
ATV2500B ATMEL-ATV2500B Datasheet
868Kb / 18P
   High-Speed High-Density UV Erasable Programmable Logic Device
logo
Lattice Semiconductor
ISP1016E LATTICE-ISP1016E Datasheet
198Kb / 15P
   High-Density Programmable Logic
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com