Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATV2500BQL Datasheet(PDF) 9 Page - ATMEL Corporation

Part # ATV2500BQL
Description  High-performance, High-density Programmable Logic Device
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATV2500BQL Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button ATV2500BQL_14 Datasheet HTML 5Page - ATMEL Corporation ATV2500BQL_14 Datasheet HTML 6Page - ATMEL Corporation ATV2500BQL_14 Datasheet HTML 7Page - ATMEL Corporation ATV2500BQL_14 Datasheet HTML 8Page - ATMEL Corporation ATV2500BQL_14 Datasheet HTML 9Page - ATMEL Corporation ATV2500BQL_14 Datasheet HTML 10Page - ATMEL Corporation ATV2500BQL_14 Datasheet HTML 11Page - ATMEL Corporation ATV2500BQL_14 Datasheet HTML 12Page - ATMEL Corporation ATV2500BQL_14 Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
ATV2500B(Q)(L)
9
AC Waveforms
(1) Combinatorial Outputs and Feedback
Note:
1. Timing measurement reference is 1.5V. Input AC driving levels are 0.0V and 3.0V, unless otherwise specified.
Register AC Characteristics, Product Term Clock
Symbol
Parameter
-12
-15
-20
-25
-30
Units
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
tCOA
Clock to Output
12
15
20
22
25
ns
t
CFA
Clock to Feedback
3
7
5
12
10
16
12
18
13
20
ns
t
SIA
Input Setup Time
4
5
10
15
19
ns
tSFA
Feedback Setup Time
4
5
8
10
10
ns
t
HA
Hold Time
3
5
10
12
13
ns
t
WA
Clock Width
5.5
7.5
11
14
15
ns
tPA
Clock Period
11
15
22
28
30
ns
F
MAXA
External Feedback 1/(t
SIA + tCOA)
62.5
50332723
MHz
Internal Feedback 1/(t
SFA + tCFA)
9058383624
MHz
No Feedback 1/(tPS)
9066453633
MHz
t
ARA
Asynchronous Reset/Preset
Recovery Time
3
8
12
15
18
ns


Similar Part No. - ATV2500BQL_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATV2500BQL-25DC ATMEL-ATV2500BQL-25DC Datasheet
868Kb / 18P
   High-Speed High-Density UV Erasable Programmable Logic Device
ATV2500BQL-25DI ATMEL-ATV2500BQL-25DI Datasheet
868Kb / 18P
   High-Speed High-Density UV Erasable Programmable Logic Device
ATV2500BQL-25JC ATMEL-ATV2500BQL-25JC Datasheet
868Kb / 18P
   High-Speed High-Density UV Erasable Programmable Logic Device
ATV2500BQL-25JI ATMEL-ATV2500BQL-25JI Datasheet
868Kb / 18P
   High-Speed High-Density UV Erasable Programmable Logic Device
ATV2500BQL-25KC ATMEL-ATV2500BQL-25KC Datasheet
868Kb / 18P
   High-Speed High-Density UV Erasable Programmable Logic Device
More results

Similar Description - ATV2500BQL_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATV2500B ATMEL-ATV2500B_14 Datasheet
762Kb / 21P
   High-performance, High-density Programmable Logic Device
ATV2500BQ ATMEL-ATV2500BQ_14 Datasheet
762Kb / 21P
   High-performance, High-density Programmable Logic Device
ATF2500C ATMEL-ATF2500C_14 Datasheet
620Kb / 24P
   High-performance, High-density, Electrically-erasable Programmable Logic Device
ATV750 ATMEL-ATV750 Datasheet
544Kb / 14P
   High Density UV Erasable Programmable Logic Device
ATF1504ASL ATMEL-ATF1504ASL Datasheet
393Kb / 33P
   High performance Complex Programmable Logic Device
ATV2500H ATMEL-ATV2500H Datasheet
661Kb / 15P
   High-Density UV-Erasable Programmable Logic Device
ATF1504AS ATMEL-ATF1504AS_14 Datasheet
1Mb / 31P
   High-performance Complex Programmable Logic Device
ATV5000 ATMEL-ATV5000 Datasheet
156Kb / 13P
   High Density UV Erasable Programmable Logic Device
ATV2500B ATMEL-ATV2500B Datasheet
868Kb / 18P
   High-Speed High-Density UV Erasable Programmable Logic Device
logo
Lattice Semiconductor
ISP1016E LATTICE-ISP1016E Datasheet
198Kb / 15P
   High-Density Programmable Logic
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com