Selected language     English  ▼


H-455C Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part No. H-455C
Description  QUAD LEVEL T-3(3mm) LED HOLDER TWO-PIECE
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo 

   
 1 page
background image
BH-340 SPACER
PACKED SEPARATELY
0.660 [16.8mm]
0.100 [2.5mm]
Ø.135 [Ø3.4mm]
0.550 [14.0mm]
0.400 [10.2mm]
0.250 [6.3mm]
0.100 [2.5mm]
0.170 [4.3mm]
0.100 [2.5mm]
0.250 [6.4mm]
0.075 [1.9mm]
Holder
Face
TYP.
0.475 [12.1mm]
0.400 [10.2mm]
0.325 [8.3mm]
0.170 [4.3mm]
0.250 [6.4mm]
0.555 [14.1mm]
Recommended Mounting Holes
0.150 [3.8mm]
0.225 [5.7mm]
Ø.032
+.003
-.002
TYP.
STANDARD TOLERANCE
®
1. GENERAL SPECIFICATIONS: BIVAR MOLDED COMPONENT SPECIFICATION BV00-E101.
CAGE CODE : 32559
PART NO:
TITLE:
CAD GENERATED DOCUMENT, DO NOT MEASURE DRAWING.
QUAD LEVEL T-1 (3mm)
LED HOLDER TWO-PIECE
DECIMALS
.X
± .1
.XX
± .01
.XXX
± .005
Shane Irving
M. Chen
( UNLESS OTHERWISE SPECIFIED )
DESIGNED:
CHECKED:
ANGULAR
DATE:
DATE:
± 1°
06/24/02
06/25/02
4 THOMAS, IRVINE, CA. 92618
TEL: (949) 951-8808
FAX: (949) 951-3974
SHEET #
OF
H-455C
REVISION:
1
1
D
Engineering Update w/o Changes
B
REV.
DESCRIPTION
02/27/04
DATE
M. C.
APPROVED
2. MATERIAL: NYLON 6/6, 94V-0, BLACK. BIVAR MATERIAL CODE 22-BK.
RTP POLYAMIDE NYLON 6/6, 0200 FR, BLACK OR MODIFIED PLASTICS MN6/6-SE BK.
Changed Section View from Left Holes to Right
Holes. Changed bottom holes from .030 SQ. to
.020X.030.
C
M. C.
01/20/05
Removed BH-340 Dimensions
D
08/16/07
M. C.




Html Pages

1 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl