Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTD4809NAT4G Datasheet(PDF) 2 Page - ON Semiconductor

Part # NTD4809NAT4G
Description  25 V, 58 A, Single N- Channel, DPAK/IPAK
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTD4809NAT4G Datasheet(HTML) 2 Page - ON Semiconductor

  NTD4809NAT4G Datasheet HTML 1Page - ON Semiconductor NTD4809NAT4G Datasheet HTML 2Page - ON Semiconductor NTD4809NAT4G Datasheet HTML 3Page - ON Semiconductor NTD4809NAT4G Datasheet HTML 4Page - ON Semiconductor NTD4809NAT4G Datasheet HTML 5Page - ON Semiconductor NTD4809NAT4G Datasheet HTML 6Page - ON Semiconductor NTD4809NAT4G Datasheet HTML 7Page - ON Semiconductor NTD4809NAT4G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
NTD4809NA
http://onsemi.com
2
THERMAL RESISTANCE MAXIMUM RATINGS
Parameter
Symbol
Value
Unit
Junction-to-Case (Drain)
RqJC
2.9
°C/W
Junction-to-T AB (Drain)
RqJC- TAB
3.5
Junction-to-Ambient - Steady State (Note 1)
RqJA
74
Junction-to-Ambient - Steady State (Note 2)
RqJA
116
1. Surface-mounted on FR4 board using 1 in sq pad size, 1 oz Cu.
2. Surface-mounted on FR4 board using the minimum recommended pad size.
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise noted)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain-to-Source Breakdown Voltage
V(BR)DSS
VGS = 0 V, ID = 250 mA
30
V
Drain-to-Source Breakdown Voltage
Temperature Coefficient
V(BR)DSS/TJ
25
mV/
°C
Zero Gate Voltage Drain Current
IDSS
VGS = 0 V,
VDS = 24 V
TJ = 25°C
1.0
mA
TJ = 125°C
10
Gate-to-Source Leakage Current
IGSS
VDS = 0 V, VGS = "20 V
"100
nA
ON CHARACTERISTICS (Note 3)
Gate Threshold Voltage
VGS(TH)
VGS = VDS, ID = 250 mA
1.5
2.5
V
Negative Threshold Temperature Coefficient
VGS(TH)/TJ
5.7
mV/
°C
Drain-to-Source On Resistance
RDS(on)
VGS = 10 to
11.5 V
ID = 30 A
7.0
9.0
m
W
ID = 15 A
7.0
VGS = 4.5 V
ID = 30 A
12
14
ID = 15 A
11
Forward Transconductance
gFS
VDS = 15 V, ID = 15 A
9.0
S
CHARGES AND CAPACITANCES
Input Capacitance
Ciss
VGS = 0 V, f = 1.0 MHz,
VDS = 12 V
1456
pF
Output Capacitance
Coss
315
Reverse Transfer Capacitance
Crss
200
Total Gate Charge
QG(TOT)
VGS = 4.5 V, VDS = 15 V,
ID = 30 A
11
13
nC
Threshold Gate Charge
QG(TH)
2.5
Gate-to-Source Charge
QGS
4.8
Gate-to-Drain Charge
QGD
5.0
Total Gate Charge
QG(TOT)
VGS = 11.5 V, VDS = 15 V,
ID = 30 A
25
nC
SWITCHING CHARACTERISTICS (Note 4)
Turn-On Delay Time
td(on)
VGS = 4.5 V, VDS = 15 V,
ID = 15 A, RG = 3.0 W
12.3
ns
Rise Time
tr
21.3
Turn-Of f Delay Time
td(off)
15.1
Fall Time
tf
5.3
Turn-On Delay Time
td(on)
VGS = 11.5 V, VDS = 15 V,
ID = 15 A, RG = 3.0 W
7.0
ns
Rise Time
tr
22.7
Turn-Of f Delay Time
td(off)
25.3
Fall Time
tf
2.8
3. Pulse Test: Pulse Width
≤ 300 ms, Duty Cycle ≤ 2%.
4. Switching characteristics are independent of operating junction temperatures.


Similar Part No. - NTD4809NAT4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTD4809NA ONSEMI-NTD4809NA Datasheet
116Kb / 8P
   25 V, 58 A, Single N- Channel, DPAK/IPAK
June, 2007 - Rev. P2
NTD4809NA-1G ONSEMI-NTD4809NA-1G Datasheet
116Kb / 8P
   25 V, 58 A, Single N- Channel, DPAK/IPAK
June, 2007 - Rev. P2
More results

Similar Description - NTD4809NAT4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTD4809NA-1G ONSEMI-NTD4809NA-1G Datasheet
116Kb / 8P
   25 V, 58 A, Single N- Channel, DPAK/IPAK
June, 2007 - Rev. P2
NTD4860N ONSEMI-NTD4860N Datasheet
99Kb / 8P
   25 V, 65 A, Single N-Channel, DPAK/IPAK
December, 2007 - Rev. 0
NTD4809N ONSEMI-NTD4809N Datasheet
276Kb / 8P
   Power MOSFET 30 V, 58 A, Single N--Channel, DPAK/IPAK
June, 2010 -- Rev. 11
NTD4809NH ONSEMI-NTD4809NH_07 Datasheet
81Kb / 8P
   Power MOSFET 30 V, 58 A, Single N?묬hannel, DPAK/IPAK
March, 2007 Rev. 3
NTD4860N-35G ONSEMI-NTD4860N-35G Datasheet
124Kb / 8P
   25 V, 65 A, Single N?묬hannel, DPAK/IPAK
August, 2014 ??Rev. 2
NTD4959N ONSEMI-NTD4959N Datasheet
151Kb / 8P
   Power MOSFET 30 V, 58 A, Single N?묬hannel, DPAK/IPAK
June, 2010 ??Rev. 1
NTD4959NH ONSEMI-NTD4959NH Datasheet
152Kb / 8P
   Power MOSFET 30 V, 58 A, Single N?묬hannel, DPAK/IPAK
May, 2009 ??Rev. 0
NTD4809NH ONSEMI-NTD4809NH Datasheet
81Kb / 8P
   Power MOSFET 30 V, 58 A, Single N?묬hannel, DPAK/IPAK
November, 2006 ??Rev. 1
NTD4856N ONSEMI-NTD4856N Datasheet
104Kb / 8P
   Power MOSFET 25 V, 89 A, Single N-Channel, DPAK/IPAK
December, 2007 - Rev. 0
NTD4855N ONSEMI-NTD4855N Datasheet
99Kb / 8P
   Power MOSFET 25 V, 98 A, Single N-Channel, DPAK/IPAK
April, 2008 - Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com