Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BP30GN Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # BP30GN
Description  Standard and Miniature Single Assembly 5-WAY Binding Posts
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BP30GN Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  BP30GN Datasheet HTML 1Page - List of Unclassifed Manufacturers BP30GN Datasheet HTML 2Page - List of Unclassifed Manufacturers BP30GN Datasheet HTML 3Page - List of Unclassifed Manufacturers BP30GN Datasheet HTML 4Page - List of Unclassifed Manufacturers BP30GN Datasheet HTML 5Page - List of Unclassifed Manufacturers BP30GN Datasheet HTML 6Page - List of Unclassifed Manufacturers BP30GN Datasheet HTML 7Page - List of Unclassifed Manufacturers BP30GN Datasheet HTML 8Page - List of Unclassifed Manufacturers BP30GN Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
Standard, Miniature and Larger Stud Double Assembly
5-WAY® Binding Posts
Double Assembly 5-WAY® Binding Posts are
designed for faster, more accurate mounting on
3/4-inch (19mm) centers. Conventional miniature,
standard and larger stud types have panel insulat-
ing parts in black only. Thumbnuts are available in
color combinations of red and black, black and black
and red and red. Plastic insulating parts have the
same characteristics as single types. Metal parts
are available in gold, nickel or tin plated brass parts.
Double assembly types are available in single packs
or in 10-quantity bulk packs. All are Underwriters
Laboratories recognized components.
Standard Hex Nut and Fluted Nut Types - Rated
for 30 A, 1000 V working.
Miniature Fluted Nut Types - Rated for 15A,
1000 V working.
Thumbnuts
Plating
on Brass
Parts
TYPE*
Max.
Amps
Insulator
Color
Design
Colors
Miniature (#6-3 2 UNC-2A Stud)
Flute d
Black & Black
Gold
Ni ckel
Tin
BP21-2BB
BP21-2BBN
BP21-2BBT
15
Black
Re d & Red
Gold
Ni ckel
Tin
BP21-2RR
BP21-2RRN
BP21-2RRT
Black & Re d
Gold
Ni ckel
Tin
BP21-2BR
BP21-2BRN
BP21-2BRT
Standard (#8-3 2 UNC-2A Stud)
Hex
Black & Black
Gold
Ni ckel
Tin
BP30-2BB
BP30-2BBN
BP30-2BBT
30
Black
Re d & Red
Gold
Ni ckel
Tin
BP30-2RR
BP30-2RRN
BP30-2RRT
Black & Re d
Gold
Ni ckel
Tin
BP30-2BR
BP30-2BRN
BP30-2BRT
Flute d
Black & Black
Gold
NIckel
Tin
BP31-2BB
BP31-2BBN
BP31-2BBT
30
Black
Re d & Red
Gold
NIckel
Tin
BP31-2RR
BP31-2RRN
BP31-2RRT
Black & Re d
Gold
NIckel
Tin
BP31-2BR
BP31-2BRN
BP31-2BRT
Larger Stud (#10-32 UNF-2A Stud)
Hex
Black & Black
Gold
NIckel
Tin
BP30-2BB10
BP30-2BB10 N
BP30-2BB10 T
30
Black
Re d & Red
Gold
NIckel
Tin
BP30-2RR10
BP30-2RR10 N
BP30-2RR10 T
Black & Re d
Gold
NIckel
Tin
BP30-2BR10
BP30-2BR10 N
BP30-2BR10 T
Flute d
Black & Black
Gold
NIckel
Tin
BP31-2BB10
BP31-2BB10 N
BP31-2BB10 T
30
Black
Re d & Red
Gold
NIckel
Tin
BP31-2RR10
BP31-2RR10 N
BP31-2RR10 T
Black & Re d
Gold
NIckel
Tin
BP31-2BR10
BP31-2BR10 N
BP31-2BR10 T
* Order single pack quantities by adding suffix “-1 PKG”, for example BP30-2BB-1 PKG;
order bulk pack quantities by adding suffix “-B PKG”, for example BP30-2BB-B PKG.


Similar Part No. - BP30GN

ManufacturerPart #DatasheetDescription
logo
CT Micro International ...
BP3015Q12-B10 CTMICRO-BP3015Q12-B10 Datasheet
799Kb / 9P
   SMD Type Blue Emitter
logo
Power-One
BP3020-7R POWER-ONE-BP3020-7R Datasheet
72Kb / 5P
   120...195 Watt DC-DC Converters
BP3040-7R POWER-ONE-BP3040-7R Datasheet
72Kb / 5P
   120...195 Watt DC-DC Converters
More results

Similar Description - BP30GN

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
5001 POMONA-5001 Datasheet
21Kb / 1P
   Adapter, Binding Posts To Miniature (Bantam) Plug
MODEL3296 POMONA-MODEL3296 Datasheet
24Kb / 2P
   Adapter, Miniature Binding Posts To BNC Male
3296 POMONA-3296 Datasheet
24Kb / 2P
   Adapter, Miniature Binding Posts To BNC Male
2382 POMONA-2382 Datasheet
70Kb / 1P
   Single Insulated Miniature Binding Post
logo
List of Unclassifed Man...
BU-00282-0 ETC2-BU-00282-0 Datasheet
50Kb / 1P
   Five-Way Binding Post
logo
Pasternack Enterprises,...
PE9013 PASTERNACK-PE9013 Datasheet
79Kb / 1P
   BNC FEMALE TO BINDING POSTS
logo
3M Electronics
3770-0 3M-3770-0 Datasheet
72Kb / 1P
   Standard Binding Post
logo
List of Unclassifed Man...
BU-P3750-0 ETC2-BU-P3750-0 Datasheet
200Kb / 1P
   Standard Binding Post
logo
Pomona Electronics
1286 POMONA-1286 Datasheet
35Kb / 1P
   Double Banana Plug With Binding Posts
logo
List of Unclassifed Man...
BU-00283 ETC2-BU-00283 Datasheet
51Kb / 1P
   Dual Five Way Binding Post
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com