Electronic Components Datasheet Search |
|
NRC100ZO Datasheet(PDF) 4 Page - NIC-Components Corp. |
|
NRC100ZO Datasheet(HTML) 4 Page - NIC-Components Corp. |
4 / 6 page 4 NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com www.RFpassives.com www.SMTmagnetics.com SPECIFICATIONS ARE SUBJECT TO CHANGE TAPING SPECIFICATIONS (1) Availability Thick Film Chip Resistors NRC Series Type Power Rating EIA Size Carrier Tape Qty per 7" Reel Qty per 10" Reel Fig. Material Width (mm) NRC01 1/32W 01005 A Paper 8 20,000 N/A NRC02 1/20W 0201 A Paper 8 10,000 N/A NRC04 1/16W 0402 A Paper 8 10,000 N/A NRC06 1/10W 0603 A Paper 8 5,000 10,000 NRC10 1/8W 0805 A Paper 8 5,000 10,000 NRC12 1/4W 1206 A Paper 8 5,000 10.000 NRC25 1/3W 1210 B Plastic 12 4,000 N/A NRC04ZO Jumper 0402 A Paper 8 10,000 N/A NRC06ZO Jumper 0603 A Paper 8 5,000 10,000 NRC10ZO Jumper 0805 A Paper 8 5,000 10,000 NRC12ZO Jumper 1206 A Paper 8 5,000 10.000 NRC25ZO Jumper 1210 B Plastic 12 4,000 N/A STANDARD E-12, E-24, E-96 VALUES AND 0603 1% TOLERANCE RESISTANCE CODES Note: 0603 1% resistor values that are exclusive to E-12 or E-24 (ex. 12K) are marked with the three character 5% tolerance code MULTIPLIER CODE Resistance Code XX CODING FORMULA Multiplier Code X MARKING EXAMPLES 10 Ω = 01X 7.5k Ω = 85B or 85b 150k Ω = 18D or 18d 1 Meg Ω = 01E 0603 1% E-12/E-24 Values 160 Ω = 161 12K Ω = 123 8.2M Ω = 825 Example: 10.2k Ω = 102 x 102 Ω = 02C 33.2 Ω = 332 x 10-1 = 51X 02 C 51 X E-12 E-24 E-96 Value Value Value Code Value Code Value Code Value Code 10 100 100 01 102 02 105 03 107 04 12 110 110 05 113 06 115 07 118 08 15 120 121 09 124 10 127 11 130 12 18 130 133 13 137 14 140 15 143 16 22 150 147 17 150 18 154 19 158 20 27 160 162 21 165 22 169 23 174 24 33 180 178 25 182 26 187 27 191 28 39 200 196 29 200 30 205 31 210 32 47 220 215 33 221 34 226 35 232 36 56 240 237 37 243 38 249 39 255 40 68 270 261 41 267 42 274 43 280 44 82 300 287 45 294 46 301 47 309 48 91 330 316 49 324 50 332 51 340 52 360 348 53 357 54 365 55 374 56 390 383 57 392 58 402 59 412 60 430 422 61 432 62 442 63 453 64 470 464 65 475 66 487 67 499 68 510 511 69 523 70 536 71 549 72 560 562 73 576 74 590 75 604 76 620 619 77 634 78 649 79 665 80 680 681 81 698 82 715 83 732 84 750 750 85 768 86 787 87 806 88 820 825 89 845 90 866 91 887 92 910 909 93 931 94 953 95 976 96 Code A B,b C D,d E F G H X Y Z Multiplier 100 101 102 103 104 105 106 107 10-1 10-2 10-3 |
Similar Part No. - NRC100ZO |
|
Similar Description - NRC100ZO |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |