Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT27LV512A Datasheet(PDF) 10 Page - ATMEL Corporation

Part # AT27LV512A
Description  Dual voltage range operation
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT27LV512A Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button AT27LV512A_14 Datasheet HTML 4Page - ATMEL Corporation AT27LV512A_14 Datasheet HTML 5Page - ATMEL Corporation AT27LV512A_14 Datasheet HTML 6Page - ATMEL Corporation AT27LV512A_14 Datasheet HTML 7Page - ATMEL Corporation AT27LV512A_14 Datasheet HTML 8Page - ATMEL Corporation AT27LV512A_14 Datasheet HTML 9Page - ATMEL Corporation AT27LV512A_14 Datasheet HTML 10Page - ATMEL Corporation AT27LV512A_14 Datasheet HTML 11Page - ATMEL Corporation AT27LV512A_14 Datasheet HTML 12Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
0607G–EPROM–4/11
Atmel AT27LV512A
8.
Packaging information
32J – PLCC
DRAWING NO.
REV.
TITLE
32J, 32-lead, plastic J-leaded chip carrier (PLCC)
B
32J
10/04/01
1.14(0.045) X 45°
PIN NO. 1
IDENTIFIER
1.14(0.045) X 45°
0.51(0.020)MAX
0.318(0.0125)
0.191(0.0075)
A2
45° MAX (3X)
A
A1
B1
E2
B
e
E1
E
D1
D
D2
COMMON DIMENSIONS
(Unit of measure = mm)
SYMBOL
MIN
NOM
MAX
NOTE
Package drawing contact:
packagedrawings@atmel.com
Notes:
1. This package conforms to JEDEC reference MS-016, variation AE.
2. Dimensions D1 and E1 do not include mold protrusion.
Allowable protrusion is .010"(0.254mm) per side. Dimension D1
and E1 include mold mismatch and are measured at the extreme
material condition at the upper or lower parting line.
3. Lead coplanarity is 0.004" (0.10mm) maximum.
A
3.175
3.556
A1
1.524
2.413
A2
0.381
D
12.319
12.573
D1
11.354
11.506
Note 2
D2
9.906
10.922
E
14.859
15.113
E1
13.894
14.046
Note 2
E2
12.471
13.487
B
0.660
0.813
B1
0.330
0.533
e
1.270 TYP


Similar Part No. - AT27LV512A_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27LV512A-12 ATMEL-AT27LV512A-12 Datasheet
220Kb / 9P
   512K 64K x 8 Low Voltage OTP CMOS EPROM
AT27LV512A-12JC ATMEL-AT27LV512A-12JC Datasheet
220Kb / 9P
   512K 64K x 8 Low Voltage OTP CMOS EPROM
AT27LV512A-12JI ATMEL-AT27LV512A-12JI Datasheet
220Kb / 9P
   512K 64K x 8 Low Voltage OTP CMOS EPROM
AT27LV512A-12RC ATMEL-AT27LV512A-12RC Datasheet
220Kb / 9P
   512K 64K x 8 Low Voltage OTP CMOS EPROM
AT27LV512A-12RI ATMEL-AT27LV512A-12RI Datasheet
220Kb / 9P
   512K 64K x 8 Low Voltage OTP CMOS EPROM
More results

Similar Description - AT27LV512A_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27BV010 ATMEL-AT27BV010_14 Datasheet
770Kb / 12P
   Dual voltage range operation
AT27BV1024 ATMEL-AT27BV1024_14 Datasheet
727Kb / 12P
   Dual voltage range operation
AT27LV020A ATMEL-AT27LV020A_14 Datasheet
769Kb / 12P
   Dual voltage range operation
AT27BV020 ATMEL-AT27BV020_14 Datasheet
864Kb / 13P
   Dual voltage range operation
AT27BV512 ATMEL-AT27BV512_14 Datasheet
884Kb / 13P
   Dual voltage range operation
AT27LV040A ATMEL-AT27LV040A_14 Datasheet
770Kb / 12P
   Dual voltage range operation
AT27LV520 ATMEL-AT27LV520_14 Datasheet
261Kb / 13P
   Dual Voltage Range Operation
AT27LV010A ATMEL-AT27LV010A_14 Datasheet
785Kb / 12P
   Dual voltage range operation
AT27BV256 ATMEL-AT27BV256_14 Datasheet
774Kb / 12P
   Dual voltage range operation
AT27LV256A ATMEL-AT27LV256A_14 Datasheet
767Kb / 12P
   Dual voltage range operation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com