Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT27LV512A Datasheet(PDF) 4 Page - ATMEL Corporation

Part # AT27LV512A
Description  Dual voltage range operation
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT27LV512A Datasheet(HTML) 4 Page - ATMEL Corporation

  AT27LV512A_14 Datasheet HTML 1Page - ATMEL Corporation AT27LV512A_14 Datasheet HTML 2Page - ATMEL Corporation AT27LV512A_14 Datasheet HTML 3Page - ATMEL Corporation AT27LV512A_14 Datasheet HTML 4Page - ATMEL Corporation AT27LV512A_14 Datasheet HTML 5Page - ATMEL Corporation AT27LV512A_14 Datasheet HTML 6Page - ATMEL Corporation AT27LV512A_14 Datasheet HTML 7Page - ATMEL Corporation AT27LV512A_14 Datasheet HTML 8Page - ATMEL Corporation AT27LV512A_14 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
0607G–EPROM–4/11
Atmel AT27LV512A
Table 5-3.
DC and operating characteristics for read operation
Notes:
1. V
CC must be applied simultaneously with or before OE/VPP, and removed simultaneously with or after OE/VPP.
2. OE/V
PP may be connected directly to VCC, except during programming. The supply current would then be the sum of ICC
and I
PP.
Table 5-4.
AC characteristics for read operation
Symbol
Parameter
Condition
Min
Max
Units
V
CC = 3.0V to 3.6V
I
LI
Input load current
V
IN = 0V to VCC
1
A
I
LO
Output leakage current
V
OUT = 0V to VCC
5
A
I
PP1
(2)
V
PP
(1) read/standby current
V
PP = VCC
10
A
I
SB
V
CC
(1) standby current
I
SB1 (CMOS), CE = VCC
 0.3V
20
A
I
SB2 (TTL), CE = 2.0 to VCC + 0.5V
100
A
I
CC
V
CC active current
f = 5MHz, I
OUT = 0mA, CE = VIL
8mA
V
IL
Input low voltage
-0.6
0.8
V
V
IH
Input high voltage
2.0
V
CC + 0.5
V
V
OL
Output low voltage
I
OL = 2.0mA
0.4
V
V
OH
Output high voltage
I
OH = -2.0mA
2.4
V
V
CC = 4.5V to 5.5V
I
LI
Input load current
V
IN = 0V to VCC
1
A
I
LO
Output leakage current
V
OUT = 0V to VCC
5
A
I
PP1
(2)
V
PP
(1) read/standby current
V
PP = VCC
10
A
I
SB
V
CC
(1) standby current
I
SB1 (CMOS), CE = VCC  0.3V
100
A
I
SB2 (TTL), CE = 2.0 to VCC + 0.5V
1
mA
I
CC
V
CC active current
f = 5MHz, I
OUT = 0mA, CE = VIL
20
mA
V
IL
Input low voltage
-0.6
0.8
V
V
IH
Input high voltage
2.0
V
CC + 0.5
V
V
OL
Output low voltage
I
OL = 2.1mA
0.4
V
V
OH
Output high voltage
I
OH = -400µA
2.4
V
V
CC = 3.0V to 3.6V and 4.5V to 5.5V
Atmel AT27LV512A-90
Units
Symbol
Parameter
Condition
Min
Max
t
ACC
(3)
Address to output delay
CE = OE/V
PP = VIL
90
ns
t
CE
(2)
CE to output delay
OE/V
PP = VIL
90
ns
t
OE
(2)(3)
OE/V
PP to output delay
CE = V
IL
50
ns
t
DF
(4)(5)
OE/V
PP or CE high to output float,
whichever occurred first
40
ns
t
OH
Output hold from address, CE or OE/V
PP,
whichever occurred first
0ns


Similar Part No. - AT27LV512A_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27LV512A-12 ATMEL-AT27LV512A-12 Datasheet
220Kb / 9P
   512K 64K x 8 Low Voltage OTP CMOS EPROM
AT27LV512A-12JC ATMEL-AT27LV512A-12JC Datasheet
220Kb / 9P
   512K 64K x 8 Low Voltage OTP CMOS EPROM
AT27LV512A-12JI ATMEL-AT27LV512A-12JI Datasheet
220Kb / 9P
   512K 64K x 8 Low Voltage OTP CMOS EPROM
AT27LV512A-12RC ATMEL-AT27LV512A-12RC Datasheet
220Kb / 9P
   512K 64K x 8 Low Voltage OTP CMOS EPROM
AT27LV512A-12RI ATMEL-AT27LV512A-12RI Datasheet
220Kb / 9P
   512K 64K x 8 Low Voltage OTP CMOS EPROM
More results

Similar Description - AT27LV512A_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27BV010 ATMEL-AT27BV010_14 Datasheet
770Kb / 12P
   Dual voltage range operation
AT27BV1024 ATMEL-AT27BV1024_14 Datasheet
727Kb / 12P
   Dual voltage range operation
AT27LV020A ATMEL-AT27LV020A_14 Datasheet
769Kb / 12P
   Dual voltage range operation
AT27BV020 ATMEL-AT27BV020_14 Datasheet
864Kb / 13P
   Dual voltage range operation
AT27BV512 ATMEL-AT27BV512_14 Datasheet
884Kb / 13P
   Dual voltage range operation
AT27LV040A ATMEL-AT27LV040A_14 Datasheet
770Kb / 12P
   Dual voltage range operation
AT27LV520 ATMEL-AT27LV520_14 Datasheet
261Kb / 13P
   Dual Voltage Range Operation
AT27LV010A ATMEL-AT27LV010A_14 Datasheet
785Kb / 12P
   Dual voltage range operation
AT27BV256 ATMEL-AT27BV256_14 Datasheet
774Kb / 12P
   Dual voltage range operation
AT27LV256A ATMEL-AT27LV256A_14 Datasheet
767Kb / 12P
   Dual voltage range operation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com