Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT89C4051 Datasheet(PDF) 8 Page - ATMEL Corporation

Part # AT89C4051
Description  4K Bytes of Reprogrammable Flash Memory
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C4051 Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button AT89C4051_14 Datasheet HTML 4Page - ATMEL Corporation AT89C4051_14 Datasheet HTML 5Page - ATMEL Corporation AT89C4051_14 Datasheet HTML 6Page - ATMEL Corporation AT89C4051_14 Datasheet HTML 7Page - ATMEL Corporation AT89C4051_14 Datasheet HTML 8Page - ATMEL Corporation AT89C4051_14 Datasheet HTML 9Page - ATMEL Corporation AT89C4051_14 Datasheet HTML 10Page - ATMEL Corporation AT89C4051_14 Datasheet HTML 11Page - ATMEL Corporation AT89C4051_14 Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
8
1001F–MICRO–6/08
AT89C4051
12. Programming The Flash
The AT89C4051 is shipped with the 4K bytes of on-chip PEROM code memory array in the
erased state (i.e., contents = FFH) and ready to be programmed. The code memory array is pro-
grammed one byte at a time. Once the array is programmed, to re-program any non-blank byte,
the entire memory array needs to be erased electrically.
Internal Address Counter: The AT89C4051 contains an internal PEROM address counter
which is always reset to 000H on the rising edge of RST and is advanced by applying a positive
going pulse to pin XTAL1.
Programming Algorithm: To program the AT89C4051, the following sequence is
recommended.
1.
Power-up sequence:
Apply power between VCC and GND pins
Set RST and XTAL1 to GND
2.
Set pin RST to “H”
Set pin P3.2 to “H”
3.
Apply the appropriate combination of “H” or “L” logic
levels to pins P3.3, P3.4, P3.5, P3.7 to select one of the programming operations
shown in the PEROM Programming Modes table.
To Program and Verify the Array:
4.
Apply data for Code byte at location 000H to P1.0 to P1.7.
5.
Raise RST to 12V to enable programming.
6.
Pulse P3.2 once to program a byte in the PEROM array or the lock bits. The byte-write
cycle is self-timed and typically takes 1.2 ms.
7.
To verify the programmed data, lower RST from 12V to logic “H” level and set pins P3.3
to P3.7 to the appropriate levels. Output data can be read at the port P1 pins.
8.
To program a byte at the next address location, pulse XTAL1 pin once to advance the
internal address counter. Apply new data to the port P1 pins.
9.
Repeat steps 6 through 8, changing data and advancing the address counter for the
entire 4K bytes array or until the end of the object file is reached.
10. Power-off sequence:
set XTAL1 to “L”
set RST to “L”
Turn V
CC power off
Data Polling: The AT89C4051 features Data Polling to indicate the end of a write cycle. During
a write cycle, an attempted read of the last byte written will result in the complement of the writ-
ten data on P1.7. Once the write cycle has been completed, true data is valid on all outputs, and
the next cycle may begin. Data Polling may begin any time after a write cycle has been initiated.
Ready/Busy: The Progress of byte programming can also be monitored by the RDY/BSY output
signal. Pin P3.1 is pulled low after P3.2 goes High during programming to indicate BUSY. P3.1 is
pulled High again when programming is done to indicate READY.


Similar Part No. - AT89C4051_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89C4051-12PA ATMEL-AT89C4051-12PA Datasheet
265Kb / 19P
   8-Bit Microcontroller with 4K Bytes Flash
AT89C4051-12PC ATMEL-AT89C4051-12PC Datasheet
265Kb / 19P
   8-Bit Microcontroller with 4K Bytes Flash
AT89C4051-12PC ATMEL-AT89C4051-12PC Datasheet
328Kb / 19P
   8-bit Microcontroller with 4K Bytes Flash
AT89C4051-12PC ATMEL-AT89C4051-12PC Datasheet
242Kb / 18P
   8-bit Microcontroller with 4K Bytes Flash
AT89C4051-12PI ATMEL-AT89C4051-12PI Datasheet
265Kb / 19P
   8-Bit Microcontroller with 4K Bytes Flash
More results

Similar Description - AT89C4051_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89LV51 ATMEL-AT89LV51_14 Datasheet
164Kb / 16P
   4K Bytes of Reprogrammable Flash Memory
AT89C51 ATMEL-AT89C51_14 Datasheet
148Kb / 17P
   4K Bytes of In-System Reprogrammable Flash Memory
AT89LV55 ATMEL-AT89LV55_14 Datasheet
585Kb / 32P
   20K Bytes of Reprogrammable Flash Memory
AT89C2051 ATMEL-AT89C2051_14 Datasheet
398Kb / 19P
   2K Bytes of Reprogrammable Flash Memory
AT89C51RC ATMEL-AT89C51RC_14 Datasheet
541Kb / 36P
   32K Bytes of Reprogrammable Flash Memory
AT89C55WD ATMEL-AT89C55WD_14 Datasheet
523Kb / 35P
   20K Bytes of Reprogrammable Flash Memory
AT89LV52 ATMEL-AT89LV52_14 Datasheet
422Kb / 22P
   8K Bytes of Reprogrammable Flash Memory
AT89C52 ATMEL-AT89C52_14 Datasheet
204Kb / 24P
   8K Bytes of In-System Reprogrammable Flash Memory
AT89LS8252 ATMEL-AT89LS8252_14 Datasheet
797Kb / 2P
   8K Bytes of In-System Reprogrammable Downloadable Flash Memory
AT89LS53 ATMEL-AT89LS53_14 Datasheet
807Kb / 3P
   12K Bytes of In-System Reprogrammable Downloadable Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com