Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT89C4051 Datasheet(PDF) 4 Page - ATMEL Corporation

Part # AT89C4051
Description  4K Bytes of Reprogrammable Flash Memory
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C4051 Datasheet(HTML) 4 Page - ATMEL Corporation

  AT89C4051_14 Datasheet HTML 1Page - ATMEL Corporation AT89C4051_14 Datasheet HTML 2Page - ATMEL Corporation AT89C4051_14 Datasheet HTML 3Page - ATMEL Corporation AT89C4051_14 Datasheet HTML 4Page - ATMEL Corporation AT89C4051_14 Datasheet HTML 5Page - ATMEL Corporation AT89C4051_14 Datasheet HTML 6Page - ATMEL Corporation AT89C4051_14 Datasheet HTML 7Page - ATMEL Corporation AT89C4051_14 Datasheet HTML 8Page - ATMEL Corporation AT89C4051_14 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
4
1001F–MICRO–6/08
AT89C4051
4.7
XTAL2
Output from the inverting oscillator amplifier.
5.
Oscillator Characteristics
XTAL1 and XTAL2 are the input and output, respectively, of an inverting amplifier which can be
configured for use as an on-chip oscillator, as shown in Figure 5-1. Either a quartz crystal or
ceramic resonator may be used. To drive the device from an external clock source, XTAL2
should be left unconnected while XTAL1 is driven as shown in Figure 5-2. There are no require-
ments on the duty cycle of the external clock signal, since the input to the internal clocking
circuitry is through a divide-by-two flip-flop, but minimum and maximum voltage high and low
time specifications must be observed.
Figure 5-1.
Oscillator Connections
Note:
C1, C2 = 30 pF
± 10 pF for Crystals
= 40 pF
± 10 pF for Ceramic Resonators
Figure 5-2.
External Clock Drive Configuration


Similar Part No. - AT89C4051_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89C4051-12PA ATMEL-AT89C4051-12PA Datasheet
265Kb / 19P
   8-Bit Microcontroller with 4K Bytes Flash
AT89C4051-12PC ATMEL-AT89C4051-12PC Datasheet
265Kb / 19P
   8-Bit Microcontroller with 4K Bytes Flash
AT89C4051-12PC ATMEL-AT89C4051-12PC Datasheet
328Kb / 19P
   8-bit Microcontroller with 4K Bytes Flash
AT89C4051-12PC ATMEL-AT89C4051-12PC Datasheet
242Kb / 18P
   8-bit Microcontroller with 4K Bytes Flash
AT89C4051-12PI ATMEL-AT89C4051-12PI Datasheet
265Kb / 19P
   8-Bit Microcontroller with 4K Bytes Flash
More results

Similar Description - AT89C4051_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89LV51 ATMEL-AT89LV51_14 Datasheet
164Kb / 16P
   4K Bytes of Reprogrammable Flash Memory
AT89C51 ATMEL-AT89C51_14 Datasheet
148Kb / 17P
   4K Bytes of In-System Reprogrammable Flash Memory
AT89LV55 ATMEL-AT89LV55_14 Datasheet
585Kb / 32P
   20K Bytes of Reprogrammable Flash Memory
AT89C2051 ATMEL-AT89C2051_14 Datasheet
398Kb / 19P
   2K Bytes of Reprogrammable Flash Memory
AT89C51RC ATMEL-AT89C51RC_14 Datasheet
541Kb / 36P
   32K Bytes of Reprogrammable Flash Memory
AT89C55WD ATMEL-AT89C55WD_14 Datasheet
523Kb / 35P
   20K Bytes of Reprogrammable Flash Memory
AT89LV52 ATMEL-AT89LV52_14 Datasheet
422Kb / 22P
   8K Bytes of Reprogrammable Flash Memory
AT89C52 ATMEL-AT89C52_14 Datasheet
204Kb / 24P
   8K Bytes of In-System Reprogrammable Flash Memory
AT89LS8252 ATMEL-AT89LS8252_14 Datasheet
797Kb / 2P
   8K Bytes of In-System Reprogrammable Downloadable Flash Memory
AT89LS53 ATMEL-AT89LS53_14 Datasheet
807Kb / 3P
   12K Bytes of In-System Reprogrammable Downloadable Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com