Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT25020 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT25020
Description  Low-voltage and Standard-voltage Operation
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT25020 Datasheet(HTML) 1 Page - ATMEL Corporation

  AT25020_14 Datasheet HTML 1Page - ATMEL Corporation AT25020_14 Datasheet HTML 2Page - ATMEL Corporation AT25020_14 Datasheet HTML 3Page - ATMEL Corporation AT25020_14 Datasheet HTML 4Page - ATMEL Corporation AT25020_14 Datasheet HTML 5Page - ATMEL Corporation AT25020_14 Datasheet HTML 6Page - ATMEL Corporation AT25020_14 Datasheet HTML 7Page - ATMEL Corporation AT25020_14 Datasheet HTML 8Page - ATMEL Corporation AT25020_14 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1
Features
Serial Peripheral Interface (SPI) Compatible
Supports SPI Modes 0 (0,0) and 3 (1,1)
Low-voltage and Standard-voltage Operation
– 2.7 (V
CC = 2.7V to 5.5V)
3.0 MHz Clock Rate (5V)
8-byte Page Mode
Block Write Protection
– Protect 1/4, 1/2, or Entire Array
Write Protect (WP) Pin and Write Disable Instructions for
Both Hardware and Software Data Protection
Self-timed Write Cycle (10 ms max)
High Reliability
– Endurance: One Million Write Cycles
– Data Retention: 100 Years
Automotive Grade Devices Available
8-lead PDIP and 8-lead JEDEC SOIC Packages
Description
The AT25010/020/040 provides 1024/2048/4096 bits of serial electrically erasable
programmable read only memory (EEPROM) organized as 128/256/512 words of 8
bits each. The device is optimized for use in many industrial and commercial applica-
tions where low-power and low voltage operation are essential. The AT25010/020/040
is available in space saving 8-lead PDIP and 8-lead JEDEC SOIC packages.
The AT25010/020/040 is enabled through the Chip Select pin (CS) and accessed via a
3-wire interface consisting of Serial Data Input (SI), Serial Data Output (SO), and
Serial Clock (SCK). All programming cycles are completely self-timed, and no sepa-
rate ERASE cycle is required before WRITE.
BLOCK WRITE protection is enabled by programming the status register with one of
four blocks of write protection. Separate program enable and program disable instruc-
tions are provided for additional data protection. Hardware data protection is provided
via the WP pin to protect against inadvertent write attempts. The HOLD pin may be
used to suspend any serial communication without resetting the serial sequence.
SPI Serial
EEPROMs
1K (128 x 8)
2K (256 x 8)
4K (512 x 8)
AT25010
AT25020
AT25040
Pin Configurations
Pin Name
Function
CS
Chip Select
SCK
Serial Data Clock
SI
Serial Data Input
SO
Serial Data Output
GND
Ground
VCC
Power Supply
WP
Write Protect
HOLD
Suspends Serial Input
8-lead PDIP
1
2
3
4
8
7
6
5
CS
SO
WP
GND
VCC
HOLD
SCK
SI
8-lead SOIC
1
2
3
4
8
7
6
5
CS
SO
WP
GND
VCC
HOLD
SCK
SI
Rev. 0606M–SEEPR–06/03


Similar Part No. - AT25020_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25020-10PC ATMEL-AT25020-10PC Datasheet
165Kb / 15P
   SPI Serial EEPROMs
AT25020-10PC-1.8 ATMEL-AT25020-10PC-1.8 Datasheet
165Kb / 15P
   SPI Serial EEPROMs
AT25020-10PC-2.7 ATMEL-AT25020-10PC-2.7 Datasheet
165Kb / 15P
   SPI Serial EEPROMs
AT25020-10PI ATMEL-AT25020-10PI Datasheet
165Kb / 15P
   SPI Serial EEPROMs
AT25020-10PI-1.8 ATMEL-AT25020-10PI-1.8 Datasheet
165Kb / 15P
   SPI Serial EEPROMs
More results

Similar Description - AT25020_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT93C66A ATMEL-AT93C66A_14 Datasheet
448Kb / 14P
   Low-voltage and Standard-voltage Operation
AT25128 ATMEL-AT25128_14 Datasheet
438Kb / 22P
   Low-voltage and Standard-voltage Operation
AT25640 ATMEL-AT25640_14 Datasheet
337Kb / 21P
   Low-voltage and Standard-voltage Operation
AT24C16A ATMEL-AT24C16A_14 Datasheet
626Kb / 20P
   Low-voltage and Standard-voltage Operation
AT25080 ATMEL-AT25080_14 Datasheet
337Kb / 21P
   Low-voltage and Standard-voltage Operation
AT25160 ATMEL-AT25160_14 Datasheet
337Kb / 21P
   Low-voltage and Standard-voltage Operation
AT25256 ATMEL-AT25256_14 Datasheet
438Kb / 22P
   Low-voltage and Standard-voltage Operation
AT93C56 ATMEL-AT93C56_14 Datasheet
377Kb / 21P
   Low-voltage and Standard-voltage Operation
AT24C01 ATMEL-AT24C01_14 Datasheet
168Kb / 14P
   Low Voltage and Standard Voltage Operation
AT24C08A ATMEL-AT24C08A_14 Datasheet
626Kb / 20P
   Low-voltage and Standard-voltage Operation
AT24C164 ATMEL-AT24C164_14 Datasheet
449Kb / 17P
   Low Voltage and Standard Voltage Operation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com