Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT25040 Datasheet(PDF) 8 Page - ATMEL Corporation

Part # AT25040
Description  Low-voltage and Standard-voltage Operation
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT25040 Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button AT25040_14 Datasheet HTML 4Page - ATMEL Corporation AT25040_14 Datasheet HTML 5Page - ATMEL Corporation AT25040_14 Datasheet HTML 6Page - ATMEL Corporation AT25040_14 Datasheet HTML 7Page - ATMEL Corporation AT25040_14 Datasheet HTML 8Page - ATMEL Corporation AT25040_14 Datasheet HTML 9Page - ATMEL Corporation AT25040_14 Datasheet HTML 10Page - ATMEL Corporation AT25040_14 Datasheet HTML 11Page - ATMEL Corporation AT25040_14 Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
8
AT25010/020/040
0606M–SEEPR–06/03
READ SEQUENCE (READ): Reading the AT25010/020/040 via the SO (Serial Output)
pin requires the following sequence. After the CS line is pulled low to select a device,
the READ op-code (including A8) is transmitted via the SI line followed by the byte
address to be read (A7-A0). Upon completion, any data on the SI line will be ignored.
The data (D7-D0) at the specified address is then shifted out onto the SO line. If only
one byte is to be read, the CS line should be driven high after the data comes out. The
READ sequence can be continued since the byte address is automatically incremented
and data will continue to be shifted out. When the highest address is reached, the
address counter will roll over to the lowest address allowing the entire memory to be
read in one continuous READ cycle.
WRITE SEQUENCE (WRITE): In order to program the AT25010/020/040, the Write
Protect pin (WP) must be held high and two separate instructions must be executed.
First, the device must be write enabled via the Write Enable (WREN) Instruction. Then
a Write (WRITE) Instruction may be executed. Also, the address of the memory loca-
tion(s) to be programmed must be outside the protected address field location selected
by the Block Write Protection Level. During an internal write cycle, all commands will be
ignored except the RDSR instruction.
A Write Instruction requires the following sequence. After the CS line is pulled low to
select the device, the WRITE op-code (including A8) is transmitted via the SI line fol-
lowed by the byte address (A7-A0) and the data (D7-D0) to be programm ed.
Programming will start after the CS pin is brought high. (The LOW to High transition of
the CS pin must occur during the SCK low time immediately after clocking in the D0
(LSB) data bit.
The READY/BUSY status of the device can be determined by initiating a READ STA-
TUS REGISTER (RDSR) Instruction. If Bit 0 = 1, the WRITE cycle is still in progress. If
Bit 0 = 0, the WRITE cycle has ended. Only the READ STATUS REGISTER instruction
is enabled during the WRITE programming cycle.
The AT25010/020/040 is capable of an 8-byte PAGE WRITE operation. After each byte
of data is received, the three low order address bits are internally incremented by one;
the six high order bits of the address will remain constant. If more than 8 bytes of data
are transmitted, the address counter will roll over and the previously written data will be
overwritten. The AT25010/020/040 is automatically returned to the write disable state at
the completion of a WRITE cycle.
NOTE: If the WP pin is brought low or if the device is not Write enabled (WREN), the
device will ignore the Write instruction and will return to the standby state, when CS is
brought high. A new CS falling edge is required to re-initiate the serial communication.


Similar Part No. - AT25040_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25040-10PC ATMEL-AT25040-10PC Datasheet
165Kb / 15P
   SPI Serial EEPROMs
AT25040-10PC-1.8 ATMEL-AT25040-10PC-1.8 Datasheet
165Kb / 15P
   SPI Serial EEPROMs
AT25040-10PC-2.7 ATMEL-AT25040-10PC-2.7 Datasheet
165Kb / 15P
   SPI Serial EEPROMs
AT25040-10PI ATMEL-AT25040-10PI Datasheet
165Kb / 15P
   SPI Serial EEPROMs
AT25040-10PI-1.8 ATMEL-AT25040-10PI-1.8 Datasheet
165Kb / 15P
   SPI Serial EEPROMs
More results

Similar Description - AT25040_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT93C66A ATMEL-AT93C66A_14 Datasheet
448Kb / 14P
   Low-voltage and Standard-voltage Operation
AT25128 ATMEL-AT25128_14 Datasheet
438Kb / 22P
   Low-voltage and Standard-voltage Operation
AT25640 ATMEL-AT25640_14 Datasheet
337Kb / 21P
   Low-voltage and Standard-voltage Operation
AT24C16A ATMEL-AT24C16A_14 Datasheet
626Kb / 20P
   Low-voltage and Standard-voltage Operation
AT25080 ATMEL-AT25080_14 Datasheet
337Kb / 21P
   Low-voltage and Standard-voltage Operation
AT25160 ATMEL-AT25160_14 Datasheet
337Kb / 21P
   Low-voltage and Standard-voltage Operation
AT25256 ATMEL-AT25256_14 Datasheet
438Kb / 22P
   Low-voltage and Standard-voltage Operation
AT93C56 ATMEL-AT93C56_14 Datasheet
377Kb / 21P
   Low-voltage and Standard-voltage Operation
AT24C01 ATMEL-AT24C01_14 Datasheet
168Kb / 14P
   Low Voltage and Standard Voltage Operation
AT24C08A ATMEL-AT24C08A_14 Datasheet
626Kb / 20P
   Low-voltage and Standard-voltage Operation
AT24C164 ATMEL-AT24C164_14 Datasheet
449Kb / 17P
   Low Voltage and Standard Voltage Operation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com