Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT25160 Datasheet(PDF) 8 Page - ATMEL Corporation

Part # AT25160
Description  Low-voltage and Standard-voltage Operation
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT25160 Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button AT25160_14 Datasheet HTML 4Page - ATMEL Corporation AT25160_14 Datasheet HTML 5Page - ATMEL Corporation AT25160_14 Datasheet HTML 6Page - ATMEL Corporation AT25160_14 Datasheet HTML 7Page - ATMEL Corporation AT25160_14 Datasheet HTML 8Page - ATMEL Corporation AT25160_14 Datasheet HTML 9Page - ATMEL Corporation AT25160_14 Datasheet HTML 10Page - ATMEL Corporation AT25160_14 Datasheet HTML 11Page - ATMEL Corporation AT25160_14 Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
8
AT25080/160/320/640
0675M–SEEPR–9/03
Functional
Description
The AT25080/160/320/640 is designed to interface directly with the synchronous serial periph-
eral interface (SPI) of the 6805 and 68HC11 series of microcontrollers.
The AT25080/160/320/640 utilizes an 8-bit instruction register. The list of instructions and their
operation codes are contained in Table 1. All instructions, addresses, and data are transferred
with the MSB first and start with a high-to-low CS transition.
WRITE ENABLE (WREN): The device will power-up in the write disable state when VCC is
applied. All programming instructions must therefore be preceded by a Write Enable
instruction.
WRITE DISABLE (WRDI): To protect the device against inadvertent writes, the Write Disable
instruction disables all programming modes. The WRDI instruction is independent of the sta-
tus of the WP pin.
READ STATUS REGISTER (RDSR): The Read Status Register instruction provides access to
the status register. The READY/BUSY and Write Enable status of the device can be deter-
mined by the RDSR instruction. Similarly, the Block Write Protection bits indicate the extent of
protection employed. These bits are set by using the WRSR instruction.
Table 1. Instruction Set for the AT25080/160/320/640
Instruction Name
Instruction Format
Operation
WREN
0000 X110
Set Write Enable Latch
WRDI
0000 X100
Reset Write Enable Latch
RDSR
0000 X101
Read Status Register
WRSR
0000 X001
Write Status Register
READ
0000 X011
Read Data from Memory Array
WRITE
0000 X010
Write Data to Memory Array
Table 2. Status Register Format
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
WPEN
X
X
X
BP1
BP0
WEN
RDY
Table 3. Read Status Register Bit Definition
Bit
Definition
Bit 0 (RDY)
Bit 0 = 0 (RDY) indicates the device is READY. Bit 0 = 1 indicates the write cycle is
in progress.
Bit 1 (WEN)
Bit 1= 0 indicates the device is not WRITE ENABLED. Bit 1 = 1 indicates the
device is WRITE ENABLED.
Bit 2 (BP0)
See Table 4 on page 9.
Bit 3 (BP1)
See Table 4 on page 9.
Bits 4 - 6 are 0s when device is not in an internal write cycle.
Bit 7 (WPEN)
See Table 5 on page 9.
Bits 0 - 7 are 1s during an internal write cycle.


Similar Part No. - AT25160_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25160-10PC ATMEL-AT25160-10PC Datasheet
172Kb / 16P
   SPI Serial EEPROMs
AT25160-10PC-1.8 ATMEL-AT25160-10PC-1.8 Datasheet
172Kb / 16P
   SPI Serial EEPROMs
AT25160-10PC-2.7 ATMEL-AT25160-10PC-2.7 Datasheet
172Kb / 16P
   SPI Serial EEPROMs
AT25160-10PI ATMEL-AT25160-10PI Datasheet
172Kb / 16P
   SPI Serial EEPROMs
AT25160-10PI-1.8 ATMEL-AT25160-10PI-1.8 Datasheet
172Kb / 16P
   SPI Serial EEPROMs
More results

Similar Description - AT25160_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT93C66A ATMEL-AT93C66A_14 Datasheet
448Kb / 14P
   Low-voltage and Standard-voltage Operation
AT25128 ATMEL-AT25128_14 Datasheet
438Kb / 22P
   Low-voltage and Standard-voltage Operation
AT25640 ATMEL-AT25640_14 Datasheet
337Kb / 21P
   Low-voltage and Standard-voltage Operation
AT24C16A ATMEL-AT24C16A_14 Datasheet
626Kb / 20P
   Low-voltage and Standard-voltage Operation
AT25080 ATMEL-AT25080_14 Datasheet
337Kb / 21P
   Low-voltage and Standard-voltage Operation
AT25256 ATMEL-AT25256_14 Datasheet
438Kb / 22P
   Low-voltage and Standard-voltage Operation
AT93C56 ATMEL-AT93C56_14 Datasheet
377Kb / 21P
   Low-voltage and Standard-voltage Operation
AT24C01 ATMEL-AT24C01_14 Datasheet
168Kb / 14P
   Low Voltage and Standard Voltage Operation
AT24C08A ATMEL-AT24C08A_14 Datasheet
626Kb / 20P
   Low-voltage and Standard-voltage Operation
AT24C164 ATMEL-AT24C164_14 Datasheet
449Kb / 17P
   Low Voltage and Standard Voltage Operation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com