Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HLMP-S501-E00DG Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part # HLMP-S501-E00DG
Description  2 mm x 5 mm Rectangular LED Lamps
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-S501-E00DG Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

  HLMP-S501-E00DG Datasheet HTML 1Page - Agilent(Hewlett-Packard) HLMP-S501-E00DG Datasheet HTML 2Page - Agilent(Hewlett-Packard) HLMP-S501-E00DG Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMP-S501-E00DG Datasheet HTML 4Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
1-154
Sym.
Description
Device HLMP-
Min. Typ.
Max.
Units
Test Conditions
Iv
Luminous
AlGaAs Red
mcd
IF = 20 mA
Intensity
S100
3.4
7.5
High Efficiency Red
S200
2.1
3.5
S201
3.4
7.5
Orange
S400
2.1
3.5
S401
3.4
7.5
Yellow
S300
1.4
2.1
S301
2.2
4.0
Green
S500
2.6
4.0
S501
4.2
8.0
Emerald Green
S600[4]
1.0
3.0
2
θ
1/2
Included Angle
All
110
Deg.
IF = 20 mA
Between Half
See Note 1
Luminous
Intensity Points
λ
PEAK
Peak Wavelength
AlGaAs Red
645
nm
Measurement at
High Efficiency Red
635
Peak
Orange
600
Yellow
583
Green
565
Emerald Green
558
λ
d
Dominant
AlGaAs Red
637
nm
See Note 2
Wavelength
High Efficiency Red
626
Time const, e-t/τs
Orange
602
Yellow
585
Green
569
Emerald Green
560
τ
s
Speed of
AlGaAs Red
30
ns
Response
High Efficiency Red
90
Orange
280
Yellow
90
Green
500
Emerald Green
3100
C
Capacitance
AlGaAs Red
30
pF
VF = 0; f = 1 MHz
High Efficiency Red
11
Orange
4
Yellow
15
Green
18
Emerald Green
35
R
θ
J-PIN
Thermal
All
260
°C/W
Junction to Cathode
Resistance
Lead at Seating
Plane
VF
Forward Voltage
AlGaAs Red
1.6
1.8
2.2
V
IF = 20 mA
HER/Orange
1.5
1.9
2.6
Yellow
1.5
2.1
2.6
Green/Emerald
1.5
2.2
3.0
Green
VR
Reverse Break-
All
5.0
V
IR = 100
µA
down Voltage
Electrical/Optical Characteristics at T
A
= 25
°C


Similar Part No. - HLMP-S501-E00DG

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-S501-C0000 AVAGO-HLMP-S501-C0000 Datasheet
424Kb / 8P
   2 mm x 5 mm Rectangular LED Lamps
logo
Broadcom Corporation.
HLMP-S501-C00XX BOARDCOM-HLMP-S501-C00XX Datasheet
255Kb / 8P
   2 mm x 5 mm Rectangular LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-S501-D0000 AVAGO-HLMP-S501-D0000 Datasheet
424Kb / 8P
   2 mm x 5 mm Rectangular LED Lamps
logo
Broadcom Corporation.
HLMP-S501-D00XX BOARDCOM-HLMP-S501-D00XX Datasheet
255Kb / 8P
   2 mm x 5 mm Rectangular LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-S501-DE000 AVAGO-HLMP-S501-DE000 Datasheet
424Kb / 8P
   2 mm x 5 mm Rectangular LED Lamps
More results

Similar Description - HLMP-S501-E00DG

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HLMP-S100 HP-HLMP-S100_1 Datasheet
132Kb / 9P
   2 mm x 5 mm Rectangular LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-S501-C0000 AVAGO-HLMP-S501-C0000 Datasheet
424Kb / 8P
   2 mm x 5 mm Rectangular LED Lamps
logo
Broadcom Corporation.
HLMP-S100 BOARDCOM-HLMP-S100 Datasheet
255Kb / 8P
   2 mm x 5 mm Rectangular LED Lamps
logo
Agilent(Hewlett-Packard...
HLMA-SH05 HP-HLMA-SH05 Datasheet
60Kb / 5P
   2 mm x 5 mm Rectangular AlInGaP Lamps
logo
List of Unclassifed Man...
L-117 ETC-L-117 Datasheet
119Kb / 4P
   2 X 5 MM BI COLOR RECTANGULAR LED LAMPS
L113HDT ETC-L113HDT Datasheet
179Kb / 6P
   2 X 5 MM RECTANGULAR SOLID LAMPS
logo
Fairchild Semiconductor
MV52123 FAIRCHILD-MV52123 Datasheet
432Kb / 4P
   SOLID STATE LED LAMP RECTANGULAR 2 X 5 mm LED LAMPS
logo
Agilent(Hewlett-Packard...
HLMP-08XX HP-HLMP-08XX Datasheet
159Kb / 6P
   T-1 3/4, 2 mm x 5 mm Rectangular Bicolor LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-4000 AVAGO-HLMP-4000 Datasheet
192Kb / 6P
   T-1 3/4, 2 mm x 5 mm Rectangular Bicolor LED Lamps
logo
Broadcom Corporation.
HLMP-40XX BOARDCOM-HLMP-40XX Datasheet
192Kb / 6P
   T-1 3/4, 2 mm x 5 mm Rectangular Bicolor LED Lamps
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com