Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATF22V10CQ Datasheet(PDF) 8 Page - ATMEL Corporation

Part # ATF22V10CQ
Description  Industry-standard Architecture
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF22V10CQ Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button ATF22V10CQ_14 Datasheet HTML 4Page - ATMEL Corporation ATF22V10CQ_14 Datasheet HTML 5Page - ATMEL Corporation ATF22V10CQ_14 Datasheet HTML 6Page - ATMEL Corporation ATF22V10CQ_14 Datasheet HTML 7Page - ATMEL Corporation ATF22V10CQ_14 Datasheet HTML 8Page - ATMEL Corporation ATF22V10CQ_14 Datasheet HTML 9Page - ATMEL Corporation ATF22V10CQ_14 Datasheet HTML 10Page - ATMEL Corporation ATF22V10CQ_14 Datasheet HTML 11Page - ATMEL Corporation ATF22V10CQ_14 Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
8
0735U–PLD–7/10
Atmel ATF22V10C(Q)
8.
Input and I/O Pin-keeper Circuits
The Atmel® ATF22V10C contains internal input and I/O pin-keeper circuits. These circuits allow each ATF22V10C
pin to hold its previous value even when it is not being driven by an external source or by the device’s output buffer.
This helps to ensure that all logic array inputs are at known valid logic levels. This reduces system power by
preventing pins from floating to indeterminate levels. By using pin-keeper circuits rather than pull-up resistors,
there is no DC current required to hold the pins in either logic state (high or low).
These pin-keeper circuits are implemented as weak feedback inverters, as shown in the Input Diagram below.
These keeper circuits can easily be overdriven by standard TTL- or CMOS-compatible drivers. The typical
overdrive current required is 40µA.
Figure 8-1.
Input Diagram
Figure 8-2.
I/O Diagram


Similar Part No. - ATF22V10CQ_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF22V10CQ-15JC ATMEL-ATF22V10CQ-15JC Datasheet
273Kb / 18P
   Highperformance EE PLD
ATF22V10CQ-15JC ATMEL-ATF22V10CQ-15JC Datasheet
408Kb / 22P
   Highperformance EE PLD
ATF22V10CQ-15JI ATMEL-ATF22V10CQ-15JI Datasheet
273Kb / 18P
   Highperformance EE PLD
ATF22V10CQ-15JI ATMEL-ATF22V10CQ-15JI Datasheet
408Kb / 22P
   Highperformance EE PLD
ATF22V10CQ-15JU ATMEL-ATF22V10CQ-15JU Datasheet
408Kb / 22P
   Highperformance EE PLD
More results

Similar Description - ATF22V10CQ_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF22V10B ATMEL-ATF22V10B_14 Datasheet
628Kb / 16P
   Industry Standard Architecture
ATF22V10CQZ ATMEL-ATF22V10CQZ_14 Datasheet
1Mb / 19P
   Industry-standard Architecture
ATF20V8B ATMEL-ATF20V8B_14 Datasheet
668Kb / 22P
   Industry-standard Architecture
ATF16LV8C ATMEL-ATF16LV8C_14 Datasheet
224Kb / 15P
   Industry-standard Architecture
ATF16V8CZ ATMEL-ATF16V8CZ_14 Datasheet
596Kb / 26P
   Industry-standard Architecture
ATF20V8BQL ATMEL-ATF20V8BQL_14 Datasheet
668Kb / 22P
   Industry-standard Architecture
ATF22V10C ATMEL-ATF22V10C_14 Datasheet
1Mb / 22P
   Industry-standard Architecture
ATF22V10CZ ATMEL-ATF22V10CZ_14 Datasheet
1Mb / 19P
   Industry-standard Architecture
ATF20V8BQ ATMEL-ATF20V8BQ_14 Datasheet
668Kb / 22P
   Industry-standard Architecture
ATF16V8B ATMEL-ATF16V8B Datasheet
641Kb / 26P
   Industry-standard Architecture Emulates Mary 20-pin PAL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com