Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATF1500AL Datasheet(PDF) 9 Page - ATMEL Corporation

Part # ATF1500AL
Description  High-density, High-performance Electrically-erasable Complex
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF1500AL Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button ATF1500AL_14 Datasheet HTML 5Page - ATMEL Corporation ATF1500AL_14 Datasheet HTML 6Page - ATMEL Corporation ATF1500AL_14 Datasheet HTML 7Page - ATMEL Corporation ATF1500AL_14 Datasheet HTML 8Page - ATMEL Corporation ATF1500AL_14 Datasheet HTML 9Page - ATMEL Corporation ATF1500AL_14 Datasheet HTML 10Page - ATMEL Corporation ATF1500AL_14 Datasheet HTML 11Page - ATMEL Corporation ATF1500AL_14 Datasheet HTML 12Page - ATMEL Corporation ATF1500AL_14 Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
ATF1500A(L)
9
Note:
1. For slow slew outputs, add t
SSO .
AC Characteristics
Symbol
Parameter
-7
-10
-12
-15
-20
-25
Units
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
t
PD
(1)
I, I/O or FB to
Non-Registered
Output
2
7.5
3
103
123153203
25
ns
tPD2
I, I/O to Feedback
5
7
8
9
12
14
ns
tPD3
(1)
Feedback to
Non-Registered
Output
2
7.5
3
103
123153203
25
ns
tPD4
Feedback to
Feedback
5
7
8
9
12
14
ns
tEA
(1)
OE Term to Output
Enable
2
7.5
3
103
123153203
25
ns
t
ER
OE Term to Output
Disable
2
7.5
2
102
122152202
25
ns
tPZX
(1)
OE Pin to Output
Enable
2
5.5
2
7
282
92
10
2
11
ns
tPXZ
OE Pin to Output
Disable
1.5
5.5
1..5
7
1.5
8
1.5
9
1.5
10
1.5
11
ns
tPF
Preset to Feedback
6
9
9
12
18
20
ns
tPO
(1)
Preset to Registered
Output
8.5
12
142023
25
ns
t
RPF
Reset Pin to
Feedback
3
435
5.5
6
ns
t
RPO
(1)
Reset Pin to
Registered Output
5.5
7
8
11
13
15
ns
tRTF
Reset Term to
Feedback
69
9
12
15
20
ns
t
RTO
(1)
Reset Term to
Registered Output
8.5
12
142023
25
ns
t
CAS
Cascade Logic Delay
0.8
0.8
1
1
1.5
1.5
ns
t
SSO
Slow Slew Output
Adder
3
334
44
ns
t
FLD
Foldback Term Delay
4
5
7
8
10
12
ns


Similar Part No. - ATF1500AL_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF1500AL-20AC ATMEL-ATF1500AL-20AC Datasheet
680Kb / 16P
   High Performance E2 PLD
ATF1500AL-20AC ATMEL-ATF1500AL-20AC Datasheet
609Kb / 19P
   Highperformance EPLD
ATF1500AL-20AI ATMEL-ATF1500AL-20AI Datasheet
680Kb / 16P
   High Performance E2 PLD
ATF1500AL-20AI ATMEL-ATF1500AL-20AI Datasheet
609Kb / 19P
   Highperformance EPLD
ATF1500AL-20AU ATMEL-ATF1500AL-20AU Datasheet
609Kb / 19P
   Highperformance EPLD
More results

Similar Description - ATF1500AL_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF1508AS ATMEL-ATF1508AS_14 Datasheet
718Kb / 31P
   High-density, High-performance, Electrically-erasable Complex
ATF1508ASL ATMEL-ATF1508ASL_14 Datasheet
718Kb / 31P
   High-density, High-performance, Electrically-erasable Complex
ATF1500ABV ATMEL-ATF1500ABV_14 Datasheet
466Kb / 18P
   High-density, High-performance Electrically-erasable Complex
ATF1504ASV ATMEL-ATF1504ASV_14 Datasheet
578Kb / 31P
   High-density, High-performance, Electrically-erasable Complex
ATF1504ASVL ATMEL-ATF1504ASVL_14 Datasheet
578Kb / 31P
   High-density, High-performance, Electrically-erasable Complex
ATF1500A ATMEL-ATF1500A_14 Datasheet
610Kb / 19P
   High-density, High-performance Electrically-erasable Complex
ATF1502ASV ATMEL-ATF1502ASV_14 Datasheet
378Kb / 25P
   High-density, High-performance, Electrically-erasable Complex Programmable
ATF1508RE ATMEL-ATF1508RE_14 Datasheet
792Kb / 31P
   High-density, High-performance Fully CMOS, Electrically-erasable Complex
ATF1508ASV ATMEL-ATF1508ASV_14 Datasheet
600Kb / 28P
   High-density, High-performance, Electrically-erasable
ATF1508ASVL ATMEL-ATF1508ASVL_14 Datasheet
600Kb / 28P
   High-density, High-performance, Electrically-erasable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com