Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E2PBG Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # E2PBG
Description  77SC66p33e..c4422-0220..22362510710 Mild Steel
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

E2PBG Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  E2PBG Datasheet HTML 1Page - List of Unclassifed Manufacturers E2PBG Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Spec-00357 C
Junction Boxes Pushbutton EnclosurEs
EQUIPMENT PROTECTION SOLUTIONS
SUBJECT TO CHANGE WITHOUT NOTICE
Mild steel
1
Spec-00357
c763.422.2211
763.422.2600
Mild steel
Junction Boxes
PushButton enclosures
30.5-MM and 22.5-MM PushButton enclosures, tyPe 12
industry standards
UL 508A Listed; Type 12, 13; File No. E61997
cUL Listed per CSA C22.2 No. 94; Type 12, 13; File No. E61997
NEMA/EEMAC Type 12, 13
CSA File Number 42186: Type 12
IEC 60529, IP65
aPPlication
These pushbutton enclosures are designed to hold 30.5-mm or
22.5-mm pushbuttons and switches.
sPeciFications
16 or 14 gauge steel
Seams continuously welded and ground smooth
Captivated cover screws thread into sealed wells
Grounding nut in body of enclosure
Bonding provision on cover
Oil-resistant gasket
Factory stamped 4-way pushbutton holes
Enclosures with more than one column of pushbutton holes have
internal detachable hinge
External wall-mounting brackets
Finish
ANSI 61 gray polyester powder paint inside and out
accessories
See also Accessories.
Industrial Corrosion Inhibitors
HOL-SEALERS™ Hole Seals
Tamper-Resistant Screws
Bulletin: pB1
Standard Product
 
Catalog Number AxBxC in.
AxBxC mm
Hole
Size
Number
of Holes Gauge
Mounting
G x H (in.)
Mounting
G x H (mm)
Overall
L x W (in.)
Overall
L x W (mm) J (in.) J (mm) T (in.) T (mm) X (in.) X (mm) Y (in.) Y (mm)
E1PB
3.50 x 3.25 x 2.75
89 x 83 x 70
30.5 mm 1
16
4.00 x 2.38 102 x 60
4.50 x 3.47
114 x 88
2.31
59
3.00
76
1.73
44
1.86
47
E1PBG
3.50 x 3.25 x 2.75
89 x 83 x 70
22.5 mm 1
16
4.00 x 2.38 102 x 60
4.50 x 3.47
114 x 88
2.31
59
3.00
76
1.73
44
1.86
47
E2PB
5.75 x 3.25 x 2.75
146 x 83 x 70 30.5 mm 2
16
6.25 x 2.38 159 x 60
6.75 x 3.47
171 x 88
2.31
59
3.00
76
1.73
44
1.86
47
E2PBG
5.75 x 3.25 x 2.75
146 x 83 x 70 22.5 mm 2
16
6.25 x 2.38 159 x 60
6.75 x 3.47
171 x 88
2.31
59
3.00
76
1.73
44
1.86
47
E3PB
8.00 x 3.25 x 2.75
203 x 83 x 70 30.5 mm 3
14
8.50 x 2.38 216 x 60
9.00 x 3.47
229 x 88
2.31
59
3.00
76
1.73
44
1.86
47
E3PBG
8.00 x 3.25 x 2.75
203 x 83 x 70 22.5 mm 3
14
8.50 x 2.38 216 x 60
9.00 x 3.47
229 x 88
2.31
59
3.00
76
1.73
44
1.86
47
E4PB
10.25 x 3.25 x 2.75 260 x 83 x 70 30.5 mm 4
14
10.75 x 2.38 273 x 60
11.25 x 3.47 286 x 88
2.31
59
3.00
76
1.73
44
1.86
47
E4PBG
10.25 x 3.25 x 2.75 260 x 83 x 70 22.5 mm 4
14
10.75 x 2.38 273 x 60
11.25 x 3.47 286 x 88
2.31
59
3.00
76
1.73
44
1.86
47
E4SPB
7.25 x 6.25 x 3.00
184 x 159 x 76 30.5 mm 4
14
7.75 x 5.38 197 x 137
8.25 x 6.47
210 x 164
2.56
65
6.00
152
2.11
54
2.61
66
E4SPBG
7.25 x 6.25 x 3.00
184 x 159 x 76 22.5 mm 4
14
7.75 x 5.38 197 x 137
8.25 x 6.47
210 x 164
2.56
65
6.00
152
2.11
54
2.61
66
E5PB
12.50 x 3.25 x 2.75 317 x 83 x 70 30.5 mm 5
14
13.00 x 2.38 330 x 60
13.50 x 3.47 343 x 88
2.31
59
3.00
76
1.73
44
1.86
47
E5PBG
12.50 x 3.25 x 2.75 317 x 83 x 70 22.5 mm 5
14
13.00 x 2.38 330 x 60
13.50 x 3.47 343 x 88
2.31
59
3.00
76
1.73
44
1.86
47
E6PBVL
14.75 x 3.25 x 2.75 375 x 83 x 70 30.5 mm 6
14
15.25 x 2.38 387 x 60
15.75 x 3.47 400 x 88
2.31
59
3.00
76
1.73
44
1.86
47
E6PBGVL
14.75 x 3.25 x 2.75 375 x 83 x 70 22.5 mm 6
14
15.25 x 2.38 387 x 60
15.75 x 3.47 400 x 88
2.31
59
3.00
76
1.73
44
1.86
47
E6PB
9.50 x 6.25 x 3.00
241 x 159 x 76 30.5 mm 6
14
10.00 x 5.38 254 x 137
10.50 x 6.47 267 x 164
2.56
65
6.00
152
2.11
54
2.61
66
E6PBG
9.50 x 6.25 x 3.00
241 x 159 x 76 22.5 mm 6
14
10.00 x 5.38 254 x 137
10.50 x 6.47 267 x 164
2.56
65
6.00
152
2.11
54
2.61
66
E8PB
20.25 x 3.25 x 2.75 514 x 83 x 70 30.5 mm 8
14
20.75 x 2.38 527 x 60
21.25 x 3.47 540 x 88
2.31
59
3.00
76
1.73
44
1.86
47
E8PBG
20.25 x 3.25 x 2.75 514 x 83 x 70 22.5 mm 8
14
20.75 x 2.38 527 x 60
21.25 x 3.47 540 x 88
2.31
59
3.00
76
1.73
44
1.86
47
E9PB
9.50 x 8.50 x 3.00
241 x 216 x 76 30.5 mm 9
14
10.00 x 7.62 254 x 194
10.50 x 8.72 267 x 221
2.56
65
8.25
210
2.11
54
2.61
66
E9PBG
9.50 x 8.50 x 3.00
241 x 216 x 76 22.5 mm 9
14
10.00 x 7.62 254 x 194
10.50 x 8.72 267 x 221
2.56
65
8.25
210
2.11
54
2.61
66
E10PB
24.75 x 3.25 x 2.75 629 x 83 x 70 30.5 mm 10
14
25.25 x 2.38 641 x 60
25.75 x 3.47 654 x 88
2.31
59
3.00
76
1.73
44
1.86
47
E10PBG
24.75 x 3.25 x 2.75 629 x 83 x 70 22.5 mm 10
14
25.25 x 2.38 641 x 60
25.75 x 3.47 654 x 88
2.31
59
3.00
76
1.73
44
1.86
47
E12PB
11.75 x 8.50 x 3.00 298 x 216 x 76 30.5 mm 12
14
12.25 x 7.62 311 x 194
12.75 x 8.72 324 x 221
2.56
65
8.25
210
2.11
54
2.61
66
E12PBG
11.75 x 8.50 x 3.00 298 x 216 x 76 22.5 mm 12
14
12.25 x 7.62 311 x 194
12.75 x 8.72 324 x 221
2.56
65
8.25
210
2.11
54
2.61
66
E16PB
11.75 x 10.75 x 3.00 298 x 273 x 76 30.5 mm 16
14
12.25 x 9.88 311 x 251
12.75 x 10.97 324 x 279
2.56
65
10.50 267
2.11
54
2.61
66
E16PBG
11.75 x 10.75 x 3.00 298 x 273 x 76 22.5 mm 16
14
12.25 x 9.88 311 x 251
12.75 x 10.97 324 x 279
2.56
65
10.50 267
2.11
54
2.61
66


Similar Description - E2PBG

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
1414A HAMMOND-1414A Datasheet
167Kb / 1P
   Type 12 Mild Steel Junction Box 1414 Series
CS443 HAMMOND-CS443 Datasheet
115Kb / 3P
   Type 1 Mild Steel Junction Box CS Series Screw Cover and without Knockouts
logo
Semicoa Semiconductor
2N3811 SEMICOA-2N3811 Datasheet
79Kb / 3P
   Type 2N3811 Geometry 0220 Polarity PNP
logo
Molex Electronics Ltd.
19288-0220 MOLEX-19288-0220 Datasheet
90Kb / 3P
   ATP - Tooling Kit- 19288-0220
04-25-05
logo
Semicoa Semiconductor
2C2605 SEMICOA-2C2605 Datasheet
30Kb / 1P
   Chip Type 2C2605 Geometry 0220 Polarity NPN
logo
Hammond Manufacturing L...
1420B7 HAMMOND-1420B7 Datasheet
147Kb / 3P
   Type 1 Mild Steel Wallmount Enclosure 1420 Series Hinge Door With Quarter Turn and W Mounting Flange
logo
EPCOS
B25655J4307K001 EPCOS-B25655J4307K001 Datasheet
159Kb / 6P
   PCC series for Mild HEV HybridPACK??
logo
Semicoa Semiconductor
2N3810 SEMICOA-2N3810 Datasheet
43Kb / 3P
   Type 2N3810 Geometry 0220 Polarity PNP
2N2484 SEMICOA-2N2484 Datasheet
55Kb / 3P
   Type 2N2484 Geometry 0220 / 0307 Polarity NPN
logo
Hammond Manufacturing L...
1447AA8 HAMMOND-1447AA8 Datasheet
213Kb / 3P
   Type 12 Mild Steel Wallmount Disconnect Enclosure 1447 Series Continuous Hinge Door Flange w Allen Bradley 1494 D Series cutout only
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com