Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATMEGA103L Datasheet(PDF) 1 Page - ATMEL Corporation

Part # ATMEGA103L
Description  Wake-up from Power Save Executes Instructions before Interrupt
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA103L Datasheet(HTML) 1 Page - ATMEL Corporation

  ATMEGA103L_14 Datasheet HTML 1Page - ATMEL Corporation ATMEGA103L_14 Datasheet HTML 2Page - ATMEL Corporation ATMEGA103L_14 Datasheet HTML 3Page - ATMEL Corporation ATMEGA103L_14 Datasheet HTML 4Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Errata
Wake-up from Power Save Executes Instructions before Interrupt
SPI can Send Wrong Byte
Wrong Clearing of EXTRF in MCUSR
Reset during EEPROM Write
SPI Interrupt Flag can be Undefined after Reset
Serial Programming at Voltages below 3.4V
Skip Instruction with Interrupts
Signature Bytes
Read Back Value during EEPROM Polling
MISO Active during In-System Programming
The ADC has no Free-running Mode
UART Loses Synchronization if RXD Line is Low when UART Receive is Disabled
12. Wake-up from Power Save Executes Instructions before Interrupt
When waking up from power save, some instructions are executed before the
interrupt is called. If the device is woken up by an external interrupt, 2 instruction
cycles are executed. If it is woken up by the asynchronous timer, 3 instructions
are executed before the interrupt.
Problem Fix/Workaround
Make sure that the first two or three instructions following sleep are not dependent
on the executed interrupt.
11. The SPI can Send Wrong Byte
If the SPI is in Master mode, it will restart the old transfer if new data is written on
the same clock edge as the previous transfer is finished.
Problem Fix/Workaround
When writing to the SPI, first wait until it is ready, then write the byte to transmit.
10. Wrong Clearing of EXTRF in MCUSR
The EXTRF flag in MCUSR will be cleared when clearing the PORF-flag. The flag
does not get cleared by writing a “0” to it.
Problem Fix/Workaround
Finish the test of both flags before clearing any of them. Clear both flags simulta-
neously by writing “0” to both PORF and EXTRF in MCUCR.
9.
Reset during EEPROM Write
If reset is activated during EEPROM write, the result is not what should be
expected. The EEPROM write cycle completes as normal, but the address regis-
ters are reset to 0. The result is that both the address written and address 0 in the
EEPROM can be corrupted.
Problem Fix/Workaround
Avoid using address 0 for storage, unless you can guarantee that you will not get
a reset during EEPROM write.
8-bit
Microcontroller
with 128K Bytes
In-System
Programmable
Flash
ATmega103L
Rev. F/G
Errata Sheet
Rev. 1197D–12/99


Similar Part No. - ATMEGA103L_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA103L-4AC ATMEL-ATMEGA103L-4AC Datasheet
280Kb / 10P
   8-Bit Microcontroller with 64K/128K Bytes In-System Programmable Flash
ATMEGA103L-4AC ATMEL-ATMEGA103L-4AC Datasheet
2Mb / 141P
   8-bit Microcontroller with 128K Bytes In-System Programmable Flash
ATMEGA103L-4AI ATMEL-ATMEGA103L-4AI Datasheet
280Kb / 10P
   8-Bit Microcontroller with 64K/128K Bytes In-System Programmable Flash
ATMEGA103L-4AI ATMEL-ATMEGA103L-4AI Datasheet
2Mb / 141P
   8-bit Microcontroller with 128K Bytes In-System Programmable Flash
More results

Similar Description - ATMEGA103L_14

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
EFM32G200 SILABS-EFM32G200 Datasheet
1Mb / 67P
   Wake-up Interrupt Controller
EFM32G210 SILABS-EFM32G210 Datasheet
1Mb / 68P
   Wake-up Interrupt Controller
EFM32G280 SILABS-EFM32G280 Datasheet
1Mb / 72P
   Wake-up Interrupt Controller
EFM32G880 SILABS-EFM32G880 Datasheet
1Mb / 75P
   Wake-up Interrupt Controller
EFM32G232 SILABS-EFM32G232 Datasheet
1Mb / 69P
   Wake-up Interrupt Controller
EFM32G222 SILABS-EFM32G222 Datasheet
1Mb / 68P
   Wake-up Interrupt Controller
EFM32G230 SILABS-EFM32G230 Datasheet
1Mb / 70P
   Wake-up Interrupt Controller
EFM32G290 SILABS-EFM32G290 Datasheet
1Mb / 72P
   Wake-up Interrupt Controller
EFM32G842 SILABS-EFM32G842 Datasheet
1Mb / 70P
   Wake-up Interrupt Controller
EFM32G890 SILABS-EFM32G890 Datasheet
1Mb / 74P
   Wake-up Interrupt Controller
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com