Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATTINY15L Datasheet(PDF) 6 Page - ATMEL Corporation

Part # ATTINY15L
Description  Advanced RISC Architecture
Download  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATTINY15L Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button ATTINY15L_14 Datasheet HTML 2Page - ATMEL Corporation ATTINY15L_14 Datasheet HTML 3Page - ATMEL Corporation ATTINY15L_14 Datasheet HTML 4Page - ATMEL Corporation ATTINY15L_14 Datasheet HTML 5Page - ATMEL Corporation ATTINY15L_14 Datasheet HTML 6Page - ATMEL Corporation ATTINY15L_14 Datasheet HTML 7Page - ATMEL Corporation ATTINY15L_14 Datasheet HTML 8Page - ATMEL Corporation ATTINY15L_14 Datasheet HTML 9Page - ATMEL Corporation ATTINY15L_14 Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 85 page
background image
6
ATtiny15L
1187H–AVR–09/07
A flexible interrupt module has its control registers in the I/O space with an additional
Global Interrupt Enable bit in the Status Register. All the different interrupts have a sep-
arate Interrupt Vector in the Interrupt Vector table at the beginning of the program
memory. The different interrupts have priority in accordance with their Interrupt Vector
position. The lower the Interrupt Vector address, the higher the priority.
The General Purpose
Register File
Figure 3 shows the structure of the 32 general purpose registers in the CPU.
Figure 3. AVR CPU General Purpose Working Registers
All the register operating instructions in the instruction set have direct- and single-cycle
access to all registers. The only exception is the five constant arithmetic and logic
instructions SBCI, SUBI, CPI, ANDI, and ORI between a constant and a register and the
LDI instruction for load-immediate constant data. These instructions apply to the second
half of the registers in the Register File – R16..R31. The general SBC, SUB, CP, AND,
OR, and all other operations between two registers or on a single-register apply to the
entire Register File.
Registers 30 and 31 form a 16-bit pointer (the Z-pointer) which is used for indirect Flash
memory and Register File access. When the Register File is accessed, the contents of
R31 is discarded by the CPU.
The ALU – Arithmetic
Logic Unit
The high-performance AVR ALU operates in direct connection with all the 32 general
purpose working registers. Within a single clock cycle, ALU operations between regis-
ters in the Register File are executed. The ALU operations are divided into three main
categories – arithmetic, logic and bit-functions. Some microcontrollers in the AVR prod-
uct family feature a hardware multiplier in the arithmetic part of the ALU.
The Flash Program
Memory
The ATtiny15L contains 1K byte On-chip, In-System Programmable Flash memory for
program storage. Since all instructions are single 16-bit words, the Flash is organized as
512 x 16 words. The Flash memory has an endurance of at least 1,000 write/erase
cycles.
The ATtiny15L Program Counter is nine bits wide, thus addressing the 512 words Flash
Program memory.
See page 54 for a detailed description on Flash memory programming.
70
R0
R1
R2
General
Purpose
Working
R28
Registers
R29
R30 (Z-register Low Byte)R3
R31 (Z-register High Byte)


Similar Part No. - ATTINY15L_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATTINY15L-1PC ATMEL-ATTINY15L-1PC Datasheet
210Kb / 11P
   8-bit AVR Microcontroller with 1K Byte Flash
ATTINY15L-1PC ATMEL-ATTINY15L-1PC Datasheet
758Kb / 85P
   8-bit Microcontroller with 1K Byte Flash
ATTINY15L-1PC ATMEL-ATTINY15L-1PC Datasheet
1Mb / 79P
   8-BIT AVR짰 Microcontroller with 1K Byte Flash
ATTINY15L-1PI ATMEL-ATTINY15L-1PI Datasheet
210Kb / 11P
   8-bit AVR Microcontroller with 1K Byte Flash
ATTINY15L-1PI ATMEL-ATTINY15L-1PI Datasheet
758Kb / 85P
   8-bit Microcontroller with 1K Byte Flash
More results

Similar Description - ATTINY15L_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA8HVA ATMEL-ATMEGA8HVA_14 Datasheet
333Kb / 22P
   Advanced RISC Architecture
ATMEGA48PB ATMEL-ATMEGA48PB Datasheet
1Mb / 25P
   Advanced RISC architecture
ATTINY15L ATMEL-ATTINY15L_07 Datasheet
1Mb / 85P
   High-performance, Low-power AVR 8-bit Microcontroller Advanced RISC Architecture
ATMEGA16U4 ATMEL-ATMEGA16U4_10 Datasheet
694Kb / 26P
   High Performance, Low Power AVR 8-Bit Microcontroller Advanced RISC Architecture
logo
Microchip Technology
PIC16LF18854 MICROCHIP-PIC16LF18854 Datasheet
6Mb / 668P
   C Compiler Optimized RISC Architecture
07/14/15
logo
ATMEL Corporation
ATMEGA48 ATMEL-ATMEGA48_11 Datasheet
8Mb / 377P
   High performance, low power Atmel AVR 8-bit microcontroller Advanced RISC architecture
ATMEGA8 ATMEL-ATMEGA8_13 Datasheet
6Mb / 331P
   High-performance, Low-power Atmel AVR 8-bit Microcontroller Advanced RISC Architecture
ATA5505 ATMEL-ATA5505 Datasheet
5Mb / 294P
   High Performance, Low Power Atmel AVR 8-bit Microcontroller Advanced RISC Architecture
AT91SAM7L128PRE ATMEL-AT91SAM7L128PRE Datasheet
8Mb / 564P
    numberHigh-performance 32-bit RISC Architecture
AT91M42800A ATMEL-AT91M42800A_14 Datasheet
423Kb / 27P
   High-performance 32-bit RISC Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com