Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATTINY28L Datasheet(PDF) 2 Page - ATMEL Corporation

Part # ATTINY28L
Description  AVR ??High-performance and Low-power RISC Architecture
Download  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATTINY28L Datasheet(HTML) 2 Page - ATMEL Corporation

  ATTINY28L_14 Datasheet HTML 1Page - ATMEL Corporation ATTINY28L_14 Datasheet HTML 2Page - ATMEL Corporation ATTINY28L_14 Datasheet HTML 3Page - ATMEL Corporation ATTINY28L_14 Datasheet HTML 4Page - ATMEL Corporation ATTINY28L_14 Datasheet HTML 5Page - ATMEL Corporation ATTINY28L_14 Datasheet HTML 6Page - ATMEL Corporation ATTINY28L_14 Datasheet HTML 7Page - ATMEL Corporation ATTINY28L_14 Datasheet HTML 8Page - ATMEL Corporation ATTINY28L_14 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 81 page
background image
2
ATtiny28L/V
1062F–AVR–07/06
Description
The ATtiny28 is a low-power CMOS 8-bit microcontroller based on the AVR RISC archi-
tecture. By executing powerful instructions in a single clock cycle, the ATtiny28 achieves
throughputs approaching 1 MIPS per MHz, allowing the system designer to optimize
power consumption versus processing speed. The AVR core combines a rich instruction
set with 32 general-purpose working registers. All the 32 registers are directly con-
nected to the Arithmetic Logic Unit (ALU), allowing two independent registers to be
accessed in one single instruction executed in one clock cycle. The resulting architec-
ture is more code efficient while achieving throughputs up to ten times faster than
conventional CISC microcontrollers.
Block Diagram
Figure 1. The ATtiny28 Block Diagram
The ATtiny28 provides the following features: 2K bytes of Flash, 11 general-purpose I/O
lines, 8 input lines, a high-current LED driver, 32 general-purpose working registers, an
8-bit timer/counter, internal and external interrupts, programmable Watchdog Timer with
internal oscillator and 2 software-selectable power-saving modes. The Idle Mode stops
the CPU while allowing the timer/counter and interrupt system to continue functioning.
The Power-down mode saves the register contents but freezes the oscillator, disabling
all other chip functions until the next interrupt or hardware reset. The wake-up or inter-
PROGRAM
COUNTER
INTERNAL
OSCILLATOR
WATCHDOG
TIMER
STACK
POINTER
PROGRAM
FLASH
MCU CONTROL
REGISTER
GENERAL
PURPOSE
REGISTERS
INSTRUCTION
REGISTER
TIMER/
COUNTER
INSTRUCTION
DECODER
DATA REGISTER
PORTB
PROGRAMMING
LOGIC
TIMING AND
CONTROL
INTERRUPT
UNIT
STATUS
REGISTER
ALU
PORTB
VCC
GND
CONTROL
LINES
8-BIT DATA BUS
Z
OSCILLATOR
PORTD
DATA REGISTER
PORTA
PORTA
PORTA CONTROL
REGISTER
XTAL2
XTAL1
RESET
HARDWARE
STACK
DATA REGISTER
PORTD
DATA DIR
REG. PORTD
HARDWARE
MODULATOR
INTERNAL
CALIBRATED
OSCILLATOR


Similar Part No. - ATTINY28L_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATTINY28L ATMEL-ATTINY28L_14 Datasheet
177Kb / 13P
   High-performance and Low-power RISC Architecture
More results

Similar Description - ATTINY28L_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA103 ATMEL-ATMEGA103_14 Datasheet
2Mb / 4P
   AVR ??High-performance and Low-power RISC Architecture
AT90LS2343 ATMEL-AT90LS2343_14 Datasheet
1Mb / 64P
   AVR ??High-performance and Low-power RISC Architecture
ATTINY2313V ATMEL-ATTINY2313V_14 Datasheet
3Mb / 226P
   AVR ??High-performance and Low-power RISC Architecture
AT90S2313 ATMEL-AT90S2313_14 Datasheet
1Mb / 92P
   AVR ??High-performance and Low-power RISC Architecture
AT90LS2323 ATMEL-AT90LS2323_14 Datasheet
1Mb / 64P
   AVR ??High-performance and Low-power RISC Architecture
AT90S8515 ATMEL-AT90S8515_14 Datasheet
2Mb / 4P
   AVR ??High-performance and Low-power RISC Architecture
ATTINY28V ATMEL-ATTINY28V_14 Datasheet
687Kb / 81P
   AVR ??High-performance and Low-power RISC Architecture
AT90S2343 ATMEL-AT90S2343_14 Datasheet
1Mb / 64P
   AVR ??High-performance and Low-power RISC Architecture
ATTINY28L ATMEL-ATTINY28L_14 Datasheet
177Kb / 13P
   High-performance and Low-power RISC Architecture
ATTINY15L ATMEL-ATTINY15L_07 Datasheet
1Mb / 85P
   High-performance, Low-power AVR 8-bit Microcontroller Advanced RISC Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com