Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATTINY28V Datasheet(PDF) 5 Page - ATMEL Corporation

Part # ATTINY28V
Description  AVR ??High-performance and Low-power RISC Architecture
Download  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATTINY28V Datasheet(HTML) 5 Page - ATMEL Corporation

  ATTINY28V_14 Datasheet HTML 1Page - ATMEL Corporation ATTINY28V_14 Datasheet HTML 2Page - ATMEL Corporation ATTINY28V_14 Datasheet HTML 3Page - ATMEL Corporation ATTINY28V_14 Datasheet HTML 4Page - ATMEL Corporation ATTINY28V_14 Datasheet HTML 5Page - ATMEL Corporation ATTINY28V_14 Datasheet HTML 6Page - ATMEL Corporation ATTINY28V_14 Datasheet HTML 7Page - ATMEL Corporation ATTINY28V_14 Datasheet HTML 8Page - ATMEL Corporation ATTINY28V_14 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 81 page
background image
5
ATtiny28L/V
1062F–AVR–07/06
ra te in terru pt vector in the inte rrup t ve ctor tab l e a t t he be ginning o f th e
program memory. The different interrupts have priority in accordance with their interrupt
vector position. The lower the interrupt vector address, the higher the priority.
ALU – Arithmetic Logic
Unit
The high-performance AVR ALU operates in direct connection with all the 32 general-
purpose working registers. Within a single clock cycle, ALU operations between regis-
ters in the register file are executed. The ALU operations are divided into three main
categories – arithmetic, logic and bit functions. Some microcontrollers in the AVR prod-
uct family feature a hardware multiplier in the arithmetic part of the ALU.
Subroutine and Interrupt
Hardware Stack
The ATtiny28 uses a 3-level-deep hardware stack for subroutines and interrupts. The
hardware stack is 10 bits wide and stores the program counter (PC) return address
while subroutines and interrupts are executed.
RCALL instructions and interrupts push the PC return address onto stack level 0, and
the data in the other stack levels 1 - 2 are pushed one level deeper in the stack. When a
RET or RETI instruction is executed the returning PC is fetched from stack level 0, and
the data in the other stack levels 1 - 2 are popped one level in the stack.
If more than three subsequent subroutine calls or interrupts are executed, the first val-
ues written to the stack are overwritten.
General-purpose
Register File
Figure 4 shows the structure of the 32 general-purpose registers in the CPU.
Figure 4. AVR CPU General-purpose Working Registers
All the register operating instructions in the instruction set have direct and single cycle
access to all registers. The only exception are the five constant arithmetic and logic
instructions SBCI, SUBI, CPI, ANDI and ORI between a constant and a register and the
LDI instruction for load immediate constant data. These instructions apply to the second
half of the registers in the register file – R16..R31. The general SBC, SUB, CP, AND,
OR and all other operations between two registers or on a single register apply to the
entire register file.
Registers 30 and 31 form a 16-bit pointer (the Z-pointer), which is used for indirect Flash
memory and register file access. When the register file is accessed, the contents of R31
are discarded by the CPU.
70
R0
R1
R2
General
Purpose
Working
R28
Registers
R29
R30 (Z-Register low byte)
R31(Z-Register high byte)


Similar Part No. - ATTINY28V_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATTINY28V-1AC ATMEL-ATTINY28V-1AC Datasheet
932Kb / 75P
   8-bit AVR Microcontroller with 2K Bytes of Flash
ATTINY28V-1AC ATMEL-ATTINY28V-1AC Datasheet
176Kb / 13P
   8-bit Microcontroller with 2K Bytes of Flash
ATTINY28V-1AI ATMEL-ATTINY28V-1AI Datasheet
932Kb / 75P
   8-bit AVR Microcontroller with 2K Bytes of Flash
ATTINY28V-1AI ATMEL-ATTINY28V-1AI Datasheet
176Kb / 13P
   8-bit Microcontroller with 2K Bytes of Flash
ATTINY28V-1AU ATMEL-ATTINY28V-1AU Datasheet
176Kb / 13P
   8-bit Microcontroller with 2K Bytes of Flash
More results

Similar Description - ATTINY28V_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA103 ATMEL-ATMEGA103_14 Datasheet
2Mb / 4P
   AVR ??High-performance and Low-power RISC Architecture
AT90LS2343 ATMEL-AT90LS2343_14 Datasheet
1Mb / 64P
   AVR ??High-performance and Low-power RISC Architecture
ATTINY2313V ATMEL-ATTINY2313V_14 Datasheet
3Mb / 226P
   AVR ??High-performance and Low-power RISC Architecture
AT90S2313 ATMEL-AT90S2313_14 Datasheet
1Mb / 92P
   AVR ??High-performance and Low-power RISC Architecture
ATTINY28L ATMEL-ATTINY28L_14 Datasheet
687Kb / 81P
   AVR ??High-performance and Low-power RISC Architecture
AT90LS2323 ATMEL-AT90LS2323_14 Datasheet
1Mb / 64P
   AVR ??High-performance and Low-power RISC Architecture
AT90S8515 ATMEL-AT90S8515_14 Datasheet
2Mb / 4P
   AVR ??High-performance and Low-power RISC Architecture
AT90S2343 ATMEL-AT90S2343_14 Datasheet
1Mb / 64P
   AVR ??High-performance and Low-power RISC Architecture
ATTINY28L ATMEL-ATTINY28L_14 Datasheet
177Kb / 13P
   High-performance and Low-power RISC Architecture
ATTINY15L ATMEL-ATTINY15L_07 Datasheet
1Mb / 85P
   High-performance, Low-power AVR 8-bit Microcontroller Advanced RISC Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com