Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS7241S-1A-F3 Datasheet(PDF) 3 Page - NEC

Part # PS7241S-1A-F3
Description  CURRENT LIMIT TYPE 4-PIN SOP 400 V OCMOS FET 1-ch OCMOS FET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS7241S-1A-F3 Datasheet(HTML) 3 Page - NEC

  PS7241S-1A-F3 Datasheet HTML 1Page - NEC PS7241S-1A-F3 Datasheet HTML 2Page - NEC PS7241S-1A-F3 Datasheet HTML 3Page - NEC PS7241S-1A-F3 Datasheet HTML 4Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Preliminary Data Sheet P13922EJ2V0DS00
3
PS7241S-1A
RECOMMENDED OPERATING CONDITIONS (TA = 25
°°°°C)
Parameter
Symbol
MIN.
TYP.
MAX.
Unit
LED Operating Current
IF
210
20
mA
LED Off Voltage
VF
00.5
V
ELECTRICAL CHARACTERISTICS (TA = 25
°°°°C)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Diode
Forward Voltage
VF
IF = 10 mA
1.2
1.4
V
Reverse Current
IR
VR = 5 V
5.0
µA
MOS FET
Off-state Leakage Current
ILoff
VD = 400 V
1
µA
Output Capacitance
Cout
VD = 0 V, f = 1 MHz
65
pF
Coupled
LED On-state Current
IFon
IL = 120 mA
2
mA
On-state Resistance
Ron1
IF = 10 mA, IL = 10 mA
28
35
Ron2
IF = 10 mA, IL = 120 mA
24
30
Turn-on Time
*1
ton
IF = 10 mA, VO = 5 V,
0.5
2.0
ms
Turn-off Time
*1
toff
PW
≥ 10 ms
0.07
0.2
Isolation Resistance
RI-O
VI-O = 1.0 kVDC
10
9
Isolation Capacitance
CI-O
V = 0 V, f = 1 MHz
0.5
pF
Limit Current
ILMT
IF = 10 mA, VL = 6 V, t = 5 ms
155
180
210
mA
*1 Test Circuit for Switching Time
VL
RL
IF
Rin
Pulse Input
Input monitor
monitor
VO
ton
toff
10 %
90 %
0
VO = 5 V
50 %
Output
Input


Similar Part No. - PS7241S-1A-F3

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS7241-1A CEL-PS7241-1A Datasheet
349Kb / 12P
   4-PIN SOP 400 V BREAK DOWN VOLTAGE 1-ch Optical Coupled MOS FET
PS7241-1A-A CEL-PS7241-1A-A Datasheet
349Kb / 12P
   4-PIN SOP 400 V BREAK DOWN VOLTAGE 1-ch Optical Coupled MOS FET
PS7241-1A-E3 CEL-PS7241-1A-E3 Datasheet
349Kb / 12P
   4-PIN SOP 400 V BREAK DOWN VOLTAGE 1-ch Optical Coupled MOS FET
PS7241-1A-E3-A CEL-PS7241-1A-E3-A Datasheet
349Kb / 12P
   4-PIN SOP 400 V BREAK DOWN VOLTAGE 1-ch Optical Coupled MOS FET
PS7241-1A-E4 CEL-PS7241-1A-E4 Datasheet
349Kb / 12P
   4-PIN SOP 400 V BREAK DOWN VOLTAGE 1-ch Optical Coupled MOS FET
More results

Similar Description - PS7241S-1A-F3

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS7241C-1A CEL-PS7241C-1A Datasheet
34Kb / 2P
   CURRENT LIMIT TYPE 4 PIN SOP 400 V 1-CH OCMOS FET
logo
NEC
PS7241C-1A NEC-PS7241C-1A Datasheet
31Kb / 2P
   CURRENT LIMIT TYPE 4 PIN SOP 400 V 1-CH OCMOS FET
logo
California Eastern Labs
PS7341-1B CEL-PS7341-1B Datasheet
358Kb / 11P
   HIGH ISOLATION VOLTAGE 6-PIN DIP OCMOS FET (1-ch OCMOS FET)
logo
NEC
PS7341-1B NEC-PS7341-1B Datasheet
68Kb / 12P
   HIGH ISOLATION VOLTAGE 6-PIN DIP OCMOS FET 1-ch OCMOS FET
logo
California Eastern Labs
PS7221A-2A CEL-PS7221A-2A Datasheet
213Kb / 12P
   Solid State Relay OCMOS FET
PS7141C-2A CEL-PS7141C-2A Datasheet
353Kb / 14P
   Solid State Relay OCMOS FET
PS7200R-1A CEL-PS7200R-1A Datasheet
202Kb / 13P
   Solid State Relay OCMOS FET
PS710CL2-1A CEL-PS710CL2-1A Datasheet
194Kb / 14P
   Solid State Relay OCMOS FET
PS7122A-1A CEL-PS7122A-1A Datasheet
209Kb / 14P
   Solid State Relay OCMOS FET
PS7141E-2A CEL-PS7141E-2A Datasheet
198Kb / 13P
   Solid State Relay OCMOS FET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com