Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS7241S-1A-F3 Datasheet(PDF) 2 Page - NEC

Part # PS7241S-1A-F3
Description  CURRENT LIMIT TYPE 4-PIN SOP 400 V OCMOS FET 1-ch OCMOS FET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS7241S-1A-F3 Datasheet(HTML) 2 Page - NEC

  PS7241S-1A-F3 Datasheet HTML 1Page - NEC PS7241S-1A-F3 Datasheet HTML 2Page - NEC PS7241S-1A-F3 Datasheet HTML 3Page - NEC PS7241S-1A-F3 Datasheet HTML 4Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Preliminary Data Sheet P13922EJ2V0DS00
2
PS7241S-1A
1. LED Anode
2. LED Cathode
3. MOS FET
4. MOS FET
43
12
TOP VIEW
PACKAGE DIMENSIONS
in millimeters
4.4
7.0±0.3
0.5±0.3
2.54
4.0±0.5
0.40
+0.10
–0.05
0.25 M
ABSOLUTE MAXIMUM RATINGS (TA = 25
°°°°C, unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Diode
Forward Current (DC)
IF
50
mA
Reverse Voltage
VR
5.0
V
Power Dissipation
PD
50
mW
Peak Forward Current
*1
IFP
1A
MOS FET
Break Down Voltage
VL
400
V
Continuous Load Current
IL
120
mA
Pulse Load Current
*2
(AC/DC Connection)
ILP
120
mA
Power Dissipation
PD
300
mW
Isolation Voltage
*3
BV
1 500
Vr.m.s.
Total Power Dissipation
PT
350
mW
Operating Ambient Temperature
TA
−40 to +80
°C
Storage Temperature
Tstg
−40 to +100
°C
*1 PW = 100
µs, Duty Cycle = 1 %
*2 PW = 100 ms, 1 shot
*3 AC voltage for 1 minute at TA = 25
°C, RH = 60 % between input and output


Similar Part No. - PS7241S-1A-F3

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS7241-1A CEL-PS7241-1A Datasheet
349Kb / 12P
   4-PIN SOP 400 V BREAK DOWN VOLTAGE 1-ch Optical Coupled MOS FET
PS7241-1A-A CEL-PS7241-1A-A Datasheet
349Kb / 12P
   4-PIN SOP 400 V BREAK DOWN VOLTAGE 1-ch Optical Coupled MOS FET
PS7241-1A-E3 CEL-PS7241-1A-E3 Datasheet
349Kb / 12P
   4-PIN SOP 400 V BREAK DOWN VOLTAGE 1-ch Optical Coupled MOS FET
PS7241-1A-E3-A CEL-PS7241-1A-E3-A Datasheet
349Kb / 12P
   4-PIN SOP 400 V BREAK DOWN VOLTAGE 1-ch Optical Coupled MOS FET
PS7241-1A-E4 CEL-PS7241-1A-E4 Datasheet
349Kb / 12P
   4-PIN SOP 400 V BREAK DOWN VOLTAGE 1-ch Optical Coupled MOS FET
More results

Similar Description - PS7241S-1A-F3

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS7241C-1A CEL-PS7241C-1A Datasheet
34Kb / 2P
   CURRENT LIMIT TYPE 4 PIN SOP 400 V 1-CH OCMOS FET
logo
NEC
PS7241C-1A NEC-PS7241C-1A Datasheet
31Kb / 2P
   CURRENT LIMIT TYPE 4 PIN SOP 400 V 1-CH OCMOS FET
logo
California Eastern Labs
PS7341-1B CEL-PS7341-1B Datasheet
358Kb / 11P
   HIGH ISOLATION VOLTAGE 6-PIN DIP OCMOS FET (1-ch OCMOS FET)
logo
NEC
PS7341-1B NEC-PS7341-1B Datasheet
68Kb / 12P
   HIGH ISOLATION VOLTAGE 6-PIN DIP OCMOS FET 1-ch OCMOS FET
logo
California Eastern Labs
PS7221A-2A CEL-PS7221A-2A Datasheet
213Kb / 12P
   Solid State Relay OCMOS FET
PS7141C-2A CEL-PS7141C-2A Datasheet
353Kb / 14P
   Solid State Relay OCMOS FET
PS7200R-1A CEL-PS7200R-1A Datasheet
202Kb / 13P
   Solid State Relay OCMOS FET
PS710CL2-1A CEL-PS710CL2-1A Datasheet
194Kb / 14P
   Solid State Relay OCMOS FET
PS7122A-1A CEL-PS7122A-1A Datasheet
209Kb / 14P
   Solid State Relay OCMOS FET
PS7141E-2A CEL-PS7141E-2A Datasheet
198Kb / 13P
   Solid State Relay OCMOS FET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com