Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI127 Datasheet(PDF) 1 Page - Hi-Sincerity Mocroelectronics

Part # HI127
Description  PNP EPITAXIAL PLANAR TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics

HI127 Datasheet(HTML) 1 Page - Hi-Sincerity Mocroelectronics

  HI127 Datasheet HTML 1Page - Hi-Sincerity Mocroelectronics HI127 Datasheet HTML 2Page - Hi-Sincerity Mocroelectronics HI127 Datasheet HTML 3Page - Hi-Sincerity Mocroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : HE9017-B
Issued Date : 1996.04.12
Revised Date : 2000.11.01
Page No. : 1/3
HSMC Product Specification
HI127
PNP EPITAXIAL PLANAR TRANSISTOR
Description
• High DC current gain
• Bult-in a damper diode at E-C
Absolute Maximum Ratings (Ta=25
°C)
• Maximum Temperatures
Storage Temperature ............................................................................................ -55 ~ +150
°C
Junction Temperature .................................................................................................... +150
°C
• Maximum Power Dissipation
Total Power Dissipation (Tc=25
°C) ..................................................................................... 20W
• Maximum Voltages and Currents
BVCBO Collector to Base Voltage ................................................................................... -100 V
BVCEO Collector to Emitter Voltage................................................................................ -100 V
BVEBO Emitter to Base Voltage .......................................................................................... -5 V
IC Collector Current ............................................................................................................. -8 A
Characteristics (Ta=25
°C)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
BVCBO
-100
-
-
V
IC=-1mA, IE=0
BVCEO
-100
-
-
V
IC=-30mA, IB=0
BVEBO
-5
-
-
V
IE=-1mA, IC=0
ICBO
-
-
-10
uA
VCB=-100V, IE=0
IEBO
-
-
-2
mA
VEB=-5V, IC=0
ICEX
-
-
-10
uA
VCE=-100V, VBE(off)=-1.5V
*VCE(sat)1
-
-
-2
V
IC=-4A, IB=-16mA
*VCE(sat)2
-
-
-4
V
IC=-8A, IB=-80mA
*VBE(sat)
-
-
-4.5
V
IC=-8A, IB=-80mA
*VBE(on)
-
-
-2.8
V
VCE=-4V, IC=-4A
*hFE1
1
-
12
K
VCE=-4V, IC=-4A
*hFE2
100
-
-
VCE=-4V, IC=-8A
Cob
-
-
300
pF
VCB=-10V, f=0.1MHz
*Pulse Test : Pulse Width
≤380us, Duty Cycle≤2%


Similar Part No. - HI127

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI1276 INTERSIL-HI1276 Datasheet
102Kb / 11P
   8-Bit, 500 MSPS, Flash A/D Converter
August 1997
HI1276-EV INTERSIL-HI1276-EV Datasheet
102Kb / 11P
   8-Bit, 500 MSPS, Flash A/D Converter
August 1997
HI1276AIL INTERSIL-HI1276AIL Datasheet
102Kb / 11P
   8-Bit, 500 MSPS, Flash A/D Converter
August 1997
HI1276Y INTERSIL-HI1276Y Datasheet
492Kb / 8P
   8-Bit 500 MSPS Flash A/D Converter
April 1995
More results

Similar Description - HI127

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HI350 HSMC-HI350 Datasheet
25Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HI42C HSMC-HI42C Datasheet
32Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HJ2584 HSMC-HJ2584 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HJ350 HSMC-HJ350 Datasheet
23Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HJ649A HSMC-HJ649A Datasheet
27Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM1426 HSMC-HM1426 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM2907A HSMC-HM2907A Datasheet
31Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM3906 HSMC-HM3906 Datasheet
31Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM64 HSMC-HM64 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM772 HSMC-HM772 Datasheet
46Kb / 5P
   PNP EPITAXIAL PLANAR TRANSISTOR
HA8550 HSMC-HA8550 Datasheet
36Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com