Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NB-59S-09S-0 Datasheet(PDF) 3 Page - TDK Electronics

Part # NB-59S-09S-0
Description  Ultrasonic Nebulizer Units
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

NB-59S-09S-0 Datasheet(HTML) 3 Page - TDK Electronics

  NB-59S-09S-0 Datasheet HTML 1Page - TDK Electronics NB-59S-09S-0 Datasheet HTML 2Page - TDK Electronics NB-59S-09S-0 Datasheet HTML 3Page - TDK Electronics NB-59S-09S-0 Datasheet HTML 4Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
(2/3)
20141007 / ef441_nb.fm
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
NB-59S-09S TYPE
FEATURES
• Compact, with highly reliable circuitry.
• Separate transducer and drive circuit sections provide superior
layout versatility.
SHAPES AND DIMENSIONS
NB-80E-01 TYPE
FEATURES
• Compact, with highly reliable circuitry.
• Separate transducer and drive circuit sections provide superior
layout versatility.
• Because the ultrasonic frequencies used are higher than with
typical household-type units, mist particle size is extremely fine.
This part is thus ideal for products intended for smaller spaces.
SHAPES AND DIMENSIONS
1C
24±0.2
2-ø4.5
20±0.2
(2-C3)
68
32 ±0.2
42±0.5
Yellow
AWG-24
Orange
AWG-24
Supporting
rubber
Transducer
4.5max.
9
Transistor
Aluminum base
PCB
Driver
circuit
area
5
20max.
3max.
Dimensions in mm
18max.
43.5max.
ø24
±0.4
ø18
±0.3
32
±0.2
120
±15
2-ø4.5
±0.2
2-R5.5
2-R15.6
Dimensions in mm
65max.
53
±0.2
20.75
±0.2
2-ø3.5
Connector for VR(3 poles)
3022-03A
Housing
5224-03CHPB
Maker: Molex
Connector for power supply(2 poles)
3022-02A
5224-02CHPB


Similar Part No. - NB-59S-09S-0

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
NB-PTCO-002 TEC-NB-PTCO-002 Datasheet
350Kb / 8P
   Platinum Thin Film (PTF) Temperature Elements
NB-PTCO-005 TEC-NB-PTCO-005 Datasheet
350Kb / 8P
   Platinum Thin Film (PTF) Temperature Elements
NB-PTCO-006 TEC-NB-PTCO-006 Datasheet
350Kb / 8P
   Platinum Thin Film (PTF) Temperature Elements
NB-PTCO-011 TEC-NB-PTCO-011 Datasheet
350Kb / 8P
   Platinum Thin Film (PTF) Temperature Elements
NB-PTCO-012 TEC-NB-PTCO-012 Datasheet
350Kb / 8P
   Platinum Thin Film (PTF) Temperature Elements
More results

Similar Description - NB-59S-09S-0

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
SUD-40165CB00 MITSUMI-SUD-40165CB00 Datasheet
89Kb / 2P
   Ultrasonic Sensor
logo
List of Unclassifed Man...
UT8030 ETC2-UT8030 Datasheet
744Kb / 1P
   Ultrasonic Cleaning
logo
SICK AG
UM18-20014 SICK-UM18-20014 Datasheet
993Kb / 6P
   ULTRASONIC SENSORS
UM18-11117 SICK-UM18-11117 Datasheet
326Kb / 4P
   ULTRASONIC SENSORS
UM18-21112A211 SICK-UM18-21112A211 Datasheet
1Mb / 6P
   ULTRASONIC SENSORS
UM18-21112A212 SICK-UM18-21112A212 Datasheet
1Mb / 6P
   ULTRASONIC SENSORS
UM18-21212A211 SICK-UM18-21212A211 Datasheet
1Mb / 6P
   ULTRASONIC SENSORS
UM18-51114 SICK-UM18-51114 Datasheet
332Kb / 4P
   ULTRASONIC SENSORS
UC4-13345 SICK-UC4-13345 Datasheet
988Kb / 7P
   ULTRASONIC SENSORS
UD18-22DC221 SICK-UD18-22DC221 Datasheet
1,019Kb / 6P
   ULTRASONIC SENSORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com