Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R461JK-480823 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # R461JK-480823
Description  SW, SP6T, LATCHING SELF CUT-OFF, 16 PIN IDC CONN. SMA-FEMALE CONNECTORS, INDICATORS 50 OHM [1W] INT TERMINATIONS, 5 MIL CYCLE, 26.5GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

R461JK-480823 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  R461JK-480823 Datasheet HTML 1Page - List of Unclassifed Manufacturers R461JK-480823 Datasheet HTML 2Page - List of Unclassifed Manufacturers R461JK-480823 Datasheet HTML 3Page - List of Unclassifed Manufacturers R461JK-480823 Datasheet HTML 4Page - List of Unclassifed Manufacturers R461JK-480823 Datasheet HTML 5Page - List of Unclassifed Manufacturers R461JK-480823 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PRODUCTION RELEASE
AA
A
NONE
R461JK-480823
A
6
1
SW, SP6T, LATCHING SELF CUT-OFF, 16 PIN IDC CONN.
R461JK-480823
SARA LEE
07/22/13
T. JOHNSON
7/14/2014
S. LYNCH
7/16/2014
J. LEE
7/16/2014
SMA-FEMALE CONNECTORS, INDICATORS
50 OHM [1W] INT TERMINATIONS, 5 MIL CYCLE, 26.5GHz
24 Vdc
5
Ventura, CA. 93003-5641
DATE
MANUFACTURING
QUALITY
ENGINEERING
DRAWN
APPROVALS
SHEET NO.
REVISIONS
123
PH: (805) 650-0260
FINAL ASSY:
SCALE
00471
CODE IDENT. NO.
FAX: (805) 650-1734
DWG. NO.
4822 McGrath Street
REV.
DESCRIPTION
REVISIONS
OF
6
A
SHEET
Nominal
Coil Voltage
Part Number
4
REV. C 5/27/10
R461JK-480823
TECHNOLOGIES COMPANY
A
04-0004
A
APPROVED
7/17/14
K.R.
DATE


Similar Part No. - R461JK-480823

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
R46 KEMET-R46 Datasheet
1Mb / 9P
   METALLIZED POLYPROPYLENE FILM CAPACITOR
R46 KEMET-R46 Datasheet
2Mb / 18P
   Metallized Polypropylene Film EMI Suppression Capacitors
10/31/2022
logo
Hamamatsu Corporation
R4607-01 HAMAMATSU-R4607-01 Datasheet
43Kb / 2P
   PHOTOMULTIPLIER TUBE
R4607A-01 HAMAMATSU-R4607A-01_15 Datasheet
43Kb / 2P
   PHOTOMULTIPLIER TUBE
logo
ON Semiconductor
R460PF2 ONSEMI-R460PF2 Datasheet
222Kb / 7P
   4 A, 600 V, STEALTH Diode
March, 2019 - Rev. 3
More results

Similar Description - R461JK-480823

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7143 PASTERNACK-PE7143 Datasheet
283Kb / 1P
   SMA SPDT RELAY SWITCH INDICATORS LATCHING & SELF CUT OFF
PE7144 PASTERNACK-PE7144 Datasheet
277Kb / 1P
   SMA SPDT RALAY SWITCH INDICATORS LATCHING & SELF CUT OFF
PE7151 PASTERNACK-PE7151 Datasheet
306Kb / 1P
   SMA TRANSFER RELAY SWITCH, INDICATORS, LATCHING & SELF CUT OFF
PE71S6314 PASTERNACK-PE71S6314 Datasheet
485Kb / 6P
   SP6T Electromechanical Relay Latching Switch DC to 22 GHz, SMA, 20 Watts, 28V Control with Self Cut Off
logo
Huber+Suhner, Inc.
31_SMA-50-0-100111_N HUBERSUHNER-31_SMA-50-0-100111_N Datasheet
545Kb / 2P
   COAXIAL ADAPTER, SMA-26.5GHz, 50 Ohm, jack / jack (female / female)
logo
Pasternack Enterprises,...
PE71S6313 PASTERNACK-PE71S6313 Datasheet
483Kb / 6P
   SP6T Electromechanical Relay Switch DC to 22 GHz,SMA, 20 Watts, 12V Control with Self Cut Off
logo
Huber+Suhner, Inc.
32_SMA-50-0-100111_N HUBERSUHNER-32_SMA-50-0-100111_N Datasheet
610Kb / 2P
   COAXIAL ADAPTER, SMA-26.5GHz, 50 Ohm, plug / plug (male / male)
11_SMA-50-2-100111_N HUBERSUHNER-11_SMA-50-2-100111_N Datasheet
158Kb / 2P
   COAXIAL CONNECTOR, SMA-26.5GHz, 50 Ohm, Straight cable plug (male)
11_SMA-50-3-64-19_N HUBERSUHNER-11_SMA-50-3-64-19_N Datasheet
263Kb / 2P
   COAXIAL CONNECTOR, SMA-26.5GHz, 50 Ohm, Straight cable plug (male)
11_SMA-50-3-66-19_N HUBERSUHNER-11_SMA-50-3-66-19_N Datasheet
224Kb / 2P
   COAXIAL CONNECTOR, SMA-26.5GHz, 50 Ohm, Straight cable plug (male)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com