Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U1271A Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # U1271A
Description  U1270 Series Handheld Digital Multimeters
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

U1271A Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  U1271A Datasheet HTML 1Page - List of Unclassifed Manufacturers U1271A Datasheet HTML 2Page - List of Unclassifed Manufacturers U1271A Datasheet HTML 3Page - List of Unclassifed Manufacturers U1271A Datasheet HTML 4Page - List of Unclassifed Manufacturers U1271A Datasheet HTML 5Page - List of Unclassifed Manufacturers U1271A Datasheet HTML 6Page - List of Unclassifed Manufacturers U1271A Datasheet HTML 7Page - List of Unclassifed Manufacturers U1271A Datasheet HTML 8Page - List of Unclassifed Manufacturers U1271A Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
3
Key Functions
Water and dust resistance
(IP54)
The series’ tightly sealed design
helps protect against water, dust
and damage. Each handheld DMM
is certified with IP 54 ratings so
that you can carry out tests and
measurements with confidence,
even in harsh working conditions.
Operational up to 3000
meters altitude
For high altitude applications such
as wind farm maintenance, you can
measure with confidence using the
U1270 Series, capable of measuring
up to 3000 meters above sea level.
High measurement rate at
seven readings per second
for Voltage and Current
You can detect even the slightest
change in your sensitive signals
(Voltage and Current) with its high
measurement rate capability. By
clicking the resettable smooth
function button, you may customize
the readings’ sensitivity suitable for
various tests.
Visual alert for continuity
test (for U1271A and U1272A
only)
Continuity detection in noisy and
dark environments is made easy
with U1270 Series’ loud beeper and
flashing backlight that indicates
continuity and thus improves safety.
Up to 10,000 recording
points for manual, auto and
event logging
Record measurements on-the-go
and transfer data to PC conveniently
with the huge internal memory of up
to 10,000 recording points. The GUI
Data Logging software and optional
U1173A IR-USB cable are required
to transfer data or perform real time
data logging on a PC.
Built-in Low Pass Filter
The U1270 Series offers a 1 kHz LPF
or Low Pass Filter to provide accurate
Variable Frequency Drive (VFD)
output measurements. This function
eliminates high frequency noise and
harmonics, ensuring motor filter
efficiency.
Figure 1. Comparison of voltage output from industrial motor VFD without and with Low Pass Filter functionality.


Similar Part No. - U1271A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
U1271A KEYSIGHT-U1271A Datasheet
4Mb / 22P
   U1270 Series Handheld Digital Multimeters
U1271A KEYSIGHT-U1271A Datasheet
7Mb / 42P
   For Electronic, Electrical and Industrial Process Testing
More results

Similar Description - U1271A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
U1273AX KEYSIGHT-U1273AX Datasheet
4Mb / 22P
   U1270 Series Handheld Digital Multimeters
U1271A KEYSIGHT-U1271A Datasheet
4Mb / 22P
   U1270 Series Handheld Digital Multimeters
U1272A KEYSIGHT-U1272A Datasheet
4Mb / 22P
   U1270 Series Handheld Digital Multimeters
U1273A KEYSIGHT-U1273A Datasheet
4Mb / 22P
   U1270 Series Handheld Digital Multimeters
logo
Agilent(Hewlett-Packard...
U1270 HP-U1270 Datasheet
518Kb / 19P
   Agilent U1270 Series Handheld Digital Multimeters
logo
Keysight Technologies
U1240 KEYSIGHT-U1240 Datasheet
1Mb / 9P
   Handheld Digital Multimeters
logo
B&K Precision Corporati...
388B BK-388B Datasheet
1Mb / 2P
   Handheld Digital Multimeters
logo
Keysight Technologies
U1281A KEYSIGHT-U1281A Datasheet
4Mb / 18P
   U1280 Series Handheld Digital Multimeters
U1282A KEYSIGHT-U1282A Datasheet
4Mb / 18P
   U1280 Series Handheld Digital Multimeters
U1241C KEYSIGHT-U1241C Datasheet
3Mb / 15P
   U1240 Series Handheld Digital Multimeters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com