Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EN61000-4-4 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # EN61000-4-4
Description  Small and compact size
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EN61000-4-4 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  EN61000-4-4 Datasheet HTML 1Page - List of Unclassifed Manufacturers EN61000-4-4 Datasheet HTML 2Page - List of Unclassifed Manufacturers EN61000-4-4 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Home > Product Details
VAF5
Model
Input
Voltage
[V]
Output
Wattage
[W]
DC
Output
[V/A]
VAF503
DC 110 -
370
AC 85 - 264
3.3
3.3V
1A
(peak 1.2A)
VAF505
DC 110 -
370
AC 85 - 264
5
5V
1A
(peak 1.2A)
VAF512
DC 110 -
370
AC 85 - 264
5.4
12V
0.45A
(peak 0.54A)
VAF524
DC 110 -
370
AC 85 - 264
5.28
24V
0.22A
(peak 0.27A)
Features
Small and compact size
Built-in Inrush Current Protection
P.C. board mount AC/DC converter
Built-in Over Voltage Protection
RoHS Compliant
Safety Agency Approvals
Complies with DEN-AN
UL1950, C-UL recognized, TUV approved
EMI Compliance
FCC-B
CISPR22-B
EN55022-B
VCCI-B
EMC Compliance
EN61000-4-2
EN61000-4-3
EN61000-4-4
EN61000-4-5
EN61000-4-6
EN61000-4-8
EN61000-4-11
EN55022-B
3 year warranty(refer to Instruction Manual)


Similar Part No. - EN61000-4-4

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
EN61000-4-4 DELTA-EN61000-4-4 Datasheet
930Kb / 10P
   Panel Mount Power Supply 5V 35W 1Phase
logo
General Semiconductor
EN61000-4-4 GE-EN61000-4-4 Datasheet
197Kb / 7P
   CAR2512FP series rectifier Input: 90Vac to 264Vac Output: 12Vdc 208A 3.3Vdc or 5 Vdc 1A
logo
List of Unclassifed Man...
EN61000-4-4 ETC2-EN61000-4-4 Datasheet
611Kb / 4P
   Hardened Unmanaged 8-port 10/100BASE M12 (8 PoE)
More results

Similar Description - EN61000-4-4

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
YG104-IC1 SEOUL-YG104-IC1 Datasheet
276Kb / 13P
   Small size suitable for compact
logo
List of Unclassifed Man...
YS1505A ETC2-YS1505A Datasheet
139Kb / 3P
   Small and compact size, Built-in Inrush Current Protection
logo
NEC
EC2-5SNJ NEC-EC2-5SNJ Datasheet
100Kb / 11P
   COMPACT AND LIGHTWEIGHT, SMALL MOUNTING SIZE, HIGH BREAKDOWN VOLTAGE
EC29SNU NEC-EC29SNU Datasheet
107Kb / 8P
   COMPACT AND LIGHTWEIGHT, SMALL MOUNTING SIZE, HIGH BREAKDOWN VOLTAGE
logo
Seoul Semiconductor
THBTGFR421 SEOUL-THBTGFR421 Datasheet
390Kb / 13P
   Small size suitable for compact appliances
YG101 SEOUL-YG101 Datasheet
284Kb / 13P
   Small size suitable for compact appliances.
YG101-IC1 SEOUL-YG101-IC1 Datasheet
1Mb / 14P
   Small size suitable for compact appliances
NB104 SEOUL-NB104_12 Datasheet
280Kb / 13P
   Small size suitable for compact appliances
TWH104-HS SEOUL-TWH104-HS Datasheet
317Kb / 13P
   Small size suitable for compact appliances
THBFR411 SEOUL-THBFR411 Datasheet
290Kb / 13P
   Small size suitable for compact appliances
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com