Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFBR1444K Datasheet(PDF) 11 Page - Agilent(Hewlett-Packard)

Part # HFBR1444K
Description  Low Cost, Miniature Fiber Optic Components with ST, SMA, SC and FC Ports
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HFBR1444K Datasheet(HTML) 11 Page - Agilent(Hewlett-Packard)

Back Button HFBR1444K Datasheet HTML 7Page - Agilent(Hewlett-Packard) HFBR1444K Datasheet HTML 8Page - Agilent(Hewlett-Packard) HFBR1444K Datasheet HTML 9Page - Agilent(Hewlett-Packard) HFBR1444K Datasheet HTML 10Page - Agilent(Hewlett-Packard) HFBR1444K Datasheet HTML 11Page - Agilent(Hewlett-Packard) HFBR1444K Datasheet HTML 12Page - Agilent(Hewlett-Packard) HFBR1444K Datasheet HTML 13Page - Agilent(Hewlett-Packard) HFBR1444K Datasheet HTML 14Page - Agilent(Hewlett-Packard) HFBR1444K Datasheet HTML 15Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
56
5 MBd Logic Link Design
If resistor R1 in Figure 2 is
70.4
Ω, a forward current IF of
48 mA is applied to the HFBR-
14X4 LED transmitter. With IF =
48 mA the HFBR-14X4/24X2
logic link is guaranteed to work
with 62.5/125
µm fiber optic
cable over the entire range of 0
to 1750 meters at a data rate of
dc to 5 MBd, with arbitrary data
format and pulse width distortion
typically less than 25%. By
setting R1 = 115 Ω, the transmit-
ter can be driven with IF = 30 mA,
if it is desired to economize on
power or achieve lower pulse
distortion.
The following example will illus-
trate the technique for selecting
the appropriate value of IF and R1.
Maximum distance required
= 400 meters. From Figure 3 the
drive current should be 15 mA.
From the transmitter data
VF = 1.5 V (max.) at IF = 15 mA
as shown in Figure 9.
VCC - VF
5 V - 1.5 V
R1 = ––––––– = –––––––––
IF
15 mA
R1 = 233 Ω
The curves in Figures 3, 4, and 5
are constructed assuming no in-
line splice or any additional
system loss. Should the link
consists of any in-line splices,
these curves can still be used to
calculate link limits provided they
are shifted by the additional
system loss expressed in dB. For
example, Figure 3 indicates that
with 48 mA of transmitter drive
current, a 1.75 km link distance
is achievable with 62.5/125
µm
fiber which has a maximum
attenuation of 4 dB/km. With
2 dB of additional system loss, a
1.25 km link distance is still
achievable.
Figure 2. Typical Circuit Configuration.


Similar Part No. - HFBR1444K

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HFBR1521 HP-HFBR1521 Datasheet
438Kb / 19P
   Versatile Link The Versatile Fiber Optic Connection
HFBR1522 HP-HFBR1522 Datasheet
438Kb / 19P
   Versatile Link The Versatile Fiber Optic Connection
HFBR1523 HP-HFBR1523 Datasheet
438Kb / 19P
   Versatile Link The Versatile Fiber Optic Connection
HFBR1524 HP-HFBR1524 Datasheet
438Kb / 19P
   Versatile Link The Versatile Fiber Optic Connection
HFBR1525 HP-HFBR1525 Datasheet
438Kb / 19P
   Versatile Link The Versatile Fiber Optic Connection
More results

Similar Description - HFBR1444K

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HFBR-14XXZ BOARDCOM-HFBR-14XXZ Datasheet
391Kb / 25P
   Low-Cost, 820 nm Miniature Link Fiber Optic Components with ST, SMA, SC, and FC Ports
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-2404Z AVAGO-HFBR-2404Z Datasheet
723Kb / 24P
   Low-Cost, 820 nm Miniature Link Fiber Optic Components with ST, SMA, SC and FC Ports
HFBR-1402Z AVAGO-HFBR-1402Z_13 Datasheet
716Kb / 24P
   Low-Cost, 820 nm Miniature Link Fiber Optic Components with ST짰, SMA, SC and FC Ports
HFBR-0500Z AVAGO-HFBR-0500Z Datasheet
504Kb / 18P
   Versatile Link The Versatile Fiber Optic Connection Low cost fiber optic components
logo
3M Electronics
8204 3M-8204 Datasheet
734Kb / 24P
   SC & FC/PC3 Pull-Proof Fiber Optic Connectors
logo
List of Unclassifed Man...
DK-2612-01 ETC2-DK-2612-01 Datasheet
1Mb / 1P
   DIGITUS Fiber Optic Multimode Patch Cord, ST / SC
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-2414Z AVAGO-HFBR-2414Z Datasheet
1Mb / 2P
   Threaded ST Port Option for Low Cost Miniature Link Components
logo
Broadcom Corporation.
HFBR-0400TZ BOARDCOM-HFBR-0400TZ Datasheet
382Kb / 3P
   Threaded ST Port Option for Low-Cost Miniature Link Components
June 14, 2017
logo
PANDUIT CORP.
F6D3-3M1 PANDUIT-F6D3-3M1 Datasheet
106Kb / 2P
   SC Fiber Optic Connectors
logo
List of Unclassifed Man...
147-301-901V001 ETC2-147-301-901V001 Datasheet
75Kb / 2P
   DIAMOND Fiber Optic Components
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com