Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HC40103 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # 74HC40103
Description  8-bit synchronous binary down counter
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC40103 Datasheet(HTML) 1 Page - NXP Semiconductors

  74HC40103 Datasheet HTML 1Page - NXP Semiconductors 74HC40103 Datasheet HTML 2Page - NXP Semiconductors 74HC40103 Datasheet HTML 3Page - NXP Semiconductors 74HC40103 Datasheet HTML 4Page - NXP Semiconductors 74HC40103 Datasheet HTML 5Page - NXP Semiconductors 74HC40103 Datasheet HTML 6Page - NXP Semiconductors 74HC40103 Datasheet HTML 7Page - NXP Semiconductors 74HC40103 Datasheet HTML 8Page - NXP Semiconductors 74HC40103 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
1.
General description
The 74HC40103 is a high-speed Si-gate CMOS device and are pin compatible with the
40103 of the 4000B series. The 74HC40103 is specified in compliance with JEDEC
standard no. 7A.
The 74HC40103 consists of an 8-bit synchronous down counter with a single output which
is active when the internal count is zero. The 74HC40103 contains a single 8-bit binary
counter and has control inputs for enabling or disabling the clock (CP), for clearing the
counter to its maximum count and for presetting the counter either synchronously or
asynchronously. All control inputs and the terminal count output (TC) are active-LOW
logic.
In normal operation, the counter is decremented by one count on each positive-going
transition of the clock (CP). Counting is inhibited when the terminal enable input (TE) is
HIGH. The terminal count output (TC) goes LOW when the count reaches zero if TE is
LOW, and remains LOW for one full clock period.
When the synchronous preset enable input (PE) is LOW, data at the jam input (P0 to P7)
is clocked into the counter on the next positive-going clock transition regardless of the
state of TE. When the asynchronous preset enable input (PL) is LOW, data at the jam
input (P0 to P7) is asynchronously forced into the counter regardless of the state of PE,
TE, or CP. The jam inputs (P0 to P7) represent a single 8-bit binary word.
When the master reset input (MR) is LOW, the counter is asynchronously cleared to its
maximum count (decimal 255) regardless of the state of any other input.
If all control inputs except TE are HIGH at the time of zero count, the counters will jump to
the maximum count, giving a counting sequence of 256 clock pulses long.
The 74HC40103 may be cascaded using the TE input and the TC output, in either a
synchronous or ripple mode.
74HC40103
8-bit synchronous binary down counter
Rev. 03 — 12 November 2004
Product data sheet


Similar Part No. - 74HC40103

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC40103 PHILIPS-74HC40103 Datasheet
136Kb / 17P
   8-bit synchronous binary down counter
1998 Jul 08
logo
Nexperia B.V. All right...
74HC40103 NEXPERIA-74HC40103 Datasheet
836Kb / 23P
   8-bit synchronous binary down counter
Rev. 5 - 21 April 2016
logo
NXP Semiconductors
74HC40103D PHILIPS-74HC40103D Datasheet
136Kb / 17P
   8-bit synchronous binary down counter
1998 Jul 08
logo
Integrated Circuit Syst...
74HC40103D ICST-74HC40103D Datasheet
136Kb / 17P
   8-bit synchronous binary down counter
logo
Nexperia B.V. All right...
74HC40103D NEXPERIA-74HC40103D Datasheet
836Kb / 23P
   8-bit synchronous binary down counter
Rev. 5 - 21 April 2016
More results

Similar Description - 74HC40103

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
74HCT40103 ICST-74HCT40103 Datasheet
136Kb / 17P
   8-bit synchronous binary down counter
logo
NXP Semiconductors
74HC40103 PHILIPS-74HC40103 Datasheet
136Kb / 17P
   8-bit synchronous binary down counter
1998 Jul 08
logo
Nexperia B.V. All right...
74HC40103 NEXPERIA-74HC40103 Datasheet
836Kb / 23P
   8-bit synchronous binary down counter
Rev. 5 - 21 April 2016
logo
ON Semiconductor
MC10E016 ONSEMI-MC10E016 Datasheet
161Kb / 8P
   8-BIT SYNCHRONOUS BINARY UP COUNTER
1996 REV 2
logo
SEMTECH ELECTRONICS LTD...
100E016 SEMTECH_ELEC-100E016 Datasheet
180Kb / 9P
   8-Bit Synchronous Binary Up Counter
logo
Renesas Technology Corp
HD74HC668 RENESAS-HD74HC668 Datasheet
222Kb / 11P
   Synchronous UP/Down Decade Counter, Synchronous Up/Down 4-bit binary Counter
logo
Micrel Semiconductor
SY10E016 MICREL-SY10E016 Datasheet
102Kb / 10P
   8-BIT SYNCHRONOUS BINARY UP COUNTER
logo
Texas Instruments
SN74F169 TI-SN74F169 Datasheet
126Kb / 9P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTER
74ACT11191 TI1-74ACT11191 Datasheet
135Kb / 9P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTER
logo
Fairchild Semiconductor
DM74LS169A FAIRCHILD-DM74LS169A Datasheet
72Kb / 8P
   Synchronous 4-Bit Up/Down Binary Counter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com