Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT17F32 Datasheet(PDF) 3 Page - ATMEL Corporation

Part # AT17F32
Description  3.3V Output Capability
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT17F32 Datasheet(HTML) 3 Page - ATMEL Corporation

  AT17F32_14 Datasheet HTML 1Page - ATMEL Corporation AT17F32_14 Datasheet HTML 2Page - ATMEL Corporation AT17F32_14 Datasheet HTML 3Page - ATMEL Corporation AT17F32_14 Datasheet HTML 4Page - ATMEL Corporation AT17F32_14 Datasheet HTML 5Page - ATMEL Corporation AT17F32_14 Datasheet HTML 6Page - ATMEL Corporation AT17F32_14 Datasheet HTML 7Page - ATMEL Corporation AT17F32_14 Datasheet HTML 8Page - ATMEL Corporation AT17F32_14 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
3393C–CNFG–6/05
AT17F32
3.
Block Diagram
4.
Device Description
The control signals for the configuration memory device (CE, RESET/OE, and CLK) interface
directly with the FPGA device control signals. All FPGA devices can control the entire configura-
tion process and retrieve data from the configuration device without requiring an external
intelligent controller.
The RESET/OE and CE pins control the tri-state buffer on the DATA output pin and enable the
address counter. When RESET/OE is driven Low, the configuration device resets its address
counter and tri-states its DATA pin. The CE pin also controls the output of the AT17F Series
Configurator. If CE is held High after the RESET/OE reset pulse, the counter is disabled and the
DATA output pin is tri-stated. When OE is subsequently driven High, the counter and the DATA
output pin are enabled. When RESET/OE is driven Low again, the address counter is reset and
the DATA output pin is tri-stated, regardless of the state of CE.
When the configurator has driven out all of its data and CEO is driven Low, the device tri-states
the DATA pin to avoid contention with other configurators. Upon power-up, the address counter
is automatically reset.
Config. Page
Select
Power-on
Reset
Flash
Memory
Clock/Oscillator
Logic
2-wire Serial Programming
Serial Download Logic
Control Logic
CLK
CEO(A2)
DATA
CE
RESET/OE
SER_EN
CE/WE/OE
Data
Address
READY
PAGE_EN
PAGESEL0
PAGESEL1
Reset


Similar Part No. - AT17F32_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT17F32-30BJC ATMEL-AT17F32-30BJC Datasheet
252Kb / 14P
   FPGA Configuration Flash Memory
AT17F32-30BJI ATMEL-AT17F32-30BJI Datasheet
252Kb / 14P
   FPGA Configuration Flash Memory
AT17F32-30BJU ATMEL-AT17F32-30BJU Datasheet
252Kb / 14P
   FPGA Configuration Flash Memory
AT17F32A ATMEL-AT17F32A Datasheet
190Kb / 14P
   FPGA Configuration Flash Memory
AT17F32A-30BJI ATMEL-AT17F32A-30BJI Datasheet
190Kb / 14P
   FPGA Configuration Flash Memory
More results

Similar Description - AT17F32_14

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN4140 STMICROELECTRONICS-AN4140 Datasheet
1Mb / 17P
   STLD41 output power capability
logo
Maxim Integrated Produc...
MAX30102 MAXIM-MAX30102 Datasheet
938Kb / 34P
   Fast Data Output Capability
Rev 0; 9/15
logo
Microchip Technology
MIC24052 MICROCHIP-MIC24052 Datasheet
1Mb / 34P
   6A Output Current Capability
11/07/16
logo
M.S. Kennedy Corporatio...
MSK4364 MSK-MSK4364_15 Datasheet
193Kb / 7P
   5 Amp Output Switch Capability
MSK4460 MSK-MSK4460_15 Datasheet
138Kb / 7P
   10 Amp Output Switch Capability
logo
Rhombus Industries Inc.
L-20471 RHOMBUS-IND-L-20471 Datasheet
30Kb / 1P
   OUTPUT INDUCTOR 3.3V
logo
Intersil Corporation
ISL6263D INTERSIL-ISL6263D Datasheet
396Kb / 17P
   Pre-biased Output Start-Up Capability
logo
Analog Devices
ADUM4136 AD-ADUM4136 Datasheet
849Kb / 17P
   4 A peak drive output capability
logo
Mean Well Enterprises C...
PT-6503 MEANWELL-PT-6503_11 Datasheet
170Kb / 2P
   65W Triple Output with 3.3V output
PT-6503 MEANWELL-PT-6503 Datasheet
166Kb / 2P
   65W Triple Output with 3.3V output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com