Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HC541D Datasheet(PDF) 8 Page - NXP Semiconductors

Part # 74HC541D
Description  Octal buffer/line driver 3-state
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC541D Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button 74HC541D Datasheet HTML 4Page - NXP Semiconductors 74HC541D Datasheet HTML 5Page - NXP Semiconductors 74HC541D Datasheet HTML 6Page - NXP Semiconductors 74HC541D Datasheet HTML 7Page - NXP Semiconductors 74HC541D Datasheet HTML 8Page - NXP Semiconductors 74HC541D Datasheet HTML 9Page - NXP Semiconductors 74HC541D Datasheet HTML 10Page - NXP Semiconductors 74HC541D Datasheet HTML 11Page - NXP Semiconductors 74HC541D Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
74HC_HCT541
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 3 — 15 April 2014
8 of 19
NXP Semiconductors
74HC541; 74HTC541
Octal buffer/line driver; 3-state
10. Dynamic characteristics
VOL
LOW-level
output voltage
VI =VIH or VIL; VCC = 4.5 V
IO = 20 A;
-
0
0.1
-
0.1
-
0.1
V
IO = 6.0 mA;
-
0.16
0.26
-
0.33
-
0.4
V
II
input leakage
current
VI = VCC or GND; VCC =5.5 V
-
-
0.1
-
1.0
-
1.0
A
IOZ
OFF-state
output current
per input pin; VI =VIH or VIL;
VO =VCC or GND;
other inputs at VCC or GND;
VCC =5.5 V; IO =0A
--
0.5
-
5.0
-
10
A
ICC
supply current
VI =VCC or GND; IO = 0 A;
VCC =5.5 V
-
-
8.0
-
80
-
160
A
I
CC
additional
supply current
per input pin; IO =0A;
VI =VCC  2.1 V;
other inputs at VCC or GND;
VCC = 4.5 V to 5.5 V
An input
-
70
252
-
315
-
343
A
OE1 input
-
150
540
-
675
-
735
A
OE2 input
-
100
360
-
450
-
490
A
CI
input
capacitance
-3.5
-
-
-
-
-
pF
Table 6.
Static characteristics …continued
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
Tamb = 25 C
Tamb = 40 C
to +85
C
Tamb = 40 C
to +125
C
Unit
Min
Typ
Max
Min
Max
Min
Max
Table 7.
Dynamic characteristics
GND = 0 V; CL = 50 pF; for test circuit, see Figure 8.
Symbol Parameter
Conditions
Tamb = 25 C
Tamb = 40 C to +125 C
Unit
Min
Typ
Max
Max (85
C) Max (125 C)
74HC541
tpd
propagation delay
An to Yn; see Figure 6
[1]
VCC = 2.0 V
-
33
115
145
175
ns
VCC = 4.5 V
-
12
23
29
35
ns
VCC = 5.0 V; CL =15pF
-
10
-
-
-
ns
VCC = 6.0 V
-
10
20
25
30
ns
ten
enable time
OEn to Yn; see Figure 7
[1]
VCC = 2.0 V
-
55
160
200
240
ns
VCC = 4.5 V
-
20
32
40
48
ns
VCC = 6.0 V
-
16
27
34
41
ns
tdis
disable time
OEn to Yn; see Figure 7
[1]
VCC = 2.0 V
-
61
160
200
240
ns
VCC = 4.5 V
-
22
32
40
48
ns
VCC = 6.0 V
-
18
27
34
41
ns


Similar Part No. - 74HC541D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC541D PHILIPS-74HC541D Datasheet
43Kb / 7P
   Octal buffer/line driver; 3-state
December 1990
logo
Toshiba Semiconductor
74HC541D TOSHIBA-74HC541D Datasheet
231Kb / 9P
   CMOS Digital Integrated Circuits Silicon Monolithic
2020-11-17 Rev.3.0
logo
Nexperia B.V. All right...
74HC541D NEXPERIA-74HC541D Datasheet
251Kb / 14P
   Octal buffer/line driver; 3-state
Rev. 5 - 12 July 2021
74HC541D-Q100 NEXPERIA-74HC541D-Q100 Datasheet
742Kb / 17P
   Octal buffer/line driver; 3-state
74HC541D-Q100 NEXPERIA-74HC541D-Q100 Datasheet
250Kb / 14P
   Octal buffer/line driver; 3-state
Rev. 2 - 12 July 2021
More results

Similar Description - 74HC541D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC541 PHILIPS-74AHC541 Datasheet
81Kb / 16P
   Octal buffer/line driver; 3-state
1999 Nov 24
74HC541D-T NXP-74HC541D-T Datasheet
55Kb / 7P
   Octal buffer/line driver; 3-state
December 1990
74VHC_VHCT541 PHILIPS-74VHC_VHCT541_15 Datasheet
103Kb / 16P
   Octal buffer/line driver; 3-state
Rev. 01-12 August 2009
74HC_HCT244 PHILIPS-74HC_HCT244_15 Datasheet
145Kb / 18P
   Octal buffer/line driver; 3-state
Rev. 4-24 September 2012
74LVC244APW-T NXP-74LVC244APW-T Datasheet
150Kb / 19P
   Octal buffer/line driver; 3-state
Rev. 8-26 June 2013
logo
Nexperia B.V. All right...
74AHCV244A NEXPERIA-74AHCV244A Datasheet
202Kb / 15P
   Octal buffer/line driver 3-state
74HC244-Q100 NEXPERIA-74HC244-Q100 Datasheet
249Kb / 15P
   Octal buffer/line driver; 3-state
74VHC244 NEXPERIA-74VHC244 Datasheet
608Kb / 16P
   Octal buffer/line driver; 3-state
74VHC541-Q100 NEXPERIA-74VHC541-Q100 Datasheet
714Kb / 17P
   Octal buffer/line driver; 3-state
74HC541-Q100 NEXPERIA-74HC541-Q100 Datasheet
742Kb / 17P
   Octal buffer/line driver; 3-state
74AHC541-Q100 NEXPERIA-74AHC541-Q100 Datasheet
717Kb / 17P
   Octal buffer/line driver; 3-state
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com