Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HC541DB Datasheet(PDF) 1 Page - NXP Semiconductors

Part # 74HC541DB
Description  Octal buffer/line driver 3-state
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC541DB Datasheet(HTML) 1 Page - NXP Semiconductors

  74HC541DB Datasheet HTML 1Page - NXP Semiconductors 74HC541DB Datasheet HTML 2Page - NXP Semiconductors 74HC541DB Datasheet HTML 3Page - NXP Semiconductors 74HC541DB Datasheet HTML 4Page - NXP Semiconductors 74HC541DB Datasheet HTML 5Page - NXP Semiconductors 74HC541DB Datasheet HTML 6Page - NXP Semiconductors 74HC541DB Datasheet HTML 7Page - NXP Semiconductors 74HC541DB Datasheet HTML 8Page - NXP Semiconductors 74HC541DB Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
1.
General description
The 74HC541; 74HCT541 is an octal non-inverting buffer/line driver with 3-state outputs.
The device features two output enables (OE1 and OE2). A HIGH on OEn causes the
outputs to assume a high-impedance OFF-state. Inputs include clamp diodes that enable
the use of current limiting resistors to interface inputs to voltages in excess of VCC.
2.
Features and benefits
Non-Inverting outputs
Complies with JEDEC standard no. 7A
Input levels:
For 74HC541: CMOS level
For 74HCT541: TTL level
ESD protection:
HBM JESD22-A114F exceeds 2000 V
MM JESD22-A115-A exceeds 200 V
Multiple package options
Specified from
40 C to +85 C and from 40 C to +125 C
3.
Ordering information
74HC541; 74HTC541
Octal buffer/line driver; 3-state
Rev. 3 — 15 April 2014
Product data sheet
Table 1.
Ordering information
Type number
Package
Temperature range
Name
Description
Version
74HC541N
40 Cto +125 C
DIP20
plastic dual in-line package; 20 leads (300 mil)
SOT146-1
74HCT541N
74HC541D
40 C to +125 C
SO20
plastic small outline package; 20 leads;
body width 7.5 mm
SOT163-1
74HCT541D
74HC541DB
40 Cto +125 C
SSOP20
plastic shrink small outline package; 20 leads;
body width 5.3 mm
SOT339-1
74HCT541DB
74HC541PW
40 Cto +125 C
TSSOP20
plastic thin shrink small outline package; 20 leads;
body width 4.4 mm
SOT360-1
74HCT541PW


Similar Part No. - 74HC541DB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC541D PHILIPS-74HC541D Datasheet
43Kb / 7P
   Octal buffer/line driver; 3-state
December 1990
logo
Toshiba Semiconductor
74HC541D TOSHIBA-74HC541D Datasheet
231Kb / 9P
   CMOS Digital Integrated Circuits Silicon Monolithic
2020-11-17 Rev.3.0
logo
Nexperia B.V. All right...
74HC541D NEXPERIA-74HC541D Datasheet
251Kb / 14P
   Octal buffer/line driver; 3-state
Rev. 5 - 12 July 2021
74HC541D-Q100 NEXPERIA-74HC541D-Q100 Datasheet
742Kb / 17P
   Octal buffer/line driver; 3-state
74HC541D-Q100 NEXPERIA-74HC541D-Q100 Datasheet
250Kb / 14P
   Octal buffer/line driver; 3-state
Rev. 2 - 12 July 2021
More results

Similar Description - 74HC541DB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC541 PHILIPS-74AHC541 Datasheet
81Kb / 16P
   Octal buffer/line driver; 3-state
1999 Nov 24
74HC541D-T NXP-74HC541D-T Datasheet
55Kb / 7P
   Octal buffer/line driver; 3-state
December 1990
74VHC_VHCT541 PHILIPS-74VHC_VHCT541_15 Datasheet
103Kb / 16P
   Octal buffer/line driver; 3-state
Rev. 01-12 August 2009
74HC_HCT244 PHILIPS-74HC_HCT244_15 Datasheet
145Kb / 18P
   Octal buffer/line driver; 3-state
Rev. 4-24 September 2012
74LVC244APW-T NXP-74LVC244APW-T Datasheet
150Kb / 19P
   Octal buffer/line driver; 3-state
Rev. 8-26 June 2013
logo
Nexperia B.V. All right...
74AHCV244A NEXPERIA-74AHCV244A Datasheet
202Kb / 15P
   Octal buffer/line driver 3-state
74HC244-Q100 NEXPERIA-74HC244-Q100 Datasheet
249Kb / 15P
   Octal buffer/line driver; 3-state
74VHC244 NEXPERIA-74VHC244 Datasheet
608Kb / 16P
   Octal buffer/line driver; 3-state
74VHC541-Q100 NEXPERIA-74VHC541-Q100 Datasheet
714Kb / 17P
   Octal buffer/line driver; 3-state
74HC541-Q100 NEXPERIA-74HC541-Q100 Datasheet
742Kb / 17P
   Octal buffer/line driver; 3-state
74AHC541-Q100 NEXPERIA-74AHC541-Q100 Datasheet
717Kb / 17P
   Octal buffer/line driver; 3-state
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com