Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D10650-40 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # D10650-40
Description  BGA THERMAL SOLUTIONS MATRIX
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

D10650-40 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button D10650-40 Datasheet HTML 6Page - List of Unclassifed Manufacturers D10650-40 Datasheet HTML 7Page - List of Unclassifed Manufacturers D10650-40 Datasheet HTML 8Page - List of Unclassifed Manufacturers D10650-40 Datasheet HTML 9Page - List of Unclassifed Manufacturers D10650-40 Datasheet HTML 10Page - List of Unclassifed Manufacturers D10650-40 Datasheet HTML 11Page - List of Unclassifed Manufacturers D10650-40 Datasheet HTML 12Page - List of Unclassifed Manufacturers D10650-40 Datasheet HTML 13Page - List of Unclassifed Manufacturers D10650-40 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Integrated Circuit
Heat Sinks
11
Pin Fin Heat Sink/Clip Assembly for BGAs and PowerPC™ Packages
Standard
Base Dimensions
Dimensions “A”
Typical
Heat Sink
Weight
P/N
in. (mm)
in. (mm)
Applications
Finish
lbs. (grams)
609-50AB
2.895 (73.5) x 2.000 (50.8)
0.500 (12.7)
40&45mm BGA
Black Anodized
0.094 (42.5)
609-100AB
2.808 (71.32) x 1.700 (43.2)
1.00 (25.4)
40&45mm BGA
Black Anodized
0.130 (59.0)
Note: Optional factory preapplied thermal interface material.
S3 (Bergquist Q-Pad 3, 0.14 °C in2/w)
S4 (Bergquist Softface, 0.07 °C in2/w)
Dimensions: in. (mm)
MECHANICAL DIMENSIONS
609-50AB HEAT SINK
AND CLIP ASSEMBLY
(609-50AB)
AIR VELOCITY (LFM)
609-50AB
609-100AB
1
0
100
200
300
400
500
2
3
4
5
FORCED CONVECTION THERMAL PERFORMANCE DATA
(FLOW PARALLEL TO EXTRUSION DIRECTION)
Fan Heat Sink for BGA and PowerPC™ Packages
Standard
Base Dimensions
Height
Typical
Heat Sink
Thermal
Weight
P/N
in. (mm)
in. (mm)
Applications
Finish
Performance
lbs. (grams)
61995AB124D1
2.871 (72.92) x 1.98 (50.29)
0.953 (24.21)
40&45mm BGA
Black Anodized
1.2° C/W
.150 (68.10)
61995AB054D1
2.871 (72.92) x 1.98 (50.29)
0.953 (24.21)
40&45mm BGA
Black Anodized
1.2° C/W
.150 (68.10)
Note: Optional factory preapplied thermal interface material. See 609 series.
MECHANICAL DIMENSIONS
FEATURES AND BENEFITS:
Captivated clips for ease of assembly
Low acoustic noise
Impingement air flow
Accommodates BGA packages up to 45 mm in size
“A”
DIM.
2.808
(609-100AB)
HEAT SINKS FOR BGAs, SUPER BGAs, PBGAs, and FPBGAs
*
*Performance is for shrouded conditions. 609-100
will perform better than 609-50 in cases with bypass.
Designed to fit a .063” thick PCB
electronic package thickness of .110”
Dimensions: in.
See 609 Series for PCB hole layout for clip attachment
609 SERIES
619 SERIES


Similar Part No. - D10650-40

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
D1065 SANYO-D1065 Datasheet
107Kb / 3P
   50V/15A Switching Applications
logo
Infineon Technologies A...
D1065C5 INFINEON-D1065C5 Datasheet
1Mb / 11P
   5t h Generation thinQ!TM 650V SiC Schottky Diode
Rev. 2.2, 2013-01-15
More results

Similar Description - D10650-40

ManufacturerPart #DatasheetDescription
logo
Advanced Thermal Soluti...
ATS-55325D-C1-R0 ATS-ATS-55325D-C1-R0 Datasheet
930Kb / 1P
   High Performance BGA Cooling Solutions w/ Thermal Tape Attachment
Rev - 121101
ATS-54150D-C1-R0 ATS-ATS-54150D-C1-R0 Datasheet
383Kb / 1P
   High Performance BGA Cooling Solutions w/Thermal Tape Attachment
Rev - 121101
ATS-55150D-C1-R0 ATS-ATS-55150D-C1-R0 Datasheet
353Kb / 1P
   High Performance BGA Cooling Solutions w/Thermal Tape Attachment
Rev - 121101
ATS-54270K-C1-R0 ATS-ATS-54270K-C1-R0 Datasheet
970Kb / 1P
   Rev - 121101High Performance BGA Cooling Solutions w/ Thermal Tape Attachment
Rev - 121101
ATS-54375D-C1-R0 ATS-ATS-54375D-C1-R0 Datasheet
971Kb / 1P
   Rev - 121101High Performance BGA Cooling Solutions w/ Thermal Tape Attachment
Rev - 121101
ATS-54350R-C1-R0 ATS-ATS-54350R-C1-R0 Datasheet
971Kb / 1P
   Rev - 121101High Performance BGA Cooling Solutions w/ Thermal Tape Attachment
Rev - 121101
ATS-55190K-C0-R0 ATS-ATS-55190K-C0-R0 Datasheet
344Kb / 1P
   High Performance BGA Cooling Solutions
REV1_1116
ATS-50450P-C3-R0 ATS-ATS-50450P-C3-R0 Datasheet
321Kb / 1P
   Ultra High Performance BGA Cooling Solutions
REV2_0712
ATS-X53310G-C1-R0 ATS-ATS-X53310G-C1-R0 Datasheet
2Mb / 1P
   High Performance BGA Cooling Solutions with superGRIP Attachment
REV1_0908
ATS-X53330G-C1-R0 ATS-ATS-X53330G-C1-R0 Datasheet
2Mb / 1P
   High Performance BGA Cooling Solutions with superGRIP Attachment
REV1_0908
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com