Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT25F512 Datasheet(PDF) 10 Page - ATMEL Corporation

Part # AT25F512
Description  Byte Mode and 256-byte Page Mode for Program Operations
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT25F512 Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button AT25F512_14 Datasheet HTML 6Page - ATMEL Corporation AT25F512_14 Datasheet HTML 7Page - ATMEL Corporation AT25F512_14 Datasheet HTML 8Page - ATMEL Corporation AT25F512_14 Datasheet HTML 9Page - ATMEL Corporation AT25F512_14 Datasheet HTML 10Page - ATMEL Corporation AT25F512_14 Datasheet HTML 11Page - ATMEL Corporation AT25F512_14 Datasheet HTML 12Page - ATMEL Corporation AT25F512_14 Datasheet HTML 13Page - ATMEL Corporation AT25F512_14 Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
10
AT25F512/1024
1440P–SEEPR–6/04
The READY/BUSY status of the device can be determined by initiating a RDSR instruc-
tion. If Bit 0 = 1, the program cycle is still in progress. If Bit 0 = 0, the program cycle has
ended. Only the RDSR instruction is enabled during the program cycle.
A single PROGRAM instruction programs 1 to 256 consecutive bytes within a page if it
is not write protected. The starting byte could be anywhere within the page. When the
end of the page is reached, the address will wrap around to the beginning of the same
page. If the data to be programmed are less than a full page, the data of all other bytes
on the same page will remain unchanged. If more than 256 bytes of data are provided,
the address counter will roll over on the same page and the previous data provided will
be replaced. The same byte cannot be reprogrammed without erasing the whole sector
first. The AT25F512/1024 will automatically return to the write disable state at the com-
pletion of the PROGRAM cycle.
Note:
If the device is not write enabled (WREN), the device will ignore the Write instruction and
will return to the standby state, when CS is brought high. A new CS falling edge is
required to re-initiate the serial communication.
Note:
1. For the AT25F512, A16 must be set to zero. If A16 of the AT25F512 is set to ONE,
READ data out are undetermined and PROGRAM, SECTOR ERASE and CHIP
ERASE may incur busy cycles.
SECTOR ERASE (SECTOR ERASE): Before a byte can be reprogrammed, the sector
which contains the byte must be erased. In order to erase the AT25F512/1024, two sep-
arate instructions must be executed. First, the device must be write enabled via the
WREN instruction. Then the SECTOR ERASE instruction can be executed.
The SECTOR ERASE instruction erases every byte in the selected sector if the sector is
not locked out. Sector address is automatically determined if any address within the sec-
tor is selected. The SECTOR ERASE instruction is internally controlled; it will
automatically be timed to completion. During this time, all commands will be ignored,
except RDSR instruction. The AT25F512/1024 will automatically return to the write dis-
able state at the completion of the SECTOR ERASE cycle.
CHIP ERASE (CHIP ERASE): As an alternative to the SECTOR ERASE, the CHIP
ERASE instruction will erase every byte in all sectors that are not locked out. First, the
device must be write enabled via the WREN instruction. Then the CHIP ERASE instruc-
tion can be executed. The CHIP ERASE instruction is internally controlled; it will
automatically be timed to completion. The CHIP ERASE cycle time typically is 3.5 sec-
onds. During the internal erase cycle, all instructions will be ignored except RDSR. The
AT25F512/1024 will automatically return to the write disable state at the completion of
the CHIP ERASE cycle.
Table 6. Address Key
Address
AT25F512
AT25F1024
AN
A15 - A0
A16 - A0
Zeros
A
16
(1)
-
Don’t Care Bits
A23 - A17
A23 - A17
Table 7. Sector Addresses
Sector Address
AT25F512 Sector
AT25F1024 Sector
000000 to 007FFF
Sector 1
Sector 1
008000 to 00FFFF
Sector 2
Sector 2
010000 to 017FFF
N/A
Sector 3
018000 to 01FFFF
N/A
Sector 4


Similar Part No. - AT25F512_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25F512A ATMEL-AT25F512A Datasheet
47Kb / 4P
   SPI EEPROM Product Qualification
AT25F512AN-10SH-2.7 ATMEL-AT25F512AN-10SH-2.7 Datasheet
622Kb / 19P
   512Kbit High Speed SPI Serial Flash Memory
AT25F512AY4-10YH-2.7 ATMEL-AT25F512AY4-10YH-2.7 Datasheet
622Kb / 19P
   512Kbit High Speed SPI Serial Flash Memory
AT25F512A ATMEL-AT25F512A_06 Datasheet
622Kb / 19P
   512Kbit High Speed SPI Serial Flash Memory
AT25F512B ATMEL-AT25F512B Datasheet
864Kb / 34P
   512-Kilobit 2.7-volt Minimum SPI Serial Flash Memory
More results

Similar Description - AT25F512_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25F1024 ATMEL-AT25F1024_14 Datasheet
268Kb / 18P
   Byte Mode and 256-byte Page Mode for Program Operations
AT25F4096 ATMEL-AT25F4096_14 Datasheet
358Kb / 19P
   Byte Mode and 256-byte Page Mode for Program Operations
AT25F1024A ATMEL-AT25F1024A_14 Datasheet
623Kb / 20P
   Byte Mode and 256-byte Page Mode for Program Operations
AT25F2048 ATMEL-AT25F2048_14 Datasheet
495Kb / 19P
   Byte Mode and 256-byte Page Mode for Program Operations
AT25HP512 ATMEL-AT25HP512_14 Datasheet
420Kb / 21P
   128-byte Page Mode Only for Write Operations
AT25HP256 ATMEL-AT25HP256_14 Datasheet
420Kb / 21P
   128-byte Page Mode Only for Write Operations
AT25P1024 ATMEL-AT25P1024_14 Datasheet
199Kb / 17P
   128-byte Page Mode Only for Write Operations
logo
STMicroelectronics
M35B32 STMICROELECTRONICS-M35B32 Datasheet
633Kb / 44P
   32 Kbit, 256-byte page, fast program EEPROM memory accessed by SPI bus interface
May 2015 Rev 4
logo
Fortune Semiconductor C...
FS98O24 FORTUNE-FS98O24 Datasheet
2Mb / 77P
   8-bit MCU with 4k program EPROM, 256-byte RAM
FS98O25 FORTUNE-FS98O25 Datasheet
2Mb / 142P
   8-bit MCU with 8k program EPROM, 256-byte RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com