Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT25F1024A Datasheet(PDF) 10 Page - ATMEL Corporation

Part # AT25F1024A
Description  Byte Mode and 256-byte Page Mode for Program Operations
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT25F1024A Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button AT25F1024A_14 Datasheet HTML 6Page - ATMEL Corporation AT25F1024A_14 Datasheet HTML 7Page - ATMEL Corporation AT25F1024A_14 Datasheet HTML 8Page - ATMEL Corporation AT25F1024A_14 Datasheet HTML 9Page - ATMEL Corporation AT25F1024A_14 Datasheet HTML 10Page - ATMEL Corporation AT25F1024A_14 Datasheet HTML 11Page - ATMEL Corporation AT25F1024A_14 Datasheet HTML 12Page - ATMEL Corporation AT25F1024A_14 Datasheet HTML 13Page - ATMEL Corporation AT25F1024A_14 Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
10
3346G–SFLSH–7/07
AT25F1024A
The WRSR instruction also allows the user to enable or disable the Write Protect (WP) pin
through the use of the write protect enable (WPEN) bit. Hardware write protection is enabled
when the WP pin is low and the WPEN bit is “1”. Hardware write protection is disabled when
either the WP pin is high or the WPEN bit is “0.” When the device is hardware write protected,
writes to the Status Register, including the Block Protect bits and the WPEN bit, and the locked-
out sectors in the memory array are disabled. Write is only allowed to sectors of the memory
which are not locked out. The WRSR instruction is self-timed to automatically erase and pro-
gram BP0, BP1, and WPEN bits. In order to write the status register, the device must first be
write enabled via the WREN instruction. Then, the instruction and data for the three bits are
entered. During the internal write cycle, all instructions will be ignored except RDSR instructions.
The AT25F1024A will automatically return to write disable state at the completion of the WRSR
cycle.
Note:
When the WPEN bit is hardware write protected, it cannot be changed back to “0”, as long as the
WP pin is held low.
READ (READ): Reading the AT25F1024A via the SO pin requires the following sequence. After
the CS line is pulled low to select a device, the Read instruction is transmitted via the SI line fol-
lowed by the byte address to be read (see Table 3-6 on page 13). Upon completion, any data on
the SI line will be ignored. The data (D7-D0) at the specified address is then shifted out onto the
SO line. If only one byte is to be read, the CS line should be driven high after the data comes
out. The Read instruction can be continued since the byte address is automatically incremented
and data will continue to be shifted out. For the AT25F1024A, when the highest address is
reached, the address counter will roll over to the lowest address allowing the entire memory to
be read in one continuous Read instruction.
PROGRAM (PROGRAM): In order to program the AT25F1024A, two separate instructions must
be executed. First, the device must be write enabled via the WREN instruction. Then the Pro-
gram instruction can be executed. Also, the address of the memory location(s) to be
programmed must be outside the protected address field location selected by the Block Write
Protection Level. During an internal self-timed programming cycle, all commands will be ignored
except the RDSR instruction.
The Program instruction requires the following sequence. After the CS line is pulled low to select
the device, the Program instruction is transmitted via the SI line followed by the byte address
and the data (D7-D0) to be programmed (see Table 3-7 on page 14). Programming will start
after the CS pin is brought high. The low-to-high transition of the CS pin must occur during the
SCK low time immediately after clocking in the D0 (LSB) data bit.
Table 2-5.
WPEN Operation
WPEN
WP
WEN
ProtectedBlocks
UnprotectedBlocks
Status Register
0
X
0
Protected
Protected
Protected
0
X
1
Protected
Writable
Writable
1
Low
0
Protected
Protected
Protected
1
Low
1
Protected
Writable
Protected
X
High
0
Protected
Protected
Protected
X
High
1
Protected
Writable
Writable


Similar Part No. - AT25F1024A_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25F1024AN-10SU-2.7 ATMEL-AT25F1024AN-10SU-2.7 Datasheet
299Kb / 18P
   SPI Serial Memory
AT25F1024AN-10SU-2.7 ATMEL-AT25F1024AN-10SU-2.7 Datasheet
617Kb / 20P
   1Mbit High Speed SPI Serial Flash Memory 1M (131,072 x 8)
AT25F1024AY4-10YU-2.7 ATMEL-AT25F1024AY4-10YU-2.7 Datasheet
299Kb / 18P
   SPI Serial Memory
AT25F1024AY4-10YU-2.7 ATMEL-AT25F1024AY4-10YU-2.7 Datasheet
617Kb / 20P
   1Mbit High Speed SPI Serial Flash Memory 1M (131,072 x 8)
AT25F1024A ATMEL-AT25F1024A_07 Datasheet
617Kb / 20P
   1Mbit High Speed SPI Serial Flash Memory 1M (131,072 x 8)
More results

Similar Description - AT25F1024A_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25F512 ATMEL-AT25F512_14 Datasheet
268Kb / 18P
   Byte Mode and 256-byte Page Mode for Program Operations
AT25F1024 ATMEL-AT25F1024_14 Datasheet
268Kb / 18P
   Byte Mode and 256-byte Page Mode for Program Operations
AT25F4096 ATMEL-AT25F4096_14 Datasheet
358Kb / 19P
   Byte Mode and 256-byte Page Mode for Program Operations
AT25F2048 ATMEL-AT25F2048_14 Datasheet
495Kb / 19P
   Byte Mode and 256-byte Page Mode for Program Operations
AT25HP512 ATMEL-AT25HP512_14 Datasheet
420Kb / 21P
   128-byte Page Mode Only for Write Operations
AT25HP256 ATMEL-AT25HP256_14 Datasheet
420Kb / 21P
   128-byte Page Mode Only for Write Operations
AT25P1024 ATMEL-AT25P1024_14 Datasheet
199Kb / 17P
   128-byte Page Mode Only for Write Operations
logo
STMicroelectronics
M35B32 STMICROELECTRONICS-M35B32 Datasheet
633Kb / 44P
   32 Kbit, 256-byte page, fast program EEPROM memory accessed by SPI bus interface
May 2015 Rev 4
logo
Fortune Semiconductor C...
FS98O24 FORTUNE-FS98O24 Datasheet
2Mb / 77P
   8-bit MCU with 4k program EPROM, 256-byte RAM
FS98O25 FORTUNE-FS98O25 Datasheet
2Mb / 142P
   8-bit MCU with 8k program EPROM, 256-byte RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com