Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EEE0JA470WR Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # EEE0JA470WR
Description  Aluminum Electrolytic Capacitors/ S
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEE0JA470WR Datasheet(HTML) 2 Page - Panasonic Semiconductor

  EEE0JA470WR Datasheet HTML 1Page - Panasonic Semiconductor EEE0JA470WR Datasheet HTML 2Page - Panasonic Semiconductor EEE0JA470WR Datasheet HTML 3Page - Panasonic Semiconductor EEE0JA470WR Datasheet HTML 4Page - Panasonic Semiconductor EEE0JA470WR Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Aluminum Electrolytic Capacitors/ S
– EEE-10 –
Standard Products
W.V.
Cap.
(±20 %)
Case size
Specification
Part No.
(RoHS:compliant)
Reflow
Min.
Packaging Q'ty
Dia.
Length
✽Size
Code
Ripple
Current
(120 Hz)
(+85 °C)
tan d
(120 Hz)
(+20 °C)
Endurance
Taping
(V)
(μF)
(mm)
(mm)
(mA r.m.s.)
(hours)
(pcs)
4
33
4
5.4
B
26
0.35
1000
EEE0GA330SR
(1)
2000
47
4
5.4
B
34
0.35
1000
EEE0GA470SR
(1)
2000
100
5
5.4
C
61
0.35
1000
EEE0GA101SR
(1)
1000
220
6.3
5.4
D
82
0.35
1000
EEE0GA221SP
(1)
1000
330
6.3
5.4
(D)
80
0.50
1000
EEE0GA331WP
(1)
1000
470
6.3
7.7
D8
200
0.35
1000
EEE0GA471XP
(1)
900
6.3
22
4
5.4
B
29
0.26
2000
EEE0JA220SR
(1)
2000
33
4
5.4
(B)
22
0.35
1000
EEE0JA330WR
(1)
2000
47
4
5.4
(B)
36
0.35
1000
EEE0JA470WR
(1)
2000
5
5.4
C
46
0.26
2000
EEE0JA470SR
(1)
1000
100
5
5.4
(C)
47
0.35
1000
EEE0JA101WR
(1)
1000
6.3
5.4
D
71
0.26
2000
EEE0JA101SP
(1)
1000
220
6.3
5.4
(D)
74
0.35
1000
EEE0JA221WP
(1)
1000
330
6.3
7.7
D8
188
0.26
2000
EEE0JA331XP
(1)
900
8
6.2
E
300
0.35
2000
EEE0JA331P
(2)
1000
470
8
10.2
F
380
0.35
2000
EEE0JA471P
(2)
500
1000
8
10.2
(F)
500
0.35
2000
EEE0JA102UP
(2)
500
10
10.2
G
700
0.35
2000
EEE0JA102P
(2)
500
1500
10
10.2
G
750
0.35
2000
EEE0JA152P
(2)
500
10
22
4
5.4
(B)
28
0.30
1000
EEE1AA220WR
(1)
2000
33
4
5.4
(B)
29
0.30
1000
EEE1AA330WR
(1)
2000
5
5.4
C
43
0.20
2000
EEE1AA330SR
(1)
1000
47
5
5.4
(C)
43
0.30
1000
EEE1AA470WR
(1)
1000
100
5
5.4
(C)
50
0.30
1000
EEE1AA101WR
(1)
1000
6.3
5.4
D
70
0.26
2000
EEE1AA101SP
(1)
1000
220
6.3
7.7
D8
173
0.20
2000
EEE1AA221XP
(1)
900
8
6.2
E
250
0.26
2000
EEE1AA221P
(2)
1000
330
8
10.2
F
390
0.26
2000
EEE1AA331P
(2)
500
470
8
10.2
(F)
390
0.26
2000
EEE1AA471UP
(2)
500
10
10.2
G
400
0.26
2000
EEE1AA471P
(2)
500
1000
10
10.2
G
580
0.26
2000
EEE1AA102P
(2)
500
16
10
4
5.4
B
28
0.16
2000
EEE1CA100SR
(1)
2000
22
4
5.4
(B)
28
0.26
1000
EEE1CA220WR
(1)
2000
5
5.4
C
39
0.16
2000
EEE1CA220SR
(1)
1000
33
5
5.4
(C)
35
0.26
1000
EEE1CA330WR
(1)
1000
47
5
5.4
(C)
39
0.26
1000
EEE1CA470WR
(1)
1000
6.3
5.4
D
70
0.16
2000
EEE1CA470SP
(1)
1000
100
6.3
5.4
(D)
70
0.26
1000
EEE1CA101WP
(1)
1000
8
6.2
E
200
0.20
2000
EEE1CA101P
(2)
1000
220
6.3
7.7
D8
162
0.16
2000
EEE1CA221XP
(1)
900
8
10.2
F
280
0.20
2000
EEE1CA221P
(2)
500
330
8
10.2
(F)
320
0.20
2000
EEE1CA331UP
(2)
500
10
10.2
G
380
0.20
2000
EEE1CA331P
(2)
500
470
8
10.2
(F)
350
0.20
2000
EEE1CA471UP
(2)
500
10
10.2
G
420
0.20
2000
EEE1CA471P
(2)
500
✽ Size code( ):Miniaturization product
· Please refer to the page of “Reflow Profile” and “The Taping Dimensions”.
· When requesting vibration-proof product, please put the last “V” instead to “P”
02 Mar. 2014


Similar Part No. - EEE0JA470WR

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEE0JA470WR PANASONIC-EEE0JA470WR Datasheet
111Kb / 5P
   Aluminum Electrolytic Capacitors/ S
EEE0JA470WR PANASONIC-EEE0JA470WR Datasheet
277Kb / 5P
   Surface Mount Type
EEE0JA470WR PANASONIC-EEE0JA470WR Datasheet
111Kb / 5P
   Aluminum Electrolytic Capacitors/ S
EEE0JA470WR PANASONIC-EEE0JA470WR Datasheet
111Kb / 5P
   Aluminum Electrolytic Capacitors/ S
EEE0JA470WR PANASONIC-EEE0JA470WR Datasheet
111Kb / 5P
   Aluminum Electrolytic Capacitors/ S
More results

Similar Description - EEE0JA470WR

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEE-1HA010SR PANASONIC-EEE-1HA010SR Datasheet
111Kb / 5P
   Aluminum Electrolytic Capacitors/ S
EEE-1EA331UAP PANASONIC-EEE-1EA331UAP Datasheet
91Kb / 3P
   Aluminum Electrolytic Capacitors/ S
EEE-1ES4R7SR PANASONIC-EEE-1ES4R7SR Datasheet
106Kb / 5P
   Aluminum Electrolytic Capacitors/ S
EEE-1HA100WAR PANASONIC-EEE-1HA100WAR Datasheet
80Kb / 3P
   Aluminum Electrolytic Capacitors/ S
EEE-1HA221P PANASONIC-EEE-1HA221P Datasheet
106Kb / 5P
   Aluminum Electrolytic Capacitors/ S
EEE-1CA470SP PANASONIC-EEE-1CA470SP Datasheet
111Kb / 5P
   Aluminum Electrolytic Capacitors/ S
EEE-2AA220P PANASONIC-EEE-2AA220P Datasheet
111Kb / 5P
   Aluminum Electrolytic Capacitors/ S
EEE0GS220SR PANASONIC-EEE0GS220SR_13 Datasheet
106Kb / 5P
   Aluminum Electrolytic Capacitors S
logo
List of Unclassifed Man...
EEE-1CA471P ETC2-EEE-1CA471P Datasheet
111Kb / 5P
   Aluminum Electrolytic Capacitors/ S
logo
Pacific Silicon Sensor,...
EEE-0JA470WR PACIFIC-EEE-0JA470WR Datasheet
106Kb / 5P
   Aluminum Electrolytic Capacitors/ S
logo
Panasonic Semiconductor
EEE-1CA470WR PANASONIC-EEE-1CA470WR Datasheet
106Kb / 5P
   Aluminum Electrolytic Capacitors/ S
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com