Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EEE1VA101P Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part # EEE1VA101P
Description  Aluminum Electrolytic Capacitors/ S
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEE1VA101P Datasheet(HTML) 5 Page - Panasonic Semiconductor

  EEE1VA101P Datasheet HTML 1Page - Panasonic Semiconductor EEE1VA101P Datasheet HTML 2Page - Panasonic Semiconductor EEE1VA101P Datasheet HTML 3Page - Panasonic Semiconductor EEE1VA101P Datasheet HTML 4Page - Panasonic Semiconductor EEE1VA101P Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Aluminum Electrolytic Capacitors/ S
– EEE-13 –
Standard Products (Bi-polar)
W.V.
Cap.
(±20 %)
Case size
Specification
Part No.
(RoHS:compliant)
Reflow
Min.
Packaging Q'ty
Dia.
Length
Size
Code
Ripple
Current
(120 Hz)
(+85 °C)
tan d
(120 Hz)
(+20 °C)
Endurance
Taping
(V)
(μF)
(mm)
(mm)
(mA r.m.s.)
(hours)
(pcs)
6.3
22
5
5.4
C
29
0.52
2000
EEE0JA220NR
(1)
1000
47
6.3
5.4
D
46
0.52
2000
EEE0JA470NP
(1)
1000
10
10
4
5.4
B
25
0.40
2000
EEE1AA100NR
(1)
2000
33
6.3
5.4
D
43
0.40
2000
EEE1AA330NP
(1)
1000
16
4.7
4
5.4
B
20
0.32
2000
EEE1CA4R7NR
(1)
2000
10
5
5.4
C
25
0.32
2000
EEE1CA100NR
(1)
1000
22
6.3
5.4
D
39
0.32
2000
EEE1CA220NP
(1)
1000
25
3.3
4
5.4
B
12
0.28
2000
EEE1EA3R3NR
(1)
2000
4.7
5
5.4
C
21
0.28
2000
EEE1EA4R7NR
(1)
1000
10
6.3
5.4
D
28
0.28
2000
EEE1EA100NP
(1)
1000
35
2.2
4
5.4
B
12
0.24
2000
EEE1VA2R2NR
(1)
2000
4.7
5
5.4
C
22
0.24
2000
EEE1VA4R7NR
(1)
1000
10
6.3
5.4
D
30
0.24
2000
EEE1VA100NP
(1)
1000
50
0.22
4
5.4
B
2
0.24
2000
EEE1HAR22NR
✽✽✽
(1)
2000
0.33
4
5.4
B
3
0.24
2000
EEE1HAR33NR
✽✽✽
(1)
2000
0.47
4
5.4
B
5
0.24
2000
EEE1HAR47NR
✽✽✽
(1)
2000
1
4
5.4
B
10
0.24
2000
EEE1HA010NR
(1)
2000
2.2
5
5.4
C
16
0.24
2000
EEE1HA2R2NR
(1)
1000
3.3
5
5.4
C
21
0.24
2000
EEENZ1H3R3R
(1)
1000
4.7
6.3
5.4
D
31
0.24
2000
EEE1HA4R7NP
(1)
1000
✽✽✽ Please kindly accept last shipment : 31/Mar/2015
· Please refer to the page of “Reflow Profile” and “The Taping Dimensions”.
· When requesting vibration-proof product, please put the last “V” instead to “P”
Endurance : 85 °C 2000 h
02 Mar. 2014


Similar Part No. - EEE1VA101P

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEE1VA101P PANASONIC-EEE1VA101P Datasheet
277Kb / 5P
   Surface Mount Type
EEE1VA101P PANASONIC-EEE1VA101P Datasheet
106Kb / 5P
   Aluminum Electrolytic Capacitors/ S
EEE1VA101P PANASONIC-EEE1VA101P Datasheet
111Kb / 5P
   Aluminum Electrolytic Capacitors/ S
EEE1VA101P PANASONIC-EEE1VA101P Datasheet
106Kb / 5P
   Aluminum Electrolytic Capacitors S
EEE1VA101P PANASONIC-EEE1VA101P Datasheet
106Kb / 5P
   Aluminum Electrolytic Capacitors/ S
More results

Similar Description - EEE1VA101P

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEE-1EA331UAP PANASONIC-EEE-1EA331UAP Datasheet
91Kb / 3P
   Aluminum Electrolytic Capacitors/ S
EEE-1ES4R7SR PANASONIC-EEE-1ES4R7SR Datasheet
106Kb / 5P
   Aluminum Electrolytic Capacitors/ S
EEE-1HA100WAR PANASONIC-EEE-1HA100WAR Datasheet
80Kb / 3P
   Aluminum Electrolytic Capacitors/ S
EEE-1HA221P PANASONIC-EEE-1HA221P Datasheet
106Kb / 5P
   Aluminum Electrolytic Capacitors/ S
EEE-1CA470SP PANASONIC-EEE-1CA470SP Datasheet
111Kb / 5P
   Aluminum Electrolytic Capacitors/ S
EEE-2AA220P PANASONIC-EEE-2AA220P Datasheet
111Kb / 5P
   Aluminum Electrolytic Capacitors/ S
EEE0GS220SR PANASONIC-EEE0GS220SR_13 Datasheet
106Kb / 5P
   Aluminum Electrolytic Capacitors S
logo
List of Unclassifed Man...
EEE-1CA471P ETC2-EEE-1CA471P Datasheet
111Kb / 5P
   Aluminum Electrolytic Capacitors/ S
logo
Pacific Silicon Sensor,...
EEE-0JA470WR PACIFIC-EEE-0JA470WR Datasheet
106Kb / 5P
   Aluminum Electrolytic Capacitors/ S
logo
Panasonic Semiconductor
EEE-1CA470WR PANASONIC-EEE-1CA470WR Datasheet
106Kb / 5P
   Aluminum Electrolytic Capacitors/ S
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com