Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELJPC2R2MF3 Datasheet(PDF) 8 Page - Panasonic Semiconductor

Part # ELJPC2R2MF3
Description  Low DCR and large current capability, suitable for power circuitry.
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ELJPC2R2MF3 Datasheet(HTML) 8 Page - Panasonic Semiconductor

Back Button ELJPC2R2MF3 Datasheet HTML 2Page - Panasonic Semiconductor ELJPC2R2MF3 Datasheet HTML 3Page - Panasonic Semiconductor ELJPC2R2MF3 Datasheet HTML 4Page - Panasonic Semiconductor ELJPC2R2MF3 Datasheet HTML 5Page - Panasonic Semiconductor ELJPC2R2MF3 Datasheet HTML 6Page - Panasonic Semiconductor ELJPC2R2MF3 Datasheet HTML 7Page - Panasonic Semiconductor ELJPC2R2MF3 Datasheet HTML 8Page - Panasonic Semiconductor ELJPC2R2MF3 Datasheet HTML 9Page - Panasonic Semiconductor ELJPC2R2MF3 Datasheet HTML 10Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Fixed Inductors (Chip Inductors)
t2
Time
T3
T2
T1
t1
0
Soldering Conditions
Reflow soldering conditions
● Pb free solder recommended temperature profile
Flow soldering conditions
Preheat: 130 to 150 °C, 60 to 180 s, Soldering: 260 °C, 5 s max.
Notes
● Solderability may be reduced due to the conditions of high temperature and high humidity which causes the oxidation
of tin-plated terminals. Even if storage conditions are within specified limits, solderability may be reduced with the
passage of time. Therefore, please control the storage conditions and try to use the product within 6 months of receipt.
● In case the product has been stored for a period longer than 6 months, use the product only after confirmation of its
solderability.
Type
Preheat
Soldering
Peak Temperature
Time of
Reflow
T1 [°C]
t1 [s]
T2 [°C]
t2 [s]
T3
T3 Limit
□F
150 to 180
60 to 120
230 °C
40 max.
250 °C, 10 s
260 °C, 10 s
2 times max.
□E
150 to 180
60 to 120
230 °C
40 max.
250 °C, 10 s
260 °C, 10 s
2 times max.
□D
150 to 180
60 to 120
230 °C
40 max.
245 °C, 10 s
250 °C, 10 s
2 times max.
□C
150 to 180
60 to 120
230 °C
40 max.
245 °C, 10 s
250 °C, 10 s
2 times max.
□A
150 to 180
60 to 120
230 °C
40 max.
245 °C, 10 s
250 °C, 10 s
2 times max.
□B
150 to 180
60 to 120
230 °C
40 max.
245 °C, 10 s
250 °C, 10 s
2 times max.
Sep. 2012
03
8


Similar Part No. - ELJPC2R2MF3

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELJPC2R2MF3 PANASONIC-ELJPC2R2MF3 Datasheet
134Kb / 7P
   Fixed Inductors Chip Inductors
More results

Similar Description - ELJPC2R2MF3

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
DFEH12060D TOKO-DFEH12060D Datasheet
229Kb / 1P
   Suitable for large current
logo
KODENSHI_AUK CORP.
DN100 KODENSHI-DN100 Datasheet
178Kb / 4P
   Suitable for low voltage large current drivers
DP500F KODENSHI-DP500F Datasheet
285Kb / 4P
   Suitable for low voltage large current drivers
DN050 KODENSHI-DN050 Datasheet
197Kb / 4P
   Suitable for low voltage large current drivers
DP500P KODENSHI-DP500P Datasheet
53Kb / 3P
   Suitable for low voltage large current drivers
DN050S KODENSHI-DN050S Datasheet
272Kb / 4P
   Suitable for low voltage large current drivers
DP500 KODENSHI-DP500 Datasheet
59Kb / 3P
   Suitable for low voltage large current drivers
SPS8550 KODENSHI-SPS8550 Datasheet
192Kb / 4P
   Suitable for low voltage large current drivers
DP500F KODENSHI-DP500F Datasheet
285Kb / 4P
   Suitable for low voltage large current drivers
logo
Murata Manufacturing Co...
PLT10HH9016R0PN MURATA1-PLT10HH9016R0PN_V01 Datasheet
399Kb / 4P
   Meets large current up to 18A max. suitable for power lines
Last updated07/27/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com