Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S4065KTP Datasheet(PDF) 7 Page - Littelfuse

Part # S4065KTP
Description  Teccor brand Thyristors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

S4065KTP Datasheet(HTML) 7 Page - Littelfuse

  S4065KTP Datasheet HTML 1Page - Littelfuse S4065KTP Datasheet HTML 2Page - Littelfuse S4065KTP Datasheet HTML 3Page - Littelfuse S4065KTP Datasheet HTML 4Page - Littelfuse S4065KTP Datasheet HTML 5Page - Littelfuse S4065KTP Datasheet HTML 6Page - Littelfuse S4065KTP Datasheet HTML 7Page - Littelfuse S4065KTP Datasheet HTML 8Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
337
Revised: 09/23/13
©2013 Littelfuse, Inc
Specifications are subject to change without notice.
Teccor® brand Thyristors
65 / 70 Amp Standard SCRs
Sxx65x & Sxx70x Series
Dimensions – TO-218X (J Package) — Isolated Mounting Tab Common with Center Lead
Dimension
Inches
Millimeters
Min
Max
Min
Max
A
0.810
0.835
20.57
21.21
B
0.610
0.630
15.49
16.00
C
0.178
0.188
4.52
4.78
D
0.055
0.070
1.40
1.78
E
0.487
0.497
12.37
12.62
F
0.635
0.655
16.13
16.64
G
0.022
0.029
0.56
0.74
H
0.075
0.095
1.91
2.41
J
0.575
0.625
14.61
15.88
K
0.256
0.264
6.50
6.71
L
0.220
0.228
5.58
5.79
M
0.080
0.088
2.03
2.24
N
0.169
0.177
4.29
4.49
P
0.034
0.042
0.86
1.07
R
0.113
0.121
2.87
3.07
S
0.086
0.096
2.18
2.44
T
0.156
0.166
3.96
4.22
U
0.164
0.165
4.10
4.20
V
0.603
0.618
15.31
15.70
W
0.000
0.005
0.00
0.13
X
0.003
0.012
0.07
0.30
Y
0.028
0.032
0.71
0.81
Z
0.085
0.095
2.17
2.42
Product Selector
Part Number
Voltage
Gate Sensitivity
Type
Package
400V
600V
800V
1000V
Sxx65K
XXXX
50mA
Standard SCR
TO-218AC
Sxx65J
X
X
X
50mA
Standard SCR
TO-218X
Sxx70W
X
X
X
50mA
Standard SCR
TO-218X
Note: xx = Voltage
Packing Options
Part Number
Marking
Weight
Packing Mode
Base Quantity
Sxx65KTP
Sxx65K
4.40g
Tube
250 (25 per tube)
Sxx65JTP
Sxx65J
5.23g
Tube
250 (25 per tube)
Sxx70WTP
Sxx70W
5.23g
Tube
250 (25 per tube)
Note: xx = Voltage
G
R
Y
H
D
C
K
B
A
E
F
N
T
M
P
J
L
S
V
U (diameter)
W
X
CATHODE
Tc
Measurement
Point
GATE
Note: Maximum torque to
be applied to mounting tab
is 8 in-lbs. (0.904 Nm).
Z
ANODE


Similar Part No. - S4065KTP

ManufacturerPart #DatasheetDescription
logo
Teccor Electronics
S4065K TECCOR-S4065K Datasheet
222Kb / 12P
   SCRs
logo
Littelfuse
S4065K LITTELFUSE-S4065K Datasheet
212Kb / 12P
   SCRs (1 A to 70 A)
S4065K LITTELFUSE-S4065K Datasheet
218Kb / 12P
   RoHS Compliant, Electrically-isolated package
logo
New Jersey Semi-Conduct...
S4065K NJSEMI-S4065K Datasheet
1Mb / 2P
   Electrical Specifications
More results

Similar Description - S4065KTP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
L0109MTRP LITTELFUSE-L0109MTRP Datasheet
1Mb / 8P
   Teccor brand Thyristors Teccor brand Thyristors
S2055WTP LITTELFUSE-S2055WTP Datasheet
236Kb / 9P
   Teccor brand Thyristors
LX8 LITTELFUSE-LX8 Datasheet
257Kb / 8P
   Teccor brand Thyristors
S6S2RP LITTELFUSE-S6S2RP Datasheet
293Kb / 10P
   Teccor brand Thyristors
K2201G LITTELFUSE-K2201G Datasheet
225Kb / 6P
   Teccor brand Thyristors
K2500SRP LITTELFUSE-K2500SRP Datasheet
431Kb / 12P
   Teccor brand Thyristors
S2065KTP LITTELFUSE-S2065KTP Datasheet
207Kb / 8P
   Teccor brand Thyristors
S4040XQX LITTELFUSE-S4040XQX Datasheet
920Kb / 8P
   Teccor brand Thyristors
Q6025K6TP LITTELFUSE-Q6025K6TP Datasheet
278Kb / 11P
   Teccor brand Thyristors
S402ES LITTELFUSE-S402ES Datasheet
224Kb / 8P
   Teccor brand Thyristors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com