Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T1090NL Datasheet(PDF) 5 Page - Pulse A Technitrol Company

Part # T1090NL
Description  T1/Cept/ISDN-PRI Transformers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

T1090NL Datasheet(HTML) 5 Page - Pulse A Technitrol Company

  T1090NL Datasheet HTML 1Page - Pulse A Technitrol Company T1090NL Datasheet HTML 2Page - Pulse A Technitrol Company T1090NL Datasheet HTML 3Page - Pulse A Technitrol Company T1090NL Datasheet HTML 4Page - Pulse A Technitrol Company T1090NL Datasheet HTML 5Page - Pulse A Technitrol Company T1090NL Datasheet HTML 6Page - Pulse A Technitrol Company T1090NL Datasheet HTML 7Page - Pulse A Technitrol Company T1090NL Datasheet HTML 8Page - Pulse A Technitrol Company T1090NL Datasheet HTML 9Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
T608.U (05/12)
5
pulseelectronics.com
T1/Cept/ISDN-PRI Transformers
TD DUAL
HD DUAL
Mechanicals
Schematics
Weight .......................2.6 grams
Tube ..............................25/tube
Weight .......................2.3 grams
Tube ..............................25/tube
Dimensions:
Dimensions:
Inches
mm
Inches
mm
.010
0,25
.010
0,25
Unless otherwise specified, all tolerances are ±
Unless otherwise specified, all tolerances are ±
14 13 12 11 10 9 8
PE-XXXXXNL
DATE CODE
.300
7,62
.130
3,30
.290 MAX
7,37
.800 MAX
20,32
1.00 TYP
2,54
.385 MAX
9,80
1 2 3 4 5 6 7
3,30
.290 MAX
7,37
PE-XXXXXNL
DATE CODE
.800
MAX
20,32
.250 MAX
6,35
.300
7,62
.130
3,30
1.00 TYP
2,54
.385
MAX
9,80
14 13 12 11 10 9 8
1 2 3 4 5 6 7
Note: Leads are 24 AWG solderable.
.300
7,62
.130
3,30
.290 MAX
7,37
16
9
18
PE-XXXXXNL
DATE CODE
.385
MAX
9,80
1.00
MAX
25,40
1.00 TYP
2,54
14 13 12 11 10 9 8
PE-XXXXXNL
DATE CODE
.300
7,62
.130
3,30
.290 MAX
7,37
.800 MAX
20,32
1.00 TYP
2,54
.385 MAX
9,80
1 2 3 4 5 6 7
3,30
.290 MAX
7,37
PE-XXXXXNL
DATE CODE
.800
MAX
20,32
.250 MAX
6,35
.300
7,62
.130
3,30
1.00 TYP
2,54
.385
MAX
9,80
14 13 12 11 10 9 8
1 2 3 4 5 6 7
Note: Leads are 24 AWG solderable.
.300
7,62
.130
3,30
.290 MAX
7,37
16
9
18
PE-XXXXXNL
DATE CODE
.385
MAX
9,80
1.00
MAX
25,40
1.00 TYP
2,54
Dual Through Hole, 1500 Vrms
Electrical Specifications @ 25°C
RoHS-6 Compliant
Part Number
Turns Ratio
(Pri:Sec
±5%)
OCL @ 25�C
(mH MIN)
w/w
(pF MAX)
L
(
μH MAX)
DCR Pri
(
Ω MAX)
DCR Sec
(
Ω MAX)
Package/
Schematic
Primary
Pins
PE-64921NL
1:2CT & 1:1.36
1.20 & 1.20
35 & 35
0.50 & 0.80
0.80 & 0.80
1.20 & 1.00
HD/2
14-12, 5-7
PE-65565NL
1:1.15CT & 1:2CT
1.50 & 1.20
35 & 40
0.60 & 0.50
0.70 & 0.70
1.10 & 1.30
TD/1
14-12, 5-7
B
L
C
Standard Temperature Range Single Transformers - Operating Temperature 0�C to +70�C
See Pages 7 and 8 for Table Notes.


Similar Part No. - T1090NL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
T1090NL PULSE-T1090NL Datasheet
649Kb / 8P
   T1/CEPT/ISDN-PRI TRANSFORMERS
T1090NL PULSE-T1090NL Datasheet
649Kb / 8P
   T1/CEPT/ISDN-PRI TRANSFORMERS
T1090NL PULSE-T1090NL Datasheet
154Kb / 8P
   TRANSFORMERS
T1090NL PULSE-T1090NL Datasheet
2Mb / 9P
   T1/Cept/ISDN-PRI Transformers
More results

Similar Description - T1090NL

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
1008 XFMRS-1008_15 Datasheet
51Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMERS
logo
Bothhand USA, LP.
S8677 BOTHHAND-S8677 Datasheet
77Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMERS
logo
List of Unclassifed Man...
BH-S5351 ETC-BH-S5351 Datasheet
12Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMERS
logo
XFMRS Inc.
XF0053-00S XFMRS-XF0053-00S Datasheet
50Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMERS
XF70061T1 XFMRS-XF70061T1 Datasheet
50Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMERS
XF70061T3 XFMRS-XF70061T3 Datasheet
50Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMERS
XF0013-31 XFMRS-XF0013-31_15 Datasheet
70Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMERS
XF0013-91 XFMRS-XF0013-91_15 Datasheet
121Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMERS
logo
Bothhand USA, LP.
S5813 BOTHHAND-S5813 Datasheet
65Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMERS
S5821 BOTHHAND-S5821 Datasheet
67Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMERS
logo
XFMRS Inc.
XF00123D XFMRS-XF00123D_09 Datasheet
55Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMERS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com