Electronic Components Datasheet Search |
|
39543-3022 Datasheet(PDF) 1 Page - Molex Electronics Ltd. |
|
39543-3022 Datasheet(HTML) 1 Page - Molex Electronics Ltd. |
|
1 / 1 page This document was generated on 12/24/2014 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: 39543-3022 Status: Active Overview: Eurostyle™ Terminal Blocks Description: 5.00mm Pitch Eurostyle™ Vertical Fixed Mount PCB Terminal Block, 22 Circuits Documents: 3D Model RoHS Certificate of Compliance (PDF) Drawing (PDF) General Product Family Terminal Blocks Series 39543 Application N/A Component Type One Piece Overview Eurostyle™ Terminal Blocks Product Name ESE, Eurostyle™Fixed Mount Type Euro Block UPC 822350543071 Physical Circuits (Loaded) 22 Entry Angle Horizontal Lock to Mating Part None Number of Rows 1 Orientation Vertical PC Tail Length 3.00mm PCB Thickness - Recommended 2.00mm Panel Mount No Pitch - Mating Interface 5.00mm Pitch - Termination Interface 5.00mm Polarized to Mating Part N/A Stackable No Temperature Range - Operating -40°C to +105°C Wire Size AWG 14, 16, 18, 20, 22 Wire Size mm² 0.33 - 2.08 Electrical Current - Maximum per Contact 15A Voltage - Maximum 300V Solder Process Data Duration at Max. Process Temperature (seconds) 5 Lead-free Process Capability Wave Capable (TH only) Max. Cycles at Max. Process Temperature 135 Process Temperature max. C 260 Material Info Reference - Drawing Numbers Sales Drawing SD-39543-005 Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Low-Halogen Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. Search Parts in this Series 39543Series This document was generated on 12/24/2014 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION |
Similar Part No. - 39543-3022 |
|
Similar Description - 39543-3022 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |