Electronic Components Datasheet Search |
|
EEEFK1V331GP Datasheet(PDF) 2 Page - Panasonic Semiconductor |
|
EEEFK1V331GP Datasheet(HTML) 2 Page - Panasonic Semiconductor |
2 / 4 page Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use. Should a safety concern arise regarding this product, please be sure to contact us immediately. Aluminum Electrolytic Capacitors/ FK – EE64 – ■ Standard Products W.V. Cap. (±20 %) Case size Specification Part No. (RoHS:compliant) Reflow Min. Packaging Q'ty Dia. Length ✽Size Code Ripple Current (100 kHz) (+105 °C) Impedance (100 kHz) (+20 °C) tan δ (120 Hz) (+20 °C) Taping (V) (µF) (mm) (mm) (mA r.m.s.) ( )(pcs) 6.3 22 4 5.8 B 90 1.35 0.26 EEEFK0J220R (1) 2000 47 45.8 (B) 90 1.35 0.26 EEEFK0J470UR (1) 2000 55.8 C 160 0.70 0.26 EEEFK0J470R (1) 1000 100 55.8 (C) 160 0.70 0.26 EEEFK0J101UR (1) 1000 6.3 5.8 D 240 0.36 0.26 EEEFK0J101P (1) 1000 220 6.3 5.8 D 2400.36 0.26 EEEFK0J221P (1) 1000 330 6.3 7.7 D8 280 0.34 0.26 EEEFK0J331XP (1) 900 86.2 E 300 0.26 0.26 EEEFK0J331P (2) 1000 470 8 10.2 F 600 0.16 0.26 EEEFK0J471P (2) 500 1000 8 10.2 F 600 0.16 0.26 EEEFK0J102P (2) 500 1500 10 10.2 G 850 0.08 0.26 EEEFK0J152P (2) 500 3300 12.5 13.5 H13 1100 0.06 0.30 EEVFK0J332Q (3) 200 6800 16 16.5 J16 1800 0.035 0.36 EEVFK0J682M (3) 125 10 22 4 5.8 B 90 1.35 0.19 EEEFK1A220R (1) 2000 33 45.8 (B) 90 1.35 0.19 EEEFK1A330UR (1) 2000 55.8 C 160 0.70 0.19 EEEFK1A330R (1) 1000 150 6.3 5.8 D 2400.36 0.19 EEEFK1A151P (1) 1000 220 6.3 7.7 D8 280 0.34 0.19 EEEFK1A221XP (1) 900 86.2 E 300 0.26 0.19 EEEFK1A221P (2) 1000 330 8 10.2 F 600 0.16 0.19 EEEFK1A331P (2) 500 470 8 10.2 F 600 0.16 0.19 EEEFK1A471P (2) 500 680 8 10.2 F 600 0.16 0.19 EEEFK1A681P (2) 500 1000 10 10.2 G 850 0.08 0.19 EEEFK1A102P (2) 500 2200 12.5 13.5 H13 1100 0.06 0.21 EEVFK1A222Q (3) 200 4700 16 16.5 J16 1800 0.035 0.25 EEVFK1A472M (3) 125 6800 18 16.5 K16 2060 0.033 0.29 EEVFK1A682M (3) 125 16 10 4 5.8 B 90 1.35 0.16 EEEFK1C100R (1) 2000 22 45.8 (B) 90 1.35 0.16 EEEFK1C220UR (1) 2000 55.8 C 160 0.70 0.16 EEEFK1C220R (1) 1000 47 55.8 (C) 160 0.70 0.16 EEEFK1C470UR (1) 1000 6.3 5.8 D 240 0.36 0.16 EEEFK1C470P (1) 1000 68 6.3 5.8 D 240 0.36 0.16 EEEFK1C680P (1) 1000 100 6.3 5.8 D 2400.36 0.16 EEEFK1C101P (1) 1000 150 6.3 7.7 D8 280 0.34 0.16 EEEFK1C151XP (1) 900 220 6.3 7.7 D8 280 0.34 0.16 EEEFK1C221XP (1) 900 86.2 E 300 0.26 0.16 EEEFK1C221P (2) 1000 330 8 10.2 F 600 0.16 0.16 EEEFK1C331P (2) 500 470 8 10.2 F 600 0.16 0.16 EEEFK1C471P (2) 500 680 10 10.2 G 850 0.08 0.16 EEEFK1C681P (2) 500 1500 12.5 13.5 H13 1100 0.06 0.16 EEVFK1C152Q (3) 200 3300 16 16.5 J16 1800 0.035 0.20 EEVFK1C332M (3) 125 4700 18 16.5 K16 2060 0.033 0.22 EEVFK1C472M (3) 125 25 10 4 5.8 B 90 1.35 0.14 EEEFK1E100R (1) 2000 22 5 5.8 C 160 0.70 0.14 EEEFK1E220R (1) 1000 33 55.8 (C) 160 0.70 0.14 EEEFK1E330UR (1) 1000 6.3 5.8 D 240 0.36 0.14 EEEFK1E330P (1) 1000 47 6.3 5.8 D 240 0.36 0.14 EEEFK1E470P (1) 1000 68 6.3 5.8 D 240 0.36 0.14 EEEFK1E680P (1) 1000 100 6.3 7.7 D8 280 0.34 0.14 EEEFK1E101XP (1) 900 86.2 E 300 0.26 0.14 EEEFK1E101P (2) 1000 150 8 10.2 F 600 0.16 0.14 EEEFK1E151P (2) 500 220 8 10.2 F 600 0.16 0.14 EEEFK1E221P (2) 500 330 8 10.2 F 600 0.16 0.14 EEEFK1E331P (2) 500 470 10 10.2 G 850 0.08 0.14 EEEFK1E471P (2) 500 1000 12.5 13.5 H13 1100 0.06 0.14 EEVFK1E102Q (3) 200 1500 16 16.5 J16 1800 0.035 0.14 EEVFK1E152M (3) 125 2200 16 16.5 J16 1800 0.035 0.16 EEVFK1E222M (3) 125 3300 18 16.5 K16 2060 0.033 0.18 EEVFK1E332M (3) 125 ✽ Size code( ):Miniaturization product The taping dimensions are explained on EE188 of our Catalog. Please use it as a reference guide. Reflow Profile(Fig-1 to Fig-8) listed on EE186 of our Catalog. Endurance : 105 °C 2000 h ( > φ12.5 : 5000 h) Sep. 2010 00 |
Similar Part No. - EEEFK1V331GP |
|
Similar Description - EEEFK1V331GP |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |